전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7569 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD7569
상세설명  Complete, 8-Bit Analog I/0 Systems
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7569 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD7569_15 Datasheet HTML 7Page - Analog Devices AD7569_15 Datasheet HTML 8Page - Analog Devices AD7569_15 Datasheet HTML 9Page - Analog Devices AD7569_15 Datasheet HTML 10Page - Analog Devices AD7569_15 Datasheet HTML 11Page - Analog Devices AD7569_15 Datasheet HTML 12Page - Analog Devices AD7569_15 Datasheet HTML 13Page - Analog Devices AD7569_15 Datasheet HTML 14Page - Analog Devices AD7569_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD7569/AD7669
–11–
REV. B
RESET
line, the DAC output resets to 0 V when the entire
system is reset. Figure 7 shows the input control logic for the
AD7569 DAC; the write cycle timing diagram is shown in
Figure 8.
Figure 7. AD7569 DAC Input Control Logic
Figure 8. AD7569/AD7669 Write Cycle Timing Diagram
DAC Timing and Control—AD7669
Table III shows the truth table for the dual DAC operation of
the AD7669. The part contains two 8-bit DAC registers that are
loaded from the data bus under the control of CS, A/B and WR.
Address line A/B selects which DAC register the data is
loaded to. The data contained in the DAC registers determines
the analog output from the respective DACs. The WR input is
an edge-triggered input, and data is transferred into the selected
DAC register on the rising edge of WR. Holding CS and WR
low does not make the selected DAC register transparent. The
A
/B input should not be changed while CS and WR are low.
Table III. AD7669 DAC Truth Table
CS
WR
A
/B
RESET
DAC Function
H
H
X
H
DAC Registers Unaffected
L
g
L
H
DACA Register Updated
g
L
L
H
DACA Register Updated
L
g
H
H
DACB Register Updated
g
L
H
H
DACB Register Updated
X
X
X
L
DAC Registers Loaded with
All Zeros
L = Low State, H = High State, X = Don’t Care
The contents of the DAC registers are reset to all 0s by an active
low pulse on the RESET line, and for the unipolar output
ranges, the outputs remain at 0 V after RESET returns high.
For the bipolar output ranges, a low pulse on RESET causes the
outputs to go to negative full scale. In unipolar applications, the
RESET
line can be used to ensure power-up to 0 V on the
AD7669 DAC outputs and is also useful when used as a zero
override in system calibration cycles. If the RESET input is con-
nected to the system RESET line, then the DAC outputs reset
to 0 V when the entire system is reset. Figure 9 shows the DAC
input control logic for the AD7669, and the write cycle timing
diagram is shown in Figure 8.
Figure 9. AD7669 DAC Control Logic
ADC Timing and Control
The ADC on the AD7569/AD7669 is capable of two basic oper-
ating modes. In the first mode, the ST line is used to start con-
version and drive the track-and-hold into hold mode. At the end
of conversion, the track-and-hold returns to its tracking mode.
The second mode is achieved by hard-wiring the ST line high.
In this case, CS and RD start conversion, and the microproces-
sor is driven into a WAIT state for the duration of conversion by
BUSY
.
Figure 10. ADC Mode 1 Interface Timing


유사한 부품 번호 - AD7569_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7569ACHIPS AD-AD7569ACHIPS Datasheet
504Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569AQ AD-AD7569AQ Datasheet
504Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569AQ AD-AD7569AQ Datasheet
443Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569AQ AD-AD7569AQ Datasheet
443Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569BN AD-AD7569BN Datasheet
504Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
More results

유사한 설명 - AD7569_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7669 AD-AD7669_15 Datasheet
506Kb / 20P
   Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569JNZ AD-AD7569JNZ Datasheet
443Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569TQ AD-AD7569TQ Datasheet
443Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569 AD-AD7569 Datasheet
504Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569KNZ AD-AD7569KNZ Datasheet
506Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
logo
Maxim Integrated Produc...
MAX180 MAXIM-MAX180 Datasheet
732Kb / 20P
   Complete, 8-Channel, 12-Bit Data-Acquisition Systems
19-3950; Rev 0; 6/91
logo
Analog Devices
AD7869 AD-AD7869 Datasheet
297Kb / 16P
   LC2MOS Complete, 14-Bit Analog I/O System
REV. A
AD7868 AD-AD7868 Datasheet
337Kb / 16P
   LC2MOS Complete, 12-Bit Analog I/O System
REV. B
AD7868 AD-AD7868_15 Datasheet
340Kb / 16P
   LC MOS Complete, 12-Bit Analog I/O System
REV. B
AD7869 AD-AD7869_15 Datasheet
224Kb / 16P
   LC MOS Complete, 14-Bit Analog I/O System
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com