전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA1524 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 CA1524
상세설명  Regulating Pulse Width Modulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA1524 데이터시트(HTML) 8 Page - Intersil Corporation

Back Button CA1524 Datasheet HTML 4Page - Intersil Corporation CA1524 Datasheet HTML 5Page - Intersil Corporation CA1524 Datasheet HTML 6Page - Intersil Corporation CA1524 Datasheet HTML 7Page - Intersil Corporation CA1524 Datasheet HTML 8Page - Intersil Corporation CA1524 Datasheet HTML 9Page - Intersil Corporation CA1524 Datasheet HTML 10Page - Intersil Corporation CA1524 Datasheet HTML 11Page - Intersil Corporation CA1524 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
CA1524, CA2524, CA3524
of the output duty cycle as a function of the voltage at
terminal 9 are shown in Figure 7. To synchronize two or
more CAl524’s, one must be designated as master, with RT
CT set for the correct period. Each of the remaining units
(slaves) must have a CT of 1/2 the value used in the master
and approximately a 1010 longer RTCT period than the mas-
ter. Connecting terminal 3 together on all units assures that
the master output pulse, which occurs first and has a wider
pulse width, will reset the slave units.
FIGURE 5. TYPICAL OSCILLATOR PERIOD AS A FUNCTION
OF RT AND CT
Error AmplIfIer Section
The error amplifier consists of a differential pair (Q56,Q57)
with an active load (Q61 and Q62) forming a differential
transconductance amplifier. Since Q61 is driven by a
constant current source, Q62, the output impedance ROUT,
terminal 9, is very high (
≅ 5MΩ).
The gain is:
AV = gmR = 8 lC R/2KT = 10
4,
Since ROUT is extremely high, the gain can be easily
reduced from a nominal 104 (80dB) by the addition of an
external shunt resistor from terminal 9 to ground as shown in
Figure 6.
FIGURE 6. OPEN-LOOP ERROR AMPLIFIER RESPONSE
CHARACTERISTICS.
where R =
ROUT RL
, RL = ∞, AV ∝ 10
4
ROUT +
RL
105
104
103
1
10
102
103
104
OSCILLATOR PERIOD, t (
µs)
TA = +25
oC
V+ = 8V - 40V
CT = 0.01µF
CT = 0.002µF
CT = 0.005µF
CT = 0.001µF
CT = 0.02µF
CT = 0.05µF
CT = 0.1µF
80
70
60
50
40
0o
90o
RL = ∞
RL = 3MΩ
RL = 1MΩ
RL = 300kΩ
RL =100kΩ
OPEN LOOP PHASE
OPEN LOOP GAIN
10
102
103
104
105
50
FREQUENCY (Hz)
The output amplifier terminal is also used to compensate the
system for ac stability. The frequency response and phase
shift curves are shown in Figure 7. The uncompensated
amplifier has a single pole at approximately 250Hz and a
unity gain cross-over at 3MHz.
Since most output filter designs introduce one or more
additional poles at a lower frequency, the best network to
stabilize the system is a series RC combination at terminal9
to ground. This network should be designed to introduce a
zero to cancel out one of the output filter poles. A good start-
ing point to determine the external poles is a 1000-pF
capacitor and a variable series 50-K
Ω potentiometer from
terminal 9 to ground. The compensation point is also a
convenient place to insert any programming signal to
override the error amplifier. internal shutdown and current
limiting are also connected at terminal 9. Any external circuit
that can sink 200
µA can pull this point to ground and shut off
both output drivers.
While feedback is normally applied around the entire regula-
tor, the error amplifier can be used with conventional
operational amplifier feedback and will be stable in either the
inverting or non-inverting mode. Input common-mode limits
must be observed; if not, output signal inversion may result.
The internal 5V reference can be used for conventional regu-
lator applications if divided as shown in Figure 8. If the error
amplifier is connected as a unity gain amplifier, a fixed duty
cycle application results.
FIGURE 7. TYPICAL DUTY CYCLE AS A FUNCTION OF
COMPARATOR VOLTAGE (AT TERMINAL 9).
FIGURE 8. TYPICAL OUTPUT SATURATION VOLTAGE AS A
FUNCTION OF AMBIENT TEMPERATURE.
48
40
32
24
16
8
0
COMPARATOR VOLTAGE (V)
0
0.4 0.8 1.2 1.6
2
2.4 2.8 3.2 3.6
4
TA = +25
oC
V+ = 20V
CT = 2700pF
RT = 6.19k
fOSC = 60kHz
CT =1000pF
RT = 5k
fOSC = 20kHz
1.1
1.0
0.9
0.8
0.7
-75 -50 -25
0
25
50
75 100 125 150 175
AMBIENT TEMPERATURE (oC)


유사한 부품 번호 - CA1524

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CA15226 CREE-CA15226 Datasheet
1Mb / 27P
   Strada series
logo
Ledil, Inc.
CA15226 LEDIL-CA15226 Datasheet
2Mb / 10P
   Forward throw beam optimized for European tunnels
logo
Intersil Corporation
CA1523 INTERSIL-CA1523 Datasheet
59Kb / 6P
   Voltage Regulator Control Circuit for Variable Switching Regulator
April 1994
CA1523 INTERSIL-CA1523 Datasheet
176Kb / 6P
   Voltage Regulator Control Circuit for Variable Switching Regulator
logo
Ledil, Inc.
CA15230 LEDIL-CA15230 Datasheet
4Mb / 5P
   ~35째 medium beam
More results

유사한 설명 - CA1524

제조업체부품명데이터시트상세설명
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
UC1526 TI-UC1526_07 Datasheet
757Kb / 13P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Linear Technology
LT1524 LINER-LT1524 Datasheet
726Kb / 8P
   Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526AJ TI-UC1526AJ Datasheet
545Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Linear Technology
LT1526 LINER-LT1526 Datasheet
659Kb / 8P
   Regulating Pulse Width Modulator?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com