전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7628 데이터시트(PDF) 2 Page - Analog Devices

부품명 AD7628
상세설명  CMOS Dual 8-Bit Buffered Multiplying DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7628 데이터시트(HTML) 2 Page - Analog Devices

  AD7628_15 Datasheet HTML 1Page - Analog Devices AD7628_15 Datasheet HTML 2Page - Analog Devices AD7628_15 Datasheet HTML 3Page - Analog Devices AD7628_15 Datasheet HTML 4Page - Analog Devices AD7628_15 Datasheet HTML 5Page - Analog Devices AD7628_15 Datasheet HTML 6Page - Analog Devices AD7628_15 Datasheet HTML 7Page - Analog Devices AD7628_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TA = –40 CTA = –55 C
Parameter
TA = +25 C
1
to +85 C
to +125 C
1
Units
Test Conditions/Comments
STATIC PERFORMANCE
2
Resolution
8
8
8
Bits
Relative Accuracy
± 1/2
± 1/2
± 1/2
LSB max
This is an Endpoint Linearity Specification
Differential Nonlinearity
± 1
± 1
± l
LSB max
All Grades Guaranteed Monotonic Over
Full Operating Temperature Range
Gain Error
± 2
± 3
± 3
LSB max
Measured Using Internal RFB A and RFB B.
Both DAC Latches Loaded with 11111111.
Gain Error is Adjustable Using Circuits
of Figures 4 and 5.
Gain Temperature Coefficient
3
∆Gain/∆Temperature
± 0.0035
± 0.0035
%/
°C max
Output Leakage Current
OUT A (Pin 2)
± 50
± 200
± 200
nA max
DAC Latches Loaded with 00000000
OUT B (Pin 20)
± 50
± 200
± 200
nA max
Input Resistance (VREFA, VREFB)
88
8k
Ω min
Input Resistance TC = –300 ppm/
°C, Typical
15
15
15
k
Ω max
Input Resistance is 11 k
VREFA/VREFB Input Resistance
Match
± 1
± 1
± 1
% max
DIGITAL INPUTS
4
Input High Voltage (VIH)
2.4
2.4
2.4
V min
Input Low Voltage (VIL)
0.8
0.8
0.8
V max
Input Current (IIN)
± 1
± 10
± 10
µA max
VIN = 0 or VDD
Input Capacitance
DB0–DB7
10
10
10
pF max
WR, CS, DACA/DACB
15
15
15
pF max
SWITCHING CHARACTERISTICS
3
See Timing Diagram
Chip Select to Write Set Up Time (tCS)
160
160
210
ns min
Chip Select to Write Hold Time (tCH)
10
10
10
ns min
DAC Select to Write Set Up Time (tAS)
160
160
210
ns min
DAC Select to Write Hold Time (tAH)
10
10
10
ns min
Data Valid to Write Set Up Time (tDS)
160
160
210
ns min
Data Valid to Write Hold Time (tDH)
10
10
10
ns min
Write Pulse Width (tWR)
150
170
210
ns min
POWER SUPPLY
See Figure 3
IDD, K Grade
2
2
mA
All Digital Inputs VIL or VIH
B, T Grades
2
2.5
2.5
mA
All Digital Inputs VIL or VIH
All Grades
100
500
500
µA
All Digital Inputs 0 V or VDD
Specifications subject to change without notice.
AC PERFORMANCE CHARACTERISTICS
TA = –40 CTA = –55 C
Parameter
TA = +25 C
1
to +85 C
1
to +125
πC1
Units
Test Conditions/Comments
DC SUPPLY REJECTION
(
∆GAIN/∆V
DD)
0.01
0.02
0.02
% per % max
∆V
DD = ± 5%
CURRENT SETTLING TIME
350
400
400
ns max
To 1/2 LSB OutA/OutB Load = 100
Ω.
WR = CS = 0 V.
DB0–DB7 = 0 V to VDD or VDD to 0 V
DIGITAL-TO-ANALOG GLITCH
IMPULSE
330
nV sec typ
For Code Transition 00000000 to 11111111
OUTPUT CAPACITANCE
COUTA
25
25
25
pF max
DAC Latches Loaded with 00000000
COUTB
25
25
25
pF max
COUTA
60
60
60
pF max
DAC Latches Loaded with 11111111
COUTB
60
60
60
pF max
AC FEEDTHROUGH
VREFA to OUT A
–70
–65
–65
dB max
VREFA, VREFB = 20 V p-p Sine Wave
VREFB to OUT B
–70
–65
–65
dB max
@ 10 kHz
CHANNEL-TO-CHANNEL ISOLATION
Both DAC Latches Loaded with 11111111.
VREFA to OUT B
–80
dB typ
VREFA = 20 V p-p Sine Wave @ 10 kHz
VREFB = 0 V See Figure 6.
VREFB to OUTA
–80
dB typ
VREFB = 20 V p-p Sine Wave @ 10 kHz
VREFA = 0 V See Figure 6.
DIGITAL CROSSTALK
60
nV sec typ
Measured for Code Transition 00000000
to 11111111
HARMONIC DISTORTION
–85
dB typ
VIN = 6 V rms @ 1 kHz
NOTES
1Temperature Ranges are K Version; –40
°C to +85°C; B Version; –40°C to +85°C; T Version; –55°C to +125°C.
2Specification applies to both DACs in AD7628.
3Guaranteed by design but not production tested.
4Logic inputs are MOS Gates. Typical input current (+25
°C) is less than 1 nA.
Specifications subject to change without notice.
REV. A
–2–
AD7628–SPECIFICATIONS
(VDD = +10.8 V to +15.75 V, VREF A = VREF B = +10 V; OUT A = OUT B = 0 V unless
otherwise noted)
These characteristics are included for Design Guidance only and are not
subject to test. VDD = +10.8 V to +15.75 V. (Measured Using Recommended PC Board Layout (Figure 7) and AD644 as Output Amplifiers)


유사한 부품 번호 - AD7628_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7628BQ AD-AD7628BQ Datasheet
193Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. A
AD7628BQ AD-AD7628BQ Datasheet
196Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. A
AD7628KN AD-AD7628KN Datasheet
193Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. A
AD7628KN AD-AD7628KN Datasheet
196Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. A
AD7628KNZ AD-AD7628KNZ Datasheet
196Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. A
More results

유사한 설명 - AD7628_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7528 AD-AD7528 Datasheet
188Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528JP-REEL AD-AD7528JP-REEL Datasheet
191Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528 AD-AD7528_15 Datasheet
191Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
5962-87701032A AD-5962-87701032A Datasheet
174Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7628 AD-AD7628 Datasheet
193Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. A
AD7528JRZ AD-AD7528JRZ Datasheet
191Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528JNZ AD-AD7528JNZ Datasheet
191Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7628KNZ AD-AD7628KNZ Datasheet
196Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. A
5962-8770102RA AD-5962-8770102RA Datasheet
174Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528LRZ AD-AD7528LRZ Datasheet
174Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com