전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7657-1 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD7657-1
상세설명  250 kSPS, 6-Channel, Simultaneous
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7657-1 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD7657-1_15 Datasheet HTML 3Page - Analog Devices AD7657-1_15 Datasheet HTML 4Page - Analog Devices AD7657-1_15 Datasheet HTML 5Page - Analog Devices AD7657-1_15 Datasheet HTML 6Page - Analog Devices AD7657-1_15 Datasheet HTML 7Page - Analog Devices AD7657-1_15 Datasheet HTML 8Page - Analog Devices AD7657-1_15 Datasheet HTML 9Page - Analog Devices AD7657-1_15 Datasheet HTML 10Page - Analog Devices AD7657-1_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Data Sheet
AD7656-1/AD7657-1/AD7658-1
Rev. D | Page 7 of 32
AD7658-1
VREF = 2.5 V internal/external, AVCC = 4.75 V to 5.25 V, DVCC = 4.75 V to 5.25 V, VDRIVE = 2.7 V to 5.25 V; for ±4 × VREF range, VDD = 10 V
to 16.5 V, VSS = −10 V to −16.5 V; for ±2 × VREF range, VDD = 5 V to 16.5 V, VSS = −5 V to −16.5 V; fSAMPLE = 250 kSPS, TA = TMIN to TMAX,
unless otherwise noted.
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
fIN = 10 kHz sine wave
Signal-to-(Noise + Distortion)
(SINAD)1
73.5
dB
73.5
dB
Total Harmonic Distortion (THD)1
−88
dB
−100
dB
Peak Harmonic or Spurious Noise
(SFDR)1
−97
dB
Intermodulation Distortion (IMD)1
fa = 10.5 kHz, fb = 9.5 kHz
Second-Order Terms
−106
dB
Third-Order Terms
−101
dB
Aperture Delay
10
ns
Aperture Delay Matching
4
ns
Aperture Jitter
35
ps
Channel-to-Channel Isolation1
−100
dB
fIN on unselected channels up to 100 kHz
Full-Power Bandwidth
4.5
MHz
@ −3 dB
2.2
MHz
@ −0.1 dB
DC ACCURACY
Resolution
12
Bits
No Missing Codes
12
Bits
Differential Nonlinearity
±0.7
LSB
Integral Nonlinearity1
±0.5
LSB
Positive Full-Scale Error1
±0.95
% FSR
±0.317% FSR typical
Positive Full-Scale Error Matching1
±0.366
% FSR
Bipolar Zero-Scale Error1
±2
LSB
±0.0125% FSR typical
Bipolar Zero-Scale Error Matching1
±2
LSB
Negative Full-Scale Error1
±0.95
% FSR
±0.317% FSR typical
Negative Full-Scale Error Matching1
±0.366
% FSR
ANALOG INPUT
See Table 8 for minimum VDD/VSS for each range
Input Voltage Ranges
−4 × VREF
+4 × VREF
V
RNGx bits or RANGE pin = 0
−2 × VREF
+2 × VREF
V
RNGx bits or RANGE pin = 1
DC Leakage Current
±1
µA
Input Capacitance2
10
±4 × VREF range when in track
14
pF
±2 × VREF range when in track
REFERENCE INPUT/OUTPUT
Reference Input Voltage Range
2.5
2.5
V
DC Leakage Current
±1
µA
Input Capacitance2
18.5
pF
REFEN/DIS = 1
Reference Output Voltage
2.49
2.51
V
Long-Term Stability
150
ppm
1000 hours
Reference Temperature Coefficient
25
ppm/°C
6
ppm/°C
LOGIC INPUTS
Input High Voltage (VINH)
0.7 × VDRIVE
V
Input Low Voltage (VINL)
0.3 × VDRIVE
V
Input Current (IIN)
±10
µA
Typically 10 nA, VIN = 0 V or VDRIVE
Input Capacitance (CIN)2
10
pF


유사한 부품 번호 - AD7657-1_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7657-1 AD-AD7657-1 Datasheet
866Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-/14-/12-Bit ADC
REV. 0
More results

유사한 설명 - AD7657-1_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7658-1 AD-AD7658-1_15 Datasheet
716Kb / 32P
   250 kSPS, 6-Channel, Simultaneous
REV. D
AD7657 AD-AD7657_15 Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous
REV. D
AD7656 AD-AD7656_15 Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous
REV. D
AD7658 AD-AD7658_15 Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous
REV. D
AD7656-1 AD-AD7656-1_15 Datasheet
716Kb / 32P
   250 kSPS, 6-Channel, Simultaneous
REV. D
AD7656A AD-AD7656A_17 Datasheet
521Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
AD7656A AD-AD7656A Datasheet
498Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
logo
List of Unclassifed Man...
AD7656A-1BSTZ ETC2-AD7656A-1BSTZ Datasheet
624Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
logo
Analog Devices
AD7656A-1 AD-AD7656A-1 Datasheet
624Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
AD7656A-1 AD-AD7656A-1_17 Datasheet
664Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com