전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA3046 데이터시트(PDF) 2 Page - Intersil Corporation

부품명 CA3046
상세설명  General Purpose NPN Transistor Arrays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3046 데이터시트(HTML) 2 Page - Intersil Corporation

  CA3046 Datasheet HTML 1Page - Intersil Corporation CA3046 Datasheet HTML 2Page - Intersil Corporation CA3046 Datasheet HTML 3Page - Intersil Corporation CA3046 Datasheet HTML 4Page - Intersil Corporation CA3046 Datasheet HTML 5Page - Intersil Corporation CA3046 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Absolute Maximum Ratings
Thermal Information
Collector-to-Emitter Voltage (VCEO) . . . . . . . . . . . . . . . . . . . . . 15V
Collector-to-Base Voltage (VCBO) . . . . . . . . . . . . . . . . . . . . . . . 20V
Collector-to-Substrate Voltage (VCIO, Note 1) . . . . . . . . . . . . . . 20V
Emitter-to-Base Voltage (VEBO) . . . . . . . . . . . . . . . . . . . . . . . . . 5V
Collector Current (IC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
Thermal Resistance (Typical, Note 2)
θJA (oC/W) θJC (oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . .
180
N/A
CERDIP Package . . . . . . . . . . . . . . . . .
150
75
SOIC Package . . . . . . . . . . . . . . . . . . .
220
N/A
Maximum Power Dissipation (Any One Transistor) . . . . . . . 300mW
Maximum Junction Temperature (Hermetic Packages). . . . . . . .175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. The collector of each transistor of the CA3045 and CA3046 is isolated from the substrate by an integral diode. The substrate (Terminal 13) must
be connected to the most negative point in the external circuit to maintain isolation between transistors and to provide for normal transistor ac-
tion.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
TA = 25
oC, characteristics apply for each transistor in CA3045 and CA3046 as specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC = 10µA, IE = 0
20
60
-
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC = 1mA, IB = 0
15
24
-
V
Collector-to-Substrate Breakdown Voltage
V(BR)CIO
IC = 10µA, ICI = 0
20
60
-
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE = 10µA, IC = 0
5
7
-
V
Collector Cutoff Current (Figure 1)
ICBO
VCB = 10V, IE = 0
-
0.002
40
nA
Collector Cutoff Current (Figure 2)
ICEO
VCE = 10V, IB = 0
-
See Fig. 2
0.5
µA
Forward Current Transfer Ratio (Static Beta)
(Note 3) (Figure 3)
hFE
VCE = 3V
IC = 10mA
-
100
-
-
IC = 1mA
40
100
-
-
IC = 10µA-
54
-
-
Input Offset Current for Matched Pair Q1 and Q2.
|IIO1 - IIO2| (Note 3) (Figure 4)
VCE = 3V, IC = 1mA
-
0.3
2
µA
Base-to-Emitter Voltage (Note 3) (Figure 5)
VBE
VCE = 3V
IE = 1mA
-
0.715
-
V
IE = 10mA
-
0.800
-
V
Magnitude of Input Offet Voltage for Differential Pair
|VBE1 - VBE2| (Note 3) (Figures 5, 7)
VCE = 3V, IC = 1mA
-
0.45
5
mV
Magnitude of Input Offset Voltage for Isolated
Transistors |VBE3 - VBE4|, |VBE4 - VBE5|,
|VBE5 - VBE3| (Note 3) (Figures 5, 7)
VCE = 3V, IC = 1mA
-
0.45
5
mV
Temperature Coefficient of Base-to-Emitter
Voltage (Figure 6)
VCE = 3V, IC = 1mA
-
-1.9
-
mV/oC
Collector-to-Emitter Saturation Voltage
VCES
IB = 1mA, IC = 10mA
-
0.23
-
V
Temperature Coefficient: Magnitude of Input Off-
set Voltage (Figure 7)
VCE = 3V, IC = 1mA
-
1.1
-
µV/oC
DYNAMIC CHARACTERISTICS
Low Frequency Noise Figure (Figure 9)
NF
f = 1kHz, VCE = 3V, IC = 100µA,
Source Resistance = 1k
-
3.25
-
dB
Low Frequency, Small Signal Equivalent
Circuit Characteristics
Forward Current Transfer Ratio (Figure 11)
hFE
f = 1kHz, VCE = 3V, IC = 1mA
-
110
-
-
Short Circuit Input Impedance (Figure 11)
hIE
f = 1kHz, VCE = 3V, IC = 1mA
-
3.5
-
k
∆V
BE
∆T
---------------
∆V
IO
∆T
----------------
CA3045, CA3046


유사한 부품 번호 - CA3046

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CA3046 INTERSIL-CA3046 Datasheet
116Kb / 6P
   General Purpose NPN Transistor Array
logo
List of Unclassifed Man...
CA3046 ETC2-CA3046 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Intersil Corporation
CA3046M INTERSIL-CA3046M Datasheet
116Kb / 6P
   General Purpose NPN Transistor Array
CA3046M96 INTERSIL-CA3046M96 Datasheet
116Kb / 6P
   General Purpose NPN Transistor Array
More results

유사한 설명 - CA3046

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CA3081 INTERSIL-CA3081_01 Datasheet
150Kb / 6P
   General Purpose High Current NPN Transistor Arrays
CA3081 INTERSIL-CA3081 Datasheet
66Kb / 6P
   General Purpose High Current NPN Transistor Arrays
November 1999
logo
List of Unclassifed Man...
CA3250 ETC-CA3250 Datasheet
113Kb / 3P
   GENERAL PURPOSE HIGH CURRENT NPN TRANSISTOR ARRAYS
logo
GE Solid State
CA3018 GESS-CA3018 Datasheet
274Kb / 6P
   GENERAL PURPOSE TRANSISTOR ARRAYS
logo
Harris Corporation
CA3018 HARRIS-CA3018 Datasheet
48Kb / 6P
   General Purpose Transistor Arrays
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Pan Jit International I...
BC546 PANJIT-BC546 Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
logo
Weitron Technology
BC337 WEITRON-BC337 Datasheet
256Kb / 4P
   NPN General Purpose Transistor
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PC4617J PHILIPS-2PC4617J Datasheet
40Kb / 8P
   NPN general purpose transistor
1999 May 04
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com