전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA3059 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 CA3059
상세설명  Zero-Voltage Switches for 50Hz-60Hz and 400Hz Thyristor Control Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3059 데이터시트(HTML) 8 Page - Intersil Corporation

Back Button CA3059 Datasheet HTML 4Page - Intersil Corporation CA3059 Datasheet HTML 5Page - Intersil Corporation CA3059 Datasheet HTML 6Page - Intersil Corporation CA3059 Datasheet HTML 7Page - Intersil Corporation CA3059 Datasheet HTML 8Page - Intersil Corporation CA3059 Datasheet HTML 9Page - Intersil Corporation CA3059 Datasheet HTML 10Page - Intersil Corporation CA3059 Datasheet HTML 11Page - Intersil Corporation CA3059 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
10
CA3059, CA3079
FIGURE 10A.
FIGURE 10B.
FIGURE 10C.
FIGURE 10D.
FIGURE 10. RELATIVE PULSE WIDTH AND LOCATION OF ZERO CROSSING FOR 220V OPERATION FOR CA3059 AND CA3079
FIGURE 11. SENSITIVITY vs AMBIENT TEMPERATURE FOR
CA3059 AND CA3079
FIGURE 12. OPERATING REGIONS FOR BUILT-IN PROTEC-
TION CIRCUIT FOR CA3059
300
200
100
0
0
0.02
0.04
0.06
0.08
0.1
EXTERNAL CAPACITANCE (
µF)
220VRMS, 50/60Hz OPERATION
INPUT RESISTANCE (RS) = 10kΩ
50Hz, tP
(+ dv/dt)
60Hz, tP
(+ dv/dt)
50Hz, tN
(- dv/dt)
60Hz, tN
(- dv/dt)
600
400
200
0
0
0.02
0.04
0.06
0.08
0.1
EXTERNAL CAPACITANCE (
µF)
60Hz, tN
(- dv/dt)
50Hz, tN
(- dv/dt)
60Hz, tP
(+ dv/dt)
50Hz, tP
(+ dv/dt)
220VRMS, 50/60Hz OPERATION
INPUT RESISTANCE (RS) = 20kΩ
0
0.02
0.04
0.06
0.08
0.1
600
400
200
0
220VRMS, 50/60Hz OPERATION
INPUT RESISTANCE (RS) = 10kΩ
60Hz, tN1
(- dv/dt)
50Hz, tN1
(- dv/dt)
60Hz, tP1
(+ dv/dt)
50Hz, tP1
(+ dv/dt)
EXTERNAL CAPACITANCE (
µF)
600
400
200
0
0
0.02
0.04
0.06
0.08
0.1
EXTERNAL CAPACITANCE (
µF)
220VRMS, 50/60Hz OPERATION
INPUT RESISTANCE (RS) = 20kΩ
50Hz, tN1
(- dv/dt)
60Hz, tN1
(- dv/dt)
50Hz, tP1
(+ dv/dt)
60Hz, tP1
(+ dv/dt)
30
20
10
0
-75
-50
-25
0
25
50
75
100 125
AMBIENT TEMPERATURE (oC)
18
12
6
0
SENSOR RESISTANCE = 5k
TERMINALS 7 AND 12 CONNECTED
DC GATE CURRENT MODE
(CA3058 & CA3059)
TERMINAL 12 OPEN
PULSED GATE CURRENT MODE
(ALL TYPES)
7
6
5
4
3
2
1
0
-50
-25
0
25
50
75
AMBIENT TEMPERATURE (oC)
THYRISTOR TURN-OFF
AREA OF NORMAL
OPERATION
AREA OF UNCERTAIN
OPERATION
AREA OF UNCERTAIN
OPERATION
THYRISTOR TURN-OFF


유사한 부품 번호 - CA3059

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
CA3059 MOTOROLA-CA3059 Datasheet
119Kb / 6P
   ZERO VOLTAGE SWITCH
logo
ON Semiconductor
CA3059 ONSEMI-CA3059 Datasheet
119Kb / 6P
   ZERO VOLTAGE SWITCH
August, 2001 ??Rev. 1
CA3059 ONSEMI-CA3059 Datasheet
79Kb / 8P
   Zero Voltage Switch
August, 2001 ??Rev. 1
CA3059 ONSEMI-CA3059 Datasheet
181Kb / 6P
   Zero Voltage Switch
July, 2006 ??Rev. 2
logo
List of Unclassifed Man...
CA3059 ETC2-CA3059 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

유사한 설명 - CA3059

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
AN5560 PANASONIC-AN5560 Datasheet
105Kb / 2P
   50Hz and 60Hz Detection IC for TV
logo
MPS Industries, Inc.
P8E2R4VA MPSIND-P8E2R4VA Datasheet
174Kb / 1P
   2.4VA 50Hz/60Hz LINE TRANSFORMER
P8E5VA MPSIND-P8E5VA Datasheet
176Kb / 1P
   5VA 50Hz/60Hz LINE TRANSFORMER
logo
Littelfuse
SXX04DS1 LITTELFUSE-SXX04DS1 Datasheet
329Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX08RS2 LITTELFUSE-SXX08RS2 Datasheet
411Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX20L LITTELFUSE-SXX20L Datasheet
1,003Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX35K LITTELFUSE-SXX35K Datasheet
195Kb / 7P
   Excellent unidirectional switches for phase control applications
SXX55R LITTELFUSE-SXX55R Datasheet
257Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX65K LITTELFUSE-SXX65K Datasheet
207Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX15L LITTELFUSE-SXX15L Datasheet
988Kb / 8P
   Excellent unidirectional switches for phase control applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com