전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA3054MZ 데이터시트(PDF) 6 Page - Intersil Corporation

부품명 CA3054MZ
상세설명  Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3054MZ 데이터시트(HTML) 6 Page - Intersil Corporation

  CA3054MZ Datasheet HTML 1Page - Intersil Corporation CA3054MZ Datasheet HTML 2Page - Intersil Corporation CA3054MZ Datasheet HTML 3Page - Intersil Corporation CA3054MZ Datasheet HTML 4Page - Intersil Corporation CA3054MZ Datasheet HTML 5Page - Intersil Corporation CA3054MZ Datasheet HTML 6Page - Intersil Corporation CA3054MZ Datasheet HTML 7Page - Intersil Corporation CA3054MZ Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
FIGURE 10. COMMON MODE REJECTION RATIO
CHARACTERISTIC
FIGURE 11. SINGLE STAGE VOLTAGE GAIN CHARACTERISTIC
FIGURE 12. TWO STAGE VOLTAGE GAIN CHARACTERISTIC
FIGURE 13. FORWARD CURRENT TRANSFER RATIO (hFE),
SHORT CIRCUIT INPUT IMPEDANCE (hIE), OPEN
CIRCUIT OUTPUT IMPEDANCE (hOE), AND OPEN
CIRCUIT REVERSE VOLTAGE TRANSFER RATIO
(hRE) vs COLLECTOR CURRENT FOR EACH
TRANSISTOR
FIGURE 14. GAIN BANDWIDTH PRODUCT (fT) vs COLLECTOR
CURRENT
FIGURE 15. FORWARD TRANSFER ADMITTANCE (Y21) vs
FREQUENCY
Typical Performance Curves (Continued)
110
100
90
80
0-1
-2
-3
-4
BIAS VOLTAGE ON TERMINAL 11 (V)
VCC = 12V
VEE = -6V
f = 1kHz
100
75
50
25
0
-25
-50
0
-1
-2
-3
-4-5-6-7
BIAS VOLTAGE ON TERMINAL 11 (V)
VCC = 12V
VEE = -6V
f = 1kHz
SIGNAL INPUT = 10mVRMS
0-1
-2
-3
-4
-5
-6
BIAS VOLTAGE ON TERMINALS 3 AND 11 (V)
-7
100
75
50
25
0
-25
-50
VCC = 12V
VEE = -6V
f = 1kHz
SIGNAL INPUT = 1mVRMS
100
10
1.0
0.1
0.01
0.1
1.0
10
COLLECTOR CURRENT (mA)
VCB = 3V
f = 1kHz
TA = 25
oC
hOE
hFE
hRE
hIE
hFE = 110
hIE = 3.5kΩ
hRE = 1.88 x 10
-4
hOE = 15.6µS
AT
1mA
hRE
hIE
800
700
600
500
400
300
200
100
1000
900
0
1
2345
678
9
10 11
12 13 14
COLLECTOR CURRENT (mA)
VCB = 3V
TA = 25
oC
20
10
0
-10
-20
30
DIFFERENTIAL CONFIGURATION
VCB = 3V
IC (EACH TRANSISTOR) 1.25mA
TA = 25
oC
b21
g21
0.1
1.0
10
100
FREQUENCY (MHz)
CA3054


유사한 부품 번호 - CA3054MZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CA3054MZ INTERSIL-CA3054MZ Datasheet
205Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
logo
Renesas Technology Corp
CA3054MZ RENESAS-CA3054MZ Datasheet
466Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
logo
Intersil Corporation
CA3054MZ96 INTERSIL-CA3054MZ96 Datasheet
205Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
logo
Renesas Technology Corp
CA3054MZ96 RENESAS-CA3054MZ96 Datasheet
466Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
More results

유사한 설명 - CA3054MZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CA3054 INTERSIL-CA3054_05 Datasheet
205Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
logo
Renesas Technology Corp
CA3054 RENESAS-CA3054 Datasheet
466Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
logo
Intersil Corporation
CA-3086 INTERSIL-CA-3086 Datasheet
180Kb / 7P
   Power Applications from DC to 120MHz
logo
Harris Corporation
CA3028A HARRIS-CA3028A_99 Datasheet
136Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
CA3028A HARRIS-CA3028A Datasheet
109Kb / 12P
   Differential/Cascode Amplifiers for Commercial and Industrial Equipment from DC to 120MHz
logo
Intersil Corporation
CA3028A INTERSIL-CA3028A Datasheet
133Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
January 1999
logo
National Semiconductor ...
CLC416 NSC-CLC416 Datasheet
167Kb / 6P
   Dual Low-Power, 120MHz Op Amp
logo
NTE Electronics
NTE917 NTE-NTE917 Datasheet
102Kb / 4P
   Integrated Circuit Dual, Independent Transistor Array, Differential Amp
logo
Intersil Corporation
EL2444 INTERSIL-EL2444 Datasheet
285Kb / 11P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
logo
Renesas Technology Corp
EL2244 RENESAS-EL2244 Datasheet
761Kb / 11P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com