전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA3078 데이터시트(PDF) 7 Page - Intersil Corporation

부품명 CA3078
상세설명  2MHz, Micropower Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3078 데이터시트(HTML) 7 Page - Intersil Corporation

Back Button CA3078 Datasheet HTML 3Page - Intersil Corporation CA3078 Datasheet HTML 4Page - Intersil Corporation CA3078 Datasheet HTML 5Page - Intersil Corporation CA3078 Datasheet HTML 6Page - Intersil Corporation CA3078 Datasheet HTML 7Page - Intersil Corporation CA3078 Datasheet HTML 8Page - Intersil Corporation CA3078 Datasheet HTML 9Page - Intersil Corporation CA3078 Datasheet HTML 10Page - Intersil Corporation CA3078 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
FIGURE 14. OUTPUT AND COMMON MODE VOLTAGE vs
SUPPLY VOLTAGE
FIGURE 15. OPEN LOOP VOLTAGE GAIN vs FREQUENCY
FIGURE 16. INPUT OFFSET VOLTAGE vs TEMPERATURE
FIGURE 17. INPUT OFFSET CURRENT vs TEMPERATURE
FIGURE 18. INPUT BIAS CURRENT vs TEMPERATURE
Typical Performance Curves (Continued)
+100
+10
+1
-1
-10
-100
SUPPLY VOLTS (V+, V-)
0.1
1
10
100
+0.1
-0.1
-0.1
-1
-10
VICR
VOM
-VICR
-VOM
IQ = 20µA
TA = 25
oC
TA = 25
oC
RL = 10kΩ
C1- BETWEEN TERMINALS 1 AND 8
φ
120
100
80
60
40
20
0
-20
0
100
200
300
400
FREQUENCY (Hz)
0.1
1
101
102
103
104
105
106
VS = ±6
IQ = 20µA
C1 = 0pF
C1 = 30pF
C1 = 10pF
100
300
1000
125
VS = ±6
100
75
50
25
0
-25
-50
-75
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
CA3078
IQ = 100µA
CA3078A
IQ = 20µA
TEMPERATURE (oC)
125
100
75
50
25
0
-25
-50
-75
0.5
1.0
1.5
2.0
2.5
TEMPERATURE (oC)
CA3078A
IQ = 20µA
VS = ±6
CA3078
IQ = 100µA
10
8
6
4
2
0
0
125
100
75
50
25
0
-25
-50
-75
2.5
5.0
7.5
10.0
12.5
TEMPERATURE (oC)
CA3078A
IQ = 20µA
VS = ±6
CA3078
IQ = 100µA
100
75
50
25
15.0
00
CA3078, CA3078A


유사한 부품 번호 - CA3078

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CA3078 INTERSIL-CA3078 Datasheet
396Kb / 12P
   2MHz,MicropowerOperationalAmplifier
logo
Rochester Electronics
CA3078 ROCHESTER-CA3078 Datasheet
595Kb / 6P
   Micropower Operational Amplifier Low Standby Power
logo
Intersil Corporation
CA3078A INTERSIL-CA3078A Datasheet
396Kb / 12P
   2MHz,MicropowerOperationalAmplifier
CA3078AE INTERSIL-CA3078AE Datasheet
396Kb / 12P
   2MHz,MicropowerOperationalAmplifier
logo
Rochester Electronics
CA3078AE ROCHESTER-CA3078AE Datasheet
595Kb / 6P
   Micropower Operational Amplifier Low Standby Power
More results

유사한 설명 - CA3078

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CA3078 INTERSIL-CA3078_01 Datasheet
396Kb / 12P
   2MHz,MicropowerOperationalAmplifier
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
CA3080 INTERSIL-CA3080 Datasheet
880Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Maxwell Technologies
OP220 MAXWELL-OP220 Datasheet
237Kb / 7P
   Dual Micropower Operational Amplifier
logo
Analog Devices
OP220 AD-OP220 Datasheet
434Kb / 8P
   Dual Micropower Operational Amplifier
OP-420 AD-OP-420 Datasheet
180Kb / 6P
   QUAD MICROPOWER OPERATIONAL AMPLIFIER
logo
California Micro Device...
CMV1020 CALMIRCO-CMV1020 Datasheet
279Kb / 10P
   MICROPOWER PRO OPERATIONAL AMPLIFIER
logo
Advanced Linear Devices
ALD1721E ALD-ALD1721E Datasheet
66Kb / 10P
   EPAD??MICROPOWER OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LP124 NSC-LP124 Datasheet
230Kb / 10P
   Micropower Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com