전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA3080 데이터시트(PDF) 2 Page - Intersil Corporation

부품명 CA3080
상세설명  2MHz, Operational Transconductance Amplifier (OTA)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3080 데이터시트(HTML) 2 Page - Intersil Corporation

  CA3080 Datasheet HTML 1Page - Intersil Corporation CA3080 Datasheet HTML 2Page - Intersil Corporation CA3080 Datasheet HTML 3Page - Intersil Corporation CA3080 Datasheet HTML 4Page - Intersil Corporation CA3080 Datasheet HTML 5Page - Intersil Corporation CA3080 Datasheet HTML 6Page - Intersil Corporation CA3080 Datasheet HTML 7Page - Intersil Corporation CA3080 Datasheet HTML 8Page - Intersil Corporation CA3080 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Absolute Maximum Ratings
Thermal Information
Supply Voltage (Between V+ and V- Terminal) . . . . . . . . . . . . . 36V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V+ to V-
Input Signal Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1mA
Amplifier Bias Current (IABC). . . . . . . . . . . . . . . . . . . . . . . . . . . 2mA
Output Short Circuit Duration (Note 1). . . . . . . . . . . . . No Limitation
Operating Conditions
Temperature Range
CA3080 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
CA3080A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
Thermal Resistance (Typical, Note 2)
θJA (oC/W) θJC (oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . .
130
N/A
SOIC Package . . . . . . . . . . . . . . . . . . .
170
N/A
Metal Can Package . . . . . . . . . . . . . . .
200
120
Maximum Junction Temperature (Metal Can) . . . . . . . . . . . . . . 175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Short circuit may be applied to ground or to either supply.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
For Equipment Design, VSUPPLY = ±15V, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
CA3080
CA3080A
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Input Offset Voltage
IABC = 5µA
25
-
0.3
-
-
0.3
2
mV
IABC = 500µA
25
-
0.4
5
-
0.4
2
mV
Full
-
-
6
-
-
5
mV
Input Offset Voltage Change
IABC = 500µA to 5µA
25
-
0.2
-
-
0.1
3
mV
Input Offset Voltage Temp. Drift
IABC = 100µA
Full
-
-
-
-
3.0
-
µV/oC
Input Offset Voltage
Sensitivity
Positive
IABC = 500µA
25
-
-
150
-
-
150
µV/V
Negative
25
-
-
150
-
-
150
µV/V
Input Offset Current
IABC = 500µA
25
-
0.12
0.6
-
0.12
0.6
µΑ
Input Bias Current
IABC = 500µA25
-
2
5
-
2
5
µA
Full
-
-
7
-
-
15
µA
Differential Input Current
IABC = 0, VDIFF = 4V
25
-
0.008
-
-
0.008
5
nA
Amplifier Bias Voltage
IABC = 500µA
25
-
0.71
-
-
0.71
-
V
Input Resistance
IABC = 500µA
25
10
26
-
10
26
-
k
Input Capacitance
IABC = 500µA, f = 1MHz
25
-
3.6
-
-
3.6
-
pF
Input-to-Output Capacitance
IABC = 500µA, f = 1MHz
25
-
0.024
-
-
0.024
-
pF
Common-Mode Input-Voltage
Range
IABC = 500µA
25
12 to
-12
13.6 to
-14.6
-
12 to
-12
13.6 to
-14.6
-V
Forward Transconductance
(Large Signal)
IABC = 500µA
25
6700
9600
13000
7700
9600
12000
µS
Full
5400
-
-
4000
-
-
µS
Output Capacitance
IABC = 500µA, f = 1MHz
25
-
5.6
-
-
5.6
-
pF
Output Resistance
IABC = 500µA
25
-
15
-
-
15
-
M
Peak Output Current
IABC = 5µA, RL = 0Ω
25
-
5
-
3
5
7
µA
IABC = 500µA, RL = 0Ω
25
350
500
650
350
500
650
µA
Full
300
-
-
300
-
-
µA
CA3080, CA3080A


유사한 부품 번호 - CA3080

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CA3080 INTERSIL-CA3080 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Rochester Electronics
CA3080 ROCHESTER-CA3080 Datasheet
609Kb / 4P
   2MHz, Operational Transcondictance Amplifier (OTA) Slew Rate
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
List of Unclassifed Man...
CA3080 ETC2-CA3080 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Intersil Corporation
CA3080A INTERSIL-CA3080A Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
More results

유사한 설명 - CA3080

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
Texas Instruments
OPA861 TI1-OPA861_15 Datasheet
1Mb / 32P
[Old version datasheet]   Wide Bandwidth Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Texas Instruments
OPA861 TI-OPA861 Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
logo
Intersil Corporation
CA3280 INTERSIL-CA3280_02 Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3094 INTERSIL-CA3094 Datasheet
241Kb / 14P
   30MHz, High Output Current Operational Transconductance Amplifier (OTA)
April 1999
logo
Burr-Brown (TI)
OPA860 BURR-BROWN-OPA860 Datasheet
613Kb / 29P
   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA) and BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com