전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SA1244 데이터시트(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 2SA1244
상세설명  PNP Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1244 데이터시트(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1244_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1244_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SA1244_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DIP Type
www.kexin.com.cn
2
Transistors
PNP Transistors
2SA1244
Classification of hfe(1)
Type
2SA1244-O
2SA1244-O
Range
70-140
120-240
Typical Characterisitics
Collector-emitter voltage VCE (V)
IC – VCE
VCE – IC
Collector current IC (A)
Collector current IC (A)
VCE – IC
VCE – IC
Collector current IC (A)
Collector current IC (A)
hFE – IC
Collector current IC (A)
VCE (sat) – IC
0
0
−1.0
−0.2
IB = −60 mA
−0.4
−0.6
−0.8
−1
−2
−3
−4
−5
−6
−30
−100
−350
−7
−400
−300
−10
−200
−150
−500
Common emitter
Tc = 25°C
Common emitter
Tc = 25°C
0
0
−8
−2
IB = −10 mA
−4
−6
−2
−4
−6
−8
−50
−20
−60
−70
−40
−30
−80
Common emitter
Tc = −55°C
0
0
−1.0
−0.2
IB = −60 mA
−0.4
−0.6
−0.8
−1
−2
−3
−4
−5
−6
−200
−80
−40
−300
−7
−500
−100
−150
−20
−400
0
0
−1.0
−0.2
IB = −60 mA
−0.4
−0.6
−0.8
−1
−2
−3
−4
−5
−6
−350
−300
−100
−20
−400
−7
−500
−250
−200
−40
−150
Common emitter
Tc = 100°C
20
−0.03
1000
Common emitter
VCE = −1 V
500
300
100
50
−0.1
−0.3
−1
−3
−10
Tc = 100°C
−55
25
−2
−0.03
−0.03
Common emitter
IC/IB = 20
−0.1
−0.3
−1
−3
−10
−1
−0.5
−0.3
−0.1
−0.05
Tc = 100°C
−55
25


유사한 부품 번호 - 2SA1244_15

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SA1244 TOSHIBA-2SA1244_10 Datasheet
172Kb / 5P
   High Current Switching Applications
More results

유사한 설명 - 2SA1244_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com