전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA3160A 데이터시트(PDF) 11 Page - Intersil Corporation

부품명 CA3160A
상세설명  4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3160A 데이터시트(HTML) 11 Page - Intersil Corporation

Back Button CA3160A Datasheet HTML 7Page - Intersil Corporation CA3160A Datasheet HTML 8Page - Intersil Corporation CA3160A Datasheet HTML 9Page - Intersil Corporation CA3160A Datasheet HTML 10Page - Intersil Corporation CA3160A Datasheet HTML 11Page - Intersil Corporation CA3160A Datasheet HTML 12Page - Intersil Corporation CA3160A Datasheet HTML 13Page - Intersil Corporation CA3160A Datasheet HTML 14Page - Intersil Corporation CA3160A Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
300V
100V
30V
10V
1V
300V
100V
30V
10V
3V
1V
300V
100V
30V
10V
3V
300V
100V
30V
10V
100M
1.02
SW1A
INPUT
M
CA3160
7
3
4
2
1
5
6
+
-
30V
10V
3V
1V
300mV
100V
300V
30mV
10mV
100mV
SW1B
SW1C
SW1D
M
30V
10V
1V
100V
300V
3V
300mV
30mV
10mV
100mV
9k
900
100
BATTERY
TEST
OFF
ON
3 POSITION
SLIDE SWITCH
BATTERY
100k
ZERO
ADJUST
10k
9.1k
1V CAL.
820
Ω 200Ω
2.7k
3V CAL.
500
+9V
BATTERY
500
µF
0-1mA
+
-
0.001
µF
22M
9.9k
FIGURE 8. HIGH INPUT RESISTANCE DC VOLTMETER
1k
3
7
5
CA3080A
+
-
4
2
6
3
CA3160
+
-
2
7
4
6
2
CA3080
+
-
3
7
6
5
20pF
8.2k
+7.5V
VOLTAGE-CONTROLLED
CURRENT SOURCE
1k
2M
-7.5V
4.7k
-7.5V
SYMMETRY
+7.5V
10k
MAX FREQ
SET
500
FREQ
ADJUST
MIN FREQ.SET
-7.5V
EXTERNAL
SWEEPING INPUT
10-80pF
C2
100k
+7.5V
0.9 - 7pF
C1
6.2k
HIGH
FREQ.
SHAPE
4 - 60pF
C3
BUFFER
VOLTAGE FOLLOWER
+7.5V
0.1
µF
CENTERING
100k
430pF
10k
2k
C4
4 - 60pF
HIGH FREQ
LEVEL
ADJUST
6.8M
-7.5V
+7.5V
30k
10k
50k
C5
15 - 115pF
0.1
µF
-7.5V
THRESHOLD
DETECTOR
2-1N914
+7.5V
-7.5V
6.2k
500
FIGURE 9A. 1,000,000/1 SINGLE CONTROL FUNCTION GENERATOR: 1Hz to 1MHz
CA3160, CA3160A


유사한 부품 번호 - CA3160A

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CA3160 INTERSIL-CA3160 Datasheet
661Kb / 18P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3160E INTERSIL-CA3160E Datasheet
661Kb / 18P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3160 INTERSIL-CA3160_04 Datasheet
661Kb / 18P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
More results

유사한 설명 - CA3160A

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CA3160 INTERSIL-CA3160_04 Datasheet
661Kb / 18P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA3260 RENESAS-CA3260 Datasheet
289Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA3260 INTERSIL-CA3260 Datasheet
148Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3260 INTERSIL-CA3260_06 Datasheet
140Kb / 3P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA5160 INTERSIL-CA5160_03 Datasheet
653Kb / 19P
   4MHz, BiMOS Microprocessor Operational Amplifier with MOSFET Input/CMOS Output
CA5160 INTERSIL-CA5160 Datasheet
910Kb / 18P
   4MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
September 1998
CA3130 INTERSIL-CA3130 Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
HCA10014 INTERSIL-HCA10014 Datasheet
521Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
August 1999
CA3130 INTERSIL-CA3130_05 Datasheet
935Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA3130 RENESAS-CA3130 Datasheet
1Mb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com