전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7675 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD7675
상세설명  16-Bit, 100 kSPS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7675 데이터시트(HTML) 3 Page - Analog Devices

  AD7675_15 Datasheet HTML 1Page - Analog Devices AD7675_15 Datasheet HTML 2Page - Analog Devices AD7675_15 Datasheet HTML 3Page - Analog Devices AD7675_15 Datasheet HTML 4Page - Analog Devices AD7675_15 Datasheet HTML 5Page - Analog Devices AD7675_15 Datasheet HTML 6Page - Analog Devices AD7675_15 Datasheet HTML 7Page - Analog Devices AD7675_15 Datasheet HTML 8Page - Analog Devices AD7675_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. A
–3–
AD7675
TIMING SPECIFICATIONS
Symbol
Min
Typ
Max
Unit
Refer to Figures 11 and 12
Convert Pulsewidth
t1
5ns
Time Between Conversions
t2
10
µs
CNVST LOW to BUSY HIGH Delay
t3
30
ns
BUSY HIGH All Modes Except in Master Serial Read
t4
1.25
µs
After Convert Mode
Aperture Delay
t5
2ns
End of Conversion to BUSY LOW Delay
t6
10
ns
Conversion Time
t7
1.25
µs
Acquisition Time
t8
8.75
µs
RESET Pulsewidth
t9
10
ns
Refer to Figures 13, 14, and 15 (Parallel Interface Modes)
CNVST LOW to DATA Valid Delay
t10
1.25
µs
DATA Valid to BUSY LOW Delay
t11
45
ns
Bus Access Request to DATA Valid
t12
40
ns
Bus Relinquish Time
t13
515
ns
Refer to Figures 16 and 17 (Master Serial Interface Modes)
1
CS LOW to SYNC Valid Delay
t14
10
ns
CS LOW to Internal SCLK Valid Delay
t15
10
ns
CS LOW to SDOUT Delay
t16
10
ns
CNVST LOW to SYNC Delay
t17
525
ns
SYNC Asserted to SCLK First Edge Delay
2
t18
3ns
Internal SCLK Period
2
t19
25
40
ns
Internal SCLK HIGH
2
t20
12
ns
Internal SCLK LOW
2
t21
7ns
SDOUT Valid Setup Time
2
t22
4ns
SDOUT Valid Hold Time
2
t23
2ns
SCLK Last Edge to SYNC Delay
2
t24
3ns
CS HIGH to SYNC HI-Z
t25
10
ns
CS HIGH to Internal SCLK HI-Z
t26
10
ns
CS HIGH to SDOUT HI-Z
t27
10
ns
BUSY HIGH in Master Serial Read After Convert
2
t28
See Table I
µs
CNVST LOW to SYNC Asserted Delay
t29
1.25
µs
SYNC Deasserted to BUSY LOW Delay
t30
25
ns
Refer to Figures 18 and 19 (Slave Serial Interface Modes)
External SCLK Setup Time
t31
5ns
External SCLK Active Edge to SDOUT Delay
t32
318
ns
SDIN Setup Time
t33
5ns
SDIN Hold Time
t34
5ns
External SCLK Period
t35
25
ns
External SCLK HIGH
t36
10
ns
External SCLK LOW
t37
10
ns
NOTES
1In serial interface modes, the SYNC, SCLK, and SDOUT timings are defined with a maximum load C
L of 10 pF; otherwise, the load is 60 pF maximum.
2In serial master read during convert mode. See Table I for serial master read after convert mode.
Specifications subject to change without notice.
(–40 C to +85 C, AVDD = DVDD = 5 V, OVDD = 2.7 V to 5.25 V, unless otherwise noted.)


유사한 부품 번호 - AD7675_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7675 AD-AD7675_17 Datasheet
342Kb / 21P
   16-Bit, 100 kSPS Differential ADC
More results

유사한 설명 - AD7675_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7660 AD-AD7660_15 Datasheet
340Kb / 20P
   16-Bit, 100 kSPS PulSAR
REV. D
AD7684 AD-AD7684_15 Datasheet
421Kb / 16P
   16-Bit, 100 kSPS PulSAR
REV. A
logo
Cirrus Logic
CDB5571-2 CIRRUS-CDB5571-2 Datasheet
689Kb / 26P
   100 kSps, 16-bit ADC
logo
Analog Devices
AD7660 AD-AD7660 Datasheet
218Kb / 20P
   16-Bit, 100 kSPS CMOS ADC
REV. 0
AD1876 AD-AD1876_15 Datasheet
158Kb / 12P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD677 AD-AD677_15 Datasheet
430Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD676JN AD-AD676JN Datasheet
391Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD7675 AD-AD7675 Datasheet
399Kb / 20P
   16-Bit, 100 kSPS, Differential ADC
REV. 0
AD1876 AD-AD1876 Datasheet
190Kb / 12P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD776 AD-AD776 Datasheet
921Kb / 12P
   16-Bit 100 kSPS Oversampling ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com