전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7701 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD7701
상세설명  16-Bit A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7701 데이터시트(HTML) 1 Page - Analog Devices

  AD7701_15 Datasheet HTML 1Page - Analog Devices AD7701_15 Datasheet HTML 2Page - Analog Devices AD7701_15 Datasheet HTML 3Page - Analog Devices AD7701_15 Datasheet HTML 4Page - Analog Devices AD7701_15 Datasheet HTML 5Page - Analog Devices AD7701_15 Datasheet HTML 6Page - Analog Devices AD7701_15 Datasheet HTML 7Page - Analog Devices AD7701_15 Datasheet HTML 8Page - Analog Devices AD7701_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. E
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
AD7701
LC2MOS
16-Bit A/D Converter
FEATURES
Monolithic 16-Bit ADC
0.0015% Linearity Error
On-Chip Self-Calibration Circuitry
Programmable Low-Pass Filter
0.1 Hz to 10 Hz Corner Frequency
0 V to +2.5 V or
2.5 V Analog Input Range
4 kSPS Output Data Rate
Flexible Serial Interface
Ultralow Power
APPLICATIONS
Industrial Process Control
Weigh Scales
Portable Instrumentation
Remote Data Acquisition
FUNCTIONAL BLOCK DIAGRAM
14
15
7
64
17
AVDD
DVDD AVSS DVSS
SC1
SC2
13
CALIBRATION
SRAM
16-BIT A/D CONVERTER
ANALOG
MODULATOR
CAL
SLEEP
11
20
19
CLOCK
GENERATOR
SERIAL INTERFACE
LOGIC
SDATA
SCLK
3
2
1
18
CLKIN
CLKOUT
MODE
DRDY
6-POLE GAUSSIAN
LOW-PASS
DIGITAL FILTER
AD7701
5
DGND
AGND
AIN
VREF
8
9
10
BP/
UP
12
16
CS
CALIBRATION
MICROCONTROLLER
GENERAL DESCRIPTION
The AD7701 is a 16-bit ADC that uses a sigma-delta conversion
technique. The analog input is continuously sampled by an analog
modulator whose mean output duty cycle is proportional to the
input signal. The modulator output is processed by an on-chip
digital filter with a six-pole Gaussian response, which updates
the output data register with 16-bit binary words at word rates up
to 4 kHz. The sampling rate, filter corner frequency, and output
word rate are set by a master clock input that may be supplied
externally, or by a crystal controlled on-chip clock oscillator.
The inherent linearity of the ADC is excellent and endpoint
accuracy is ensured by self-calibration of zero and full scale,
which may be initiated at any time. The self-calibration scheme
can also be extended to null system offset and gain errors in the
input channel.
The output data is accessed through a flexible serial port, which
has an asynchronous mode compatible with UARTs and two
synchronous modes suitable for interfacing to shift registers or
the serial ports of industry-standard microcontrollers.
CMOS construction ensures low power dissipation, and a power-
down mode reduces the idle power consumption to only 10
µW.
PRODUCT HIGHLIGHTS
1. The AD7701 offers 16-bit resolution coupled with outstand-
ing 0.0015% accuracy.
2. No missing codes ensures true, usable, 16-bit dynamic range,
removing the need for programmable gain and level-setting
circuitry.
3. The effects of temperature drift are eliminated by on-chip
self-calibration, which removes zero and gain error. External
circuits can also be included in the calibration loop to remove
system offsets and gain errors.
4. A flexible synchronous/asynchronous interface allows the
AD7701 to interface directly to UARTs or to the serial ports
of industry-standard microcontrollers.
5. Low operating power consumption and an ultralow power
standby mode make the AD7701 ideal for loop-powered
remote sensing applications, or battery-powered portable
instruments.


유사한 부품 번호 - AD7701_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7701 AD-AD7701_17 Datasheet
319Kb / 21P
   LC2MOS 16-Bit A/D Converter
More results

유사한 설명 - AD7701_15

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC7880M SANYO-LC7880M Datasheet
228Kb / 6P
   16 bit D/A CONVERTER
LC78866V SANYO-LC78866V Datasheet
138Kb / 6P
   16-bit A/D Converter?
LC78865M SANYO-LC78865M Datasheet
119Kb / 6P
   16-bit A/D Converter
logo
List of Unclassifed Man...
MB87020 ETC-MB87020 Datasheet
996Kb / 31P
   16-Bit A/D And D/A CONVERTER
logo
Analog Devices
AD7701 AD-AD7701 Datasheet
312Kb / 16P
   LC2MOS 16-Bit A/D Converter
REV. D
logo
List of Unclassifed Man...
MN6500 ETC1-MN6500 Datasheet
1Mb / 8P
   100kHz 16-Bit, A/D CONVERTER
logo
Analog Devices
AD7701 AD-AD7701_17 Datasheet
319Kb / 21P
   LC2MOS 16-Bit A/D Converter
AD768 AD-AD768 Datasheet
334Kb / 20P
   16-Bit, 30 MSPS D/A Converter
REV. B
AD9726 AD-AD9726 Datasheet
613Kb / 24P
   16-Bit, 600 MSPS D/A Converter
REV. A
logo
Maxwell Technologies
5102ALP MAXWELL-5102ALP Datasheet
248Kb / 14P
   16-Bit, 20 KHz A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com