전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

3N0266201 데이터시트(PDF) 6 Page - Bel Fuse Inc.

부품명 3N0266201
상세설명  End of life (EOL) for certain part numbers with little or no activity
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BEL [Bel Fuse Inc.]
홈페이지  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

3N0266201 데이터시트(HTML) 6 Page - Bel Fuse Inc.

  3N0266201 Datasheet HTML 1Page - Bel Fuse Inc. 3N0266201 Datasheet HTML 2Page - Bel Fuse Inc. 3N0266201 Datasheet HTML 3Page - Bel Fuse Inc. 3N0266201 Datasheet HTML 4Page - Bel Fuse Inc. 3N0266201 Datasheet HTML 5Page - Bel Fuse Inc. 3N0266201 Datasheet HTML 6Page - Bel Fuse Inc. 3N0266201 Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
152 N Third Street, Suite 805
San Jose, CA 95112 USA
T 866.513.2839
www.belpowersolutions.com
Item Number
Near
alternatives/Replacements
Item Number
Near
alternatives/Replacements
1-142018
n/a
1-147751
n/a
1-142019
n/a
1-148003
n/a
1-142020
n/a
1-148003-G
n/a
1-142487
n/a
1-148313
n/a
1-142588-G
n/a
1-149161G
n/a
1-142610-G
n/a
1-149167
n/a
1-143393
n/a
1-149167G
n/a
1-143835
n/a
1-149279G
n/a
1-144486
n/a
1-149336
n/a
1-144589
n/a
1-149388G
n/a
1-144613
n/a
1-150583
n/a
1-144885G
n/a
1-150840
n/a
1-145252
n/a
1-150849
n/a
1-145254
n/a
1-151601
n/a
1-145256
n/a
1-151648
n/a
1-145897
n/a
1-151821G
n/a
1-145897G
n/a
1-152031
n/a
1-145910
n/a
1-152398G
n/a
1-145910-G
n/a
1-152436G
n/a
1-146003
n/a
1-152653G
n/a
1-146004-G
n/a
1-152836G
n/a
1-146014G
n/a
1-153017G
n/a
1-146042
n/a
1-153583G
n/a
1-146044
n/a
1-153584G
n/a
1-146083
n/a
1-154306G
n/a
1-146100
n/a
1-157522G
n/a
1-146100G
n/a
K-XG1524G
n/a
1-146188
n/a
K-XG1900G
n/a
1-146357
n/a
K-XG2300G
n/a
1-146574
n/a
K-XG2348G
n/a
1-146976
n/a
K-XS1948-S103G
n/a
1-147111
n/a
VKA.00001.0-R5
n/a
1-147177G
n/a
VRA.00002.0-R5
n/a
1-147181
n/a
XEF.00046.0
n/a
1-147239G
n/a
YCU.00001.0
n/a
1-147450
n/a
YST011G
n/a
1-147639
n/a
YUT012G
n/a


유사한 부품 번호 - 3N0266201

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
3N0403 VBSEMI-3N0403 Datasheet
1Mb / 7P
   N-Channel 4 -V (D-S) MOSFET
3N0404 VBSEMI-3N0404 Datasheet
1Mb / 7P
   N-Channel 4 -V (D-S) MOSFET
3N0406 VBSEMI-3N0406 Datasheet
1Mb / 7P
   N-Channel 4 -V (D-S) MOSFET
3N04H4 VBSEMI-3N04H4 Datasheet
1Mb / 7P
   N-Channel 4 -V (D-S) MOSFET
3N0605 VBSEMI-3N0605 Datasheet
1Mb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

유사한 설명 - 3N0266201

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
ATSTK1006 ATMEL-ATSTK1006 Datasheet
26Kb / 2P
   Product End-of-Life (EOL) Notification
logo
Silicon Laboratories
EM2420-RTR SILABS-EM2420-RTR Datasheet
111Kb / 2P
   End of Life (EOL) Change Notice
logo
Murata Manufacturing Co...
NFW31SP106X1E4 MURATA1-NFW31SP106X1E4_V01 Datasheet
376Kb / 3P
   Suppresses signal noise with little or no attenuation of the signal itself.
Last updated07/26/2022
NFW31SP407X1E4 MURATA1-NFW31SP407X1E4_V01 Datasheet
373Kb / 3P
   Suppresses signal noise with little or no attenuation of the signal itself.
Last updated07/26/2022
NFW31SP157X1E4 MURATA1-NFW31SP157X1E4_V01 Datasheet
375Kb / 3P
   Suppresses signal noise with little or no attenuation of the signal itself.
Last updated07/26/2022
NFW31SP107X1E4 MURATA1-NFW31SP107X1E4_V01 Datasheet
374Kb / 3P
   Suppresses signal noise with little or no attenuation of the signal itself.
Last updated07/26/2022
NFW31SP207X1E4 MURATA1-NFW31SP207X1E4_V01 Datasheet
373Kb / 3P
   Suppresses signal noise with little or no attenuation of the signal itself.
Last updated07/26/2022
NFW31SP206X1E4 MURATA1-NFW31SP206X1E4_V01 Datasheet
375Kb / 3P
   Suppresses signal noise with little or no attenuation of the signal itself.
Last updated07/26/2022
NFW31SP307X1E4 MURATA1-NFW31SP307X1E4_V01 Datasheet
373Kb / 3P
   Suppresses signal noise with little or no attenuation of the signal itself.
Last updated07/26/2022
logo
International Rectifier
IP2034PBF IRF-IP2034PBF Datasheet
72Kb / 2P
   End of Life Notification
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com