전자부품 데이터시트 검색엔진 |
|
CA3262AE 데이터시트(PDF) 9 Page - Intersil Corporation |
|
CA3262AE 데이터시트(HTML) 9 Page - Intersil Corporation |
9 / 9 page 9 CA3262A, CA3262 NOTES: 1. Symbols are defined in the “MO Series Symbol List” in Section 2.2 of Publication Number 95. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Dimension “D” does not include mold flash, protrusions or gate burrs. Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 4. Dimension “E” does not include interlead flash or protrusions. In- terlead flash and protrusions shall not exceed 0.25mm (0.010 inch) per side. 5. The chamfer on the body is optional. If it is not present, a visual index feature must be located within the crosshatched area. 6. “L” is the length of terminal for soldering to a substrate. 7. “N” is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. The lead width “B”, as measured 0.36mm (0.014 inch) or greater above the seating plane, shall not exceed a maximum value of 0.61mm (0.024 inch) 10. Controlling dimension: MILLIMETER. Converted inch dimen- sions are not necessarily exact. INDEX AREA E D N 12 3 -B- 0.25(0.010) C A M B S e -A- L B M -C- A1 A SEATING PLANE 0.10(0.004) h x 45o C H 0.25(0.010) B M M α Small Outline Plastic Packages (SOIC) M24.3 (JEDEC MS-013-AD ISSUE C) 24 LEAD WIDE BODY SMALL OUTLINE PLASTIC PACKAGE SYMBOL INCHES MILLIMETERS NOTES MIN MAX MIN MAX A 0.0926 0.1043 2.35 2.65 - A1 0.0040 0.0118 0.10 0.30 - B 0.013 0.020 0.33 0.51 9 C 0.0091 0.0125 0.23 0.32 - D 0.5985 0.6141 15.20 15.60 3 E 0.2914 0.2992 7.40 7.60 4 e 0.05 BSC 1.27 BSC - H 0.394 0.419 10.00 10.65 - h 0.010 0.029 0.25 0.75 5 L 0.016 0.050 0.40 1.27 6 N24 24 7 α 0o 8o 0o 8o - Rev. 0 12/93 All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification. Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries. For information regarding Intersil Corporation and its products, see web site http://www.intersil.com |
유사한 부품 번호 - CA3262AE |
|
유사한 설명 - CA3262AE |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |