전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA3262AE 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 CA3262AE
상세설명  Quad-Gated, Inverting Power Drivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3262AE 데이터시트(HTML) 1 Page - Intersil Corporation

  CA3262AE Datasheet HTML 1Page - Intersil Corporation CA3262AE Datasheet HTML 2Page - Intersil Corporation CA3262AE Datasheet HTML 3Page - Intersil Corporation CA3262AE Datasheet HTML 4Page - Intersil Corporation CA3262AE Datasheet HTML 5Page - Intersil Corporation CA3262AE Datasheet HTML 6Page - Intersil Corporation CA3262AE Datasheet HTML 7Page - Intersil Corporation CA3262AE Datasheet HTML 8Page - Intersil Corporation CA3262AE Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
August 1997
CA3262A, CA3262
Quad-Gated, Inverting Power Drivers
Features
• Independent Over-Current Limiting On Each Output
• Independent Over-Temperature Limiting On Each Output
• Output Drivers Capable of Switching 700mA Load
• Inputs Compatible With TTL or 5V CMOS Logic
• Suitable For Resistive, Lamp or Inductive Loads
• Power-Frame Package Construction For Good Heat
Dissipation
• Operating Temperature Ranges
- CA3262A . . . . . . . . . . . . . . . . . . . . . . . -40oC to 125oC
- CA3262 . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Applications
System Applications
• Solenoids
Automotive
• Relays
Appliances
• Lamps
Industrial Controls
• Steppers
Robotics
• Small Motors
• Displays
Description
The CA3262 and CA3262A are used to interface low-level
logic to high current loads. Each Power Driver has four
inverting switches consisting of a non-inverting logic input
stage and an inverting low-side driver output stage. All inputs
are 5V TTL/CMOS logic compatible and have a common
Enable input. Each output device has independent current
limiting (ILIM) and thermal limiting (TLIM) for protection from
over-load conditions. Steering diodes connected from each
output (in pairs) to the Clamp pins may be used in
conjunction with external zener diodes to protect the IC
against over-voltage transients that result from inductive load
switching.
To allow for maximum heat transfer from the chip, all ground
pins on the DIP, PLCC and SOIC packages are directly
connected to the mounting pad of the chip. Integral heat
spreading lead frames directly connect the bond pads and
ground leads to conduct heat from the chip junction to the
PC Board for good heat dissipation.
The CA3262 and CA3262A can drive four incandescent
lamp loads without modulating their brilliance when the
“cold” lamps are energized. Outputs may be parallel
connected to drive high current loads. The maximum output
current of each output is determined by the over-current lim-
iting threshold which is typically 1.2A but may be as low as
0.7A.
Pinouts
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
CA3262E
-40 to 85
16 Ld PDIP
E16.3
CA3262AE
-40 to 125
16 Ld PDIP
E16.3
CA3262AQ
-40 to 125
28 Ld PLCC
N28.45
CA3262AM
-40 to 125
24 Ld SOIC (W)
M24.3
CA3262, CA3262A (PDIP)
TOP VIEW
CA3262A (PLCC)
TOP VIEW
CA3262A (SOIC)
TOP VIEW
PRELIMINARY
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
OUT A
CLAMP
OUT B
GND
GND
OUT C
CLAMP
OUT D
IN A
IN B
ENABLE
GND
GND
VCC
IN C
IN D
INDEX
1
2
3
4
5
6
7
8
9
10
11
12 13 14 15 16 17 18
19
20
21
22
23
24
25
26
27
28
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
OUT A
CLAMP
OUT B
NC
GND
GND
GND
GND
NC
OUT C
CLAMP
OUT D
IN A
ENABLE
NC
GND
GND
GND
VCC
IN C
IN D
IN B
GND
NC
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
21
22
23
24
15
14
13
File Number
1836.6


유사한 부품 번호 - CA3262AE

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CA3260 INTERSIL-CA3260 Datasheet
140Kb / 3P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3260 INTERSIL-CA3260 Datasheet
148Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA3260 RENESAS-CA3260 Datasheet
289Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA3260A INTERSIL-CA3260A Datasheet
140Kb / 3P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA3260A RENESAS-CA3260A Datasheet
289Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
More results

유사한 설명 - CA3262AE

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CA3252 INTERSIL-CA3252 Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
CA3272A INTERSIL-CA3272A Datasheet
91Kb / 10P
   Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output
July 1997
logo
Renesas Technology Corp
HIP0080 RENESAS-HIP0080 Datasheet
750Kb / 14P
   Quad Inverting Power Drivers with Serial Diagnostic Interface
November 2000
logo
Intersil Corporation
HIP0080 INTERSIL-HIP0080_00 Datasheet
147Kb / 14P
   Quad Inverting Power Drivers with Serial Diagnostic Interface
HIP0080 INTERSIL-HIP0080 Datasheet
115Kb / 15P
   Quad Inverting Power Drivers with Serial Diagnostic Interface
CA3242 INTERSIL-CA3242 Datasheet
12Kb / 1P
   Quad-Gated Inverting Power Driver For Interfacing Low-Level Logic to High Current Load
August 1998
logo
Texas Instruments
SN54AS1004A TI-SN54AS1004A_07 Datasheet
544Kb / 17P
[Old version datasheet]   HEX INVERTING DRIVERS
SN54AS1004A TI-SN54AS1004A_08 Datasheet
664Kb / 16P
[Old version datasheet]   HEX INVERTING DRIVERS
SN54AS1004A TI-SN54AS1004A_1 Datasheet
635Kb / 16P
[Old version datasheet]   HEX INVERTING DRIVERS
SN54AS1004A TI-SN54AS1004A Datasheet
496Kb / 14P
[Old version datasheet]   HEX INVERTING DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com