전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC2295-C-HF 데이터시트(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 2SC2295-C-HF
상세설명  NPN Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC2295-C-HF 데이터시트(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC2295-C-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC2295-C-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SC2295-C-HF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Type
www.kexin.com.cn
3
Transistors
Typical Characterisitics
Cre — VCE
NF — IE
bie — gie
bre — gre
bfe — gfe
boe — goe
0.1
1
10
100
0.3
3
30
0
3.0
2.5
2.0
1.5
1.0
0.5
f=10.7MHz
Ta=25˚C
IC=3mA
1mA
Collector to emitter voltage VCE (V)
– 0.1
– 0.3
–1
–3
–10
0
12
10
8
6
4
2
VCB=6V
f=100MHz
Rg=50Ω
Ta=25˚C
Emitter current IE (mA)
0
4
0
32
8
24
16
0
24
20
16
12
8
4
Vie=gie+jbie
VCE=10V
f=10.7MHz
–2mA
–4mA
–7mA
58
100
Input conductance gie (mS)
0
5
.
0
– 0.1
– 0.4
– 0.2
– 0.3
– 0.6
0
– 0.1
– 0.2
– 0.3
– 0.4
– 0.5
yre=gre+jbre
VCE=10V
f=10.7MHz
IE=–1mA
58
100
Reverse transfer conductance gre (mS)
0
0
1
0
80
20
60
40
–120
0
–20
–40
–60
–80
–100
yfe=gfe+jbfe
VCE=10V
f=10.7MHz
100
10.7
– 0.1mA
–1mA
–2mA
IE=–4mA
100
100
58
58
58
Forward transfer conductance gfe (mS)
5
.
0
0
0.4
0.1
0.3
0.2
0
1.2
1.0
0.8
0.6
0.4
0.2
yoe=goe+jboe
VCE=10V
f=10.7MHz
IE=–1mA
58
100
Output conductance goe (mS)
NPN Transistors
2SC2295-HF


유사한 부품 번호 - 2SC2295-C-HF

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
2SC2295-C KEXIN-2SC2295-C Datasheet
1Mb / 3P
   NPN Transistors
More results

유사한 설명 - 2SC2295-C-HF

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com