전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA3450 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 CA3450
상세설명  220MHz, Video Line Driver, High Speed Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3450 데이터시트(HTML) 4 Page - Intersil Corporation

  CA3450 Datasheet HTML 1Page - Intersil Corporation CA3450 Datasheet HTML 2Page - Intersil Corporation CA3450 Datasheet HTML 3Page - Intersil Corporation CA3450 Datasheet HTML 4Page - Intersil Corporation CA3450 Datasheet HTML 5Page - Intersil Corporation CA3450 Datasheet HTML 6Page - Intersil Corporation CA3450 Datasheet HTML 7Page - Intersil Corporation CA3450 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Slew Rate (See Figures 2, 4)
SR
AV = 1, CC = 5pF
No Load
25
-
220
-
V/
µs
RL = 50Ω||20pF
25
-
160
-
V/
µs
AV ≥10, CC = 0pF
No Load
25
370
440
-
V/
µs
RL = 50Ω||20pF
25
300
330
-
V/
µs
Full Power Bandwidth
(FPBW = SR/
π VP-P)
FPBW
AV = 5, CC = 5pF
VOUT = ±3.5V
No Load
25
-
10
-
MHz
RL = 50Ω||20pF
25
-
7.2
-
MHz
AV ≥10, CC = 0pF
VOUT = ±2.0V
No Load
25
29
35
-
MHz
RL = 50Ω||20pF
25
24
26
-
MHz
Input Noise Voltage
eN
f = 1kHz
25
-
12
-
nV/
√Hz
Differential Gain
DG
See Figure 8
25
-
0.2
-
%
Differential Phase
DP
See Figure 8
25
-
0.2
-
Degrees
Output Current
IOUT
Into +4V or -4V
25
60
75
-
mA
Output Voltage Swing
VOM+RL = 75Ω
25
3.9
4.1
-
V
VOM-
25
-3.9
-4.1
-
V
Input Capacitance
CI
f = 1MHz
25
-
2.2
-
pF
Input Resistance
RI
25
-
1
-
M
Output Resistance
ROUT
See Figure 14, AV = 1, 30MHz
25
-
4
-
Electrical Specifications
CC = 5pF, VSUPPLY = ±6V, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP.
(oC)
MIN
TYP
MAX
UNITS
Test Circuits and Waveforms
FIGURE 1. OPEN LOOP GAIN vs FREQUENCY TEST CIRCUIT
13
1
16
12
5
4
CA3450
+
-
OFFSET
NULL
14
3
GEN
50
50
8
7
11
9
CC
CC
50
0.001
µF
1M
20pF
6
0.1
µF
10
Ω (NOTE 2)
-6V
4.7
µF (TANT.)
10
820pF SILVER MICA
OR EQUIVALENT
MULTILAYER
CERAMIC CHIP
0.1
µF
0.1
µF
10
Ω (NOTE 2)
+6V
4.7
µF (TANT.)
+
-
+
-
SCOPE INPUT
NOTE:
2. A 10
Ω, 1/4W supply decoupling resistor is shown in all application circuits of this device. The resistor serves two purposes. First it provides a
means of decoupling the IC directly at its terminal without introducing additional supply resonance due to parallel connected capacitors. Second,
it also provides protection for the device in event of a sustained short circuit applied directly to the output terminals.
All 0.1
µF and 0.001µF supply decoupling capacitors
are multilayer ceramic chip types.
51K
CA3450


유사한 부품 번호 - CA3450

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
CA34 MACOM-CA34 Datasheet
377Kb / 2P
   Cascadable Amplifier 100 to 2000 MHz
logo
M/A-COM Technology Solu...
CA34 MA-COM-CA34 Datasheet
1Mb / 2P
   Cascadable Amplifier 100 to 2000 MHz
CA34 MA-COM-CA34 Datasheet
638Kb / 3P
   Cascadable Amplifier 100 to 2000 MHz
logo
General Electric Compan...
CA3401 GEC-CA3401 Datasheet
342Kb / 4P
   Quad Single-Supply Operational Amplifier
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
More results

유사한 설명 - CA3450

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL55001 INTERSIL-ISL55001 Datasheet
562Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
ISL55001IBZ INTERSIL-ISL55001IBZ Datasheet
558Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
November 3, 2009
logo
Renesas Technology Corp
ISL55001 RENESAS-ISL55001 Datasheet
863Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
HA-2544883 INTERSIL-HA-2544883 Datasheet
44Kb / 5P
   Video Operational Amplifier
logo
Maxim Integrated Produc...
MAX404 MAXIM-MAX404 Datasheet
239Kb / 8P
   Video Operational Amplifier
Rev 0; 7/91
logo
National Semiconductor ...
LM6165 NSC-LM6165 Datasheet
460Kb / 12P
   High Speed Operational Amplifier
LM715 NSC-LM715 Datasheet
208Kb / 8P
   High Speed Operational Amplifier
logo
Linear Technology
LT118A LINER-LT118A Datasheet
499Kb / 8P
   High Speed Operational Amplifier
LM318S8 LINER-LM318S8 Datasheet
100Kb / 2P
   High Speed Operational Amplifier
logo
National Semiconductor ...
LM6162 NSC-LM6162 Datasheet
219Kb / 12P
   High Speed Operational Amplifier
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com