전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA3310D 데이터시트(PDF) 10 Page - Intersil Corporation

부품명 CA3310D
상세설명  CMOS, 10-Bit, A/D Converters with Internal Track and Hold
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3310D 데이터시트(HTML) 10 Page - Intersil Corporation

Back Button CA3310D Datasheet HTML 6Page - Intersil Corporation CA3310D Datasheet HTML 7Page - Intersil Corporation CA3310D Datasheet HTML 8Page - Intersil Corporation CA3310D Datasheet HTML 9Page - Intersil Corporation CA3310D Datasheet HTML 10Page - Intersil Corporation CA3310D Datasheet HTML 11Page - Intersil Corporation CA3310D Datasheet HTML 12Page - Intersil Corporation CA3310D Datasheet HTML 13Page - Intersil Corporation CA3310D Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
6-15
Device Operation
The CA3310 is a CMOS 10-bit, analog-to-digital converter
that
uses
capacitor-charge
balancing
to
successively
approximate the analog input. A binarily weighted capacitor
network forms the D-to-A “Heart” of the device. See the
Functional Diagram of the CA3310.
The capacitor network has a common node which is connected
to a comparator. The second terminal of each capacitor is indi-
vidually switchable to the input, VREF+ or VREF-.
During the first three clock periods of a conversion cycle, the
switchable end of every capacitor is connected to the input.
The comparator is being auto-balanced at its trip point, thus
setting the voltage at the capacitor common node.
During the fourth period, all capacitors are disconnected
from the input, the one representing the MSB (D9) is con-
nected to the VREF+ terminal, and the remaining capacitors
to VREF-. The capacitor-common node, after the charges
balance out, will represent whether the input was above or
below 1/2 of (VREF+ - VREF).
At the end of the fourth period, the comparator output is
stored and the MSB capacitor is either left connected to
VREF+ (if the comparator was high) or returned to VREF-.
This allows the next comparison to be at either 3/4 or
1/
4 of
(VREF+ - VREF-).
At the end of periods 5 through 12, capacitors representing
the next to MSB (D8) through the next to LSB (D1) are
tested, the result stored, and each capacitor either left at
VREF+ or at VREF-.
At the end of the 13th period, when the LSB (D0) capacitor is
tested, D0 and all the previous results are shifted to the out-
put registers and drivers. The capacitors are reconnected to
the input, the comparator returns to the balance state, and
the data-ready output goes active. The conversion cycle is
now complete.
Clock
The CA3310 can operate either from its internal clock or
from one externally supplied. The CLK pin functions either
as the clock output or input. All converter functions are syn-
chronous with the rising edge of the clock signal.
Figure 16 shows the configuration of the internal clock. The
clock output drive is low power: if used as an output, it
should not have more than 1 CMOS gate load applied, and
wiring capacitance should be kept to a minimum.
The REXT pin allows adjusting of the internal clock
frequency by connecting a resistor between REXT and CLK.
Figure 6 shows the typical relationship between the resistor
and clock speed, while Figure 7 shows clock speed versus
temperature and supply voltage.
The internal clock will shut down if the A/D is not restarted after
a conversion. This is described under Control Timing. The clock
could also be shut down with an open collector driver applied to
the CLK pin. This should only be done during the sample por-
tion (the first three periods) of a conversion cycle, and might be
useful for using the device as a digital sample and hold: this is
described further under Applications.
If an external clock is supplied to the CLK pin, it must have
sufficient drive to overcome the internal clock source. The
external clock can be shut off, but again only during the sam-
ple portion of a conversion cycle. At other times, it must be
above the minimum frequency shown in the specifications.
If the internal or external clock was shut off during the
conversion time (clock cycles 4 through 13) of the A/D, the
output might be invalid due to balancing capacitor droop.
An external clock must also meet the minimum tLOW and
tHIGH times shown in the specifications. A violation may
cause an internal miscount and invalidate the results.
Control Signals
The CA3310 may be synchronized from an external source
by using the STRT (Start Conversion) input to initiate conver-
sions, or if STRT is tied low, may be allowed to free-run. In
the free-running mode, illustrated in Figure 1, each
conversion takes 13 clock periods.
The input is tracked from clock period 1 through period 3,
then disconnected as the successive approximation takes
place. After the start of the next period 1 (specified by TD
data), the output is updated.
The DRDY (Data Ready) status output goes high (specified
by tD1 DRDY) after the start of clock period 1, and returns
low (specified by tD2 DRDY) after the start of clock period 2.
DRDY may also be asynchronously reset by a low on DRST
(to be discussed later).
If the output data is to be latched externally by the DRDY
signal, the trailing edge of DRDY should be used: there is no
guaranteed set-up time to the leading edge.
The 10 output data bits are available in parallel on three-
state bus driver outputs. When low, the OEM input enables
the most significant byte (D2 through D9) while the OEL
input enables the two least significant bits (D0, D1). tEN and
tDIS specify the output enable and disable times, respec-
tively. See Figure 2.
When the STRT input is used to initiate conversions,
operation is slightly different depending on whether an
internal or external clock is used.
Figure 3 illustrates operation with an internal clock. If the
STRT signal is removed (at least tR STRT) before clock
period 1, and is not reapplied during that period, the clock
OPTIONAL
EXTERNAL
CLOCK
OPTIONAL
CLOCK
ADJUST
CLK
REXT
100K
INTERNAL
CLOCK
INTERNAL
ENABLE
50K
18pF
FIGURE 16. CLOCK CIRCUITRY
CA3310, CA3310A


유사한 부품 번호 - CA3310D

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CA3310 INTERSIL-CA3310 Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
CA3310A INTERSIL-CA3310A Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
CA3310AM INTERSIL-CA3310AM Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
CA3310E INTERSIL-CA3310E Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
CA3310M INTERSIL-CA3310M Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
More results

유사한 설명 - CA3310D

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CA3310 INTERSIL-CA3310_01 Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
logo
Maxim Integrated Produc...
MAX163 MAXIM-MAX163 Datasheet
563Kb / 14P
   CMOS 12-Bit A/D Converters With Track-and-Hold
MAX177 MAXIM-MAX177 Datasheet
132Kb / 4P
   CMOS 10-Bit A/D Converter with Track-and-Hold
logo
Intersil Corporation
HI5810 INTERSIL-HI5810 Datasheet
423Kb / 12P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5810 INTERSIL-HI5810_01 Datasheet
762Kb / 13P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5812 INTERSIL-HI5812 Datasheet
427Kb / 13P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5812 INTERSIL-HI5812_05 Datasheet
365Kb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Renesas Technology Corp
HI5812 RENESAS-HI5812 Datasheet
1Mb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Intersil Corporation
HI5813 INTERSIL-HI5813 Datasheet
153Kb / 11P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5813 INTERSIL-HI5813_01 Datasheet
476Kb / 12P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com