전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA3338AD 데이터시트(PDF) 7 Page - Intersil Corporation

부품명 CA3338AD
상세설명  CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3338AD 데이터시트(HTML) 7 Page - Intersil Corporation

  CA3338AD Datasheet HTML 1Page - Intersil Corporation CA3338AD Datasheet HTML 2Page - Intersil Corporation CA3338AD Datasheet HTML 3Page - Intersil Corporation CA3338AD Datasheet HTML 4Page - Intersil Corporation CA3338AD Datasheet HTML 5Page - Intersil Corporation CA3338AD Datasheet HTML 6Page - Intersil Corporation CA3338AD Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
10-17
Applications
The output of the CA3338 can be resistively divided to match a
doubly terminated 50
Ω or 75Ω line, although peak-to-peak
swings of less than 1V may result. The output magnitude will
also vary with the converter’s output impedance. Figure 5
shows such an application. Note that because of the HCT input
structure, the CA3338 could be operated up to +7.5V VDD and
VREF+ supplies and still accept 0V to 5V CMOS input voltages.
If larger voltage swings or better accuracy is desired, a high
speed output buffer, such as the HA-5033, HA-2542, or
CA3450, can be employed. Figure 6 shows a typical applica-
tion, with the output capable of driving
±2V into multiple 50Ω
terminated lines.
Operating and Handling Considerations
HANDLING
All inputs and outputs of CMOS devices have a network
for electrostatic protection during handling. Recom-
mended handling practices for CMOS devices are
described in AN6525. “Guide to Better Handling and
Operation of CMOS Integrated Circuits.”
OPERATING
Operating Voltage
During operation near the maximum supply voltage limit,
care should be taken to avoid or suppress power supply
turn-on and turn-off transients, power supply ripple, or
ground noise; any of these conditions must not cause the
absolute maximum ratings to be exceeded.
Input Signals
To prevent damage to the input protection circuit, input
signals should never be greater than VDD nor less than
VSS. Input currents must not exceed 20mA even when
the power supply is off.
Unused Inputs
A connection must be provided at every input terminal. All
unused input terminals must be connected to either VCC
or GND, whichever is appropriate.
NOTES:
1. Both VREF+ pin and 392Ω resistor should be
bypassed within 1/4 inch.
2. Keep nodal capacitance at CA3450 pin 3 as
low as possible.
3. VOUT Range = ±3V at CA3450.
CLOCK
8 DATA
+5V
15
16
14
8
1-7, 9
LE
D0 - D7
VDD
COMP
VSS
CA3338
VOUT
VREF+
VEE
12
13
11
10
R
VREF-
R
11
UP TO 5 OUTPUT LINES
FOR R = 75
Ω, 3 LINES
FOR R = 50
VOUT1
VOUTN
+3.00V AT 25mA
4.7
µF
TAN
4.7
µF TAN
4.7
µF
TAN
0.1
µF
CER.
0.1
µF
CER.
0.1
µF CER.
14
+6V
-6V
392
392
1%
10k
1k
3
4, 5, 12, 13
R
R
+
+
+
+
VOUT = ±1.5VPEAK
6
7, 8
9
+
-
CA3450
ADJUST
OFFSET
5pF
BITS
1%
FIGURE 6. CA3338 AND CA3450 FOR DRIVING MULTIPLE COAXIAL LINES
TABLE 1. OUTPUT VOLTAGE vs INPUT CODE AND VREF
VREF+
VREF-
STEP SIZE
5.12V
0
0.0200V
5.00V
0
0.0195V
4.608V
0
0.0180V
2.56V
-2.56V
0.0200V
2.50V
-2.50V
0.0195V
Input Code
111111112 = FFHEX
111111102 = FE-
HEX
5.1000V
5.0800
4.9805V
4.9610
4.5900V
4.5720
2.5400V
2.5200
2.4805V
2.4610
100000012 = 81HEX
100000002 = 80HEX
011111112 = 7FHEX
2.5800
2.5600
2.5400
2.5195
2.5000
2.4805
2.3220
2.3040
2.2860
0.0200
0.0000
- 0.0200
0.0195
0.0000
-0.0195
000000012 = 01HEX
000000002 = 00HEX
0.0200
0.0000
0.0195
0.0000
0.0180
0.0000
-2.5400
-2.5600
-2.4805
-2.5000
CA3338, CA3338A


유사한 부품 번호 - CA3338AD

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CA3338A INTERSIL-CA3338A Datasheet
232Kb / 10P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
CA3338AE INTERSIL-CA3338AE Datasheet
232Kb / 10P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
logo
Renesas Technology Corp
CA3338AE RENESAS-CA3338AE Datasheet
509Kb / 10P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
logo
Intersil Corporation
CA3338AEZ INTERSIL-CA3338AEZ Datasheet
232Kb / 10P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
logo
Renesas Technology Corp
CA3338AEZ RENESAS-CA3338AEZ Datasheet
509Kb / 10P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
More results

유사한 설명 - CA3338AD

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CA3338 INTERSIL-CA3338_04 Datasheet
232Kb / 10P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
logo
Renesas Technology Corp
CA3338 RENESAS-CA3338 Datasheet
509Kb / 10P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
logo
Intersil Corporation
HI3338 INTERSIL-HI3338 Datasheet
60Kb / 8P
   8-Bit, CMOS R2R D/A Converter
August 1997
logo
Renesas Technology Corp
HI3338 RENESAS-HI3338 Datasheet
491Kb / 9P
   8-Bit, CMOS R2R D/A Converter
logo
Intersil Corporation
HI3338 INTERSIL-HI3338_04 Datasheet
267Kb / 9P
   8-Bit, CMOS R2R D/A Converter
logo
ELAN Microelectronics C...
EM19100 EMC-EM19100 Datasheet
104Kb / 6P
   8-BIT 20 MSPS VIDEO A/D CONVERTER (CMOS)
logo
Intersil Corporation
CA3318 INTERSIL-CA3318 Datasheet
86Kb / 12P
   CMOS Video Speed, 8-Bit, Flash A/D Converter
August 1997
CA3318 INTERSIL-CA3318_02 Datasheet
282Kb / 12P
   CMOS Video Speed, 8-Bit, Flash A/D Converter
HI2302 INTERSIL-HI2302 Datasheet
167Kb / 16P
   8-Bit, 50 MSPS, Video A/D Converter with Clamp Function
November 1997
logo
NXP Semiconductors
ADC0803 PHILIPS-ADC0803 Datasheet
187Kb / 18P
   CMOS 8-bit A/D converters
2002 Oct 17
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com