전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA10ZE104GAA 데이터시트(PDF) 2 Page - AVX Corporation

부품명 SA10ZE104GAA
상세설명  Axial Leads/SpinGuard
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVX [AVX Corporation]
홈페이지  http://www.avx.com
Logo AVX - AVX Corporation

SA10ZE104GAA 데이터시트(HTML) 2 Page - AVX Corporation

  SA10ZE104GAA Datasheet HTML 1Page - AVX Corporation SA10ZE104GAA Datasheet HTML 2Page - AVX Corporation SA10ZE104GAA Datasheet HTML 3Page - AVX Corporation SA10ZE104GAA Datasheet HTML 4Page - AVX Corporation SA10ZE104GAA Datasheet HTML 5Page - AVX Corporation SA10ZE104GAA Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
38
Axial Leads/SpinGuard®
C0G (NP0) Dielectric
Dimensions: Millimeters (Inches)
= Industry preferred values
For other tolerances see Part No. Codes
For other voltages see Part No. Codes
AVX Style
*“C&D” Tolerance Only
AVX Style
SA05
SA10
SA11
SA20
SA30
SA40
Length
3.00
4.32
4.32
6.60
7.37
10.16
(L)
(.118")
(.170")
(.170")
(.260")
(.290")
(.400")
Diameter
2.30
2.54
3.05
2.54
3.81
3.81
(D)
(.090")
(.100")
(.120")
(.100")
(.150")
(.150")
Lead
.445
.445
.445
.445
.445
.445
Diameter
(.0175")
(.0175")
(.0175")
(.0175")
(.0175")
(.0175")
Lead
25.4
25.4
25.4
25.4
25.4
25.4
Length
(1.00")
(1.00")
(1.00")
(1.00")
(1.00")
(1.00")
Cap. in
Typical AVX
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
pF
Part Nos.
200
100
200
100
50
100
50
100
50
100
50
100
50
1.0*
SA102A1R0DAR
++
9.1*
SA102A9R1DAR
10
SA102A100JAR
12
SA102A120JAR
15
SA102A150JAR
18
SA102A180JAR
22
SA102A220JAR
27
SA102A270JAR
33
SA102A330JAR
39
SA102A390JAR
47
SA102A470JAR
56
SA102A560JAR
68
SA102A680JAR
82
SA102A820JAR
100
SA102A101JAR
120
SA102A121JAR
150
SA101A151JAR
180
SA101A181JAR
220
SA101A221JAR
270
SA101A271JAR
330
SA101A331JAR
390
SA101A391JAR
470
SA101A471JAR
560
SA101A561JAR
680
SA101A681JAR
820
SA101A821JAR
1000
SA105A102JAR
1200
SA201A122JAR
1500
SA201A152JAR
1800
SA205A182JAR
2200
SA301A222JAR
2700
SA301A272JAR
3300
SA301A332JAR
3900
SA301A392JAR
4700
SA305A472JAR
5600
SA401A562JAR
6800
SA401A682JAR
8200
SA405A822JAR
10,000
SA405A103JAR
12,000
SA405A123JAR
SIZE AND CAPACITANCE SPECIFICATIONS


유사한 부품 번호 - SA10ZE104GAA

제조업체부품명데이터시트상세설명
logo
Microdiode Electronics ...
SA10 CHENDA-SA10 Datasheet
840Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SA10 PANJIT-SA10 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
First Components Intern...
SA10 FCI-SA10 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA10 TSC-SA10 Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Chongqing Pingwei Enter...
SA10 CHONGQING-SA10 Datasheet
226Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

유사한 설명 - SA10ZE104GAA

제조업체부품명데이터시트상세설명
logo
AVX Corporation
AA101C103K4R AVX-AA101C103K4R Datasheet
481Kb / 3P
   Axial Leads/SpinGuard
SA101A101JAR AVX-SA101A101JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA101C102JAR AVX-SA101C102JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA101A471JAR AVX-SA101A471JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA102A470JAA AVX-SA102A470JAA Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA101C472KAA AVX-SA101C472KAA Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA115C104KARC AVX-SA115C104KARC Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA111E104MAR AVX-SA111E104MAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA105C103MAR AVX-SA105C103MAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA105E104MAR AVX-SA105E104MAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard짰
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com