전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD22301E 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 CD22301E
상세설명  Monolithic PCM Repeater
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD22301E 데이터시트(HTML) 4 Page - Intersil Corporation

  CD22301E Datasheet HTML 1Page - Intersil Corporation CD22301E Datasheet HTML 2Page - Intersil Corporation CD22301E Datasheet HTML 3Page - Intersil Corporation CD22301E Datasheet HTML 4Page - Intersil Corporation CD22301E Datasheet HTML 5Page - Intersil Corporation CD22301E Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4-234
CD22301
FIGURE 2. CLOCK INTERFACE CIRCUIT
FIGURE 3. PHASE-SHIFT INTERFACE CIRCUITS
FIGURE 4. DC AND OUTPUT PULSE TEST CIRCUIT
FIGURE 5. TEST CIRCUIT FOR IMPEDANCE MEASUREMENT
16
15
VCC
TO AMPLIFIER
VEE
5.1K
5.1K
FROM CLOCK
THRESHOLD DETECTOR
13
12
5.5K
VCC
VEE
FROM
LIMITER
12K
VEE
VCC
TO TIMING
PULSE
AMPLIFIER
10
11
12
13
14
15
16
17
18
9
8
7
6
5
4
3
2
1
0.1
µF
0.001
µF
0.1
µF
8.2k
8.2k
0.68
µF
1
µF
91k
0.1
µF
3.83k
Ω 100µH
130
130
20
pF
L1
C1
VCC = 5.1V
PULSE OUTPUT
C1 AND L1
RESONATE AT 1.272MHz
eIN
(NOTE)
(NOTE)
NOTE:
10
11
12
13
14
15
16
17
18
9
8
7
6
5
4
3
2
1
0.1
µF
0.01
µF
5K
VCC = 5.1V


유사한 부품 번호 - CD22301E

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CD22301E INTERSIL-CD22301E Datasheet
176Kb / 5P
   Monolithic PCM Repeater
More results

유사한 설명 - CD22301E

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CD22301 INTERSIL-CD22301_02 Datasheet
176Kb / 5P
   Monolithic PCM Repeater
logo
National Semiconductor ...
TP3040 NSC-TP3040 Datasheet
183Kb / 10P
   TP3040, TP3040A PCM Monolithic Filter
logo
Texas Instruments
TCM320AC54 TI-TCM320AC54 Datasheet
241Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3056B TI-TP3056B Datasheet
287Kb / 19P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064A TI-TP3064A Datasheet
283Kb / 20P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054A TI-TP3054A Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054B TI-TP3054B Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3057BDWR TI1-TP3057BDWR Datasheet
250Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064B TI-TP3064B Datasheet
300Kb / 21P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
logo
Ultralife Corporation.
UBP103450 ULTRALIFE-UBP103450 Datasheet
466Kb / 2P
   PCM
Rev: L
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com