전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD22M3493E 데이터시트(PDF) 2 Page - Intersil Corporation

부품명 CD22M3493E
상세설명  12 x 8 x 1 BiMOS-E Crosspoint Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD22M3493E 데이터시트(HTML) 2 Page - Intersil Corporation

  CD22M3493E Datasheet HTML 1Page - Intersil Corporation CD22M3493E Datasheet HTML 2Page - Intersil Corporation CD22M3493E Datasheet HTML 3Page - Intersil Corporation CD22M3493E Datasheet HTML 4Page - Intersil Corporation CD22M3493E Datasheet HTML 5Page - Intersil Corporation CD22M3493E Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
65
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage (VDD) (Referenced to VSS . . . . . . . -0.5V to 17V
Supply Voltage Range
For TA = Full Package Temperature Range
VSS = 0V, VDD 4V to 16V
DC Input Diode Current, IIN
For VI < VSS -0.5V or VI > VDD +0.5V . . . . . . . . . . . . . . . . ±20mA
DC Output Diode Current, IOK
For VO < VSS -0.5V or VO > VDD +0.5V . . . . . . . . . . . . . . ±20mA
DC Transmission Gate Current . . . . . . . . . . . . . . . . . . . . . . .
±25mA
Power Dissipation Per Package (Po)
For TA = -40
oC to 85oC (PDIP) . . . . . . . . . . . . . . . . . . . . .500mW
For TA = -40
oC to 85oC (PLCC) . . . . . . . . . . . . . . . . . . . . .600mW
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
Plastic DIP Package . . . . . . . . . . . . . . . . . . . . . . . . .
55
PLCC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
43
Maximum Junction Temperature Plastic . . . . . . . . . . . . . . . . .150oC
Maximum Storage Temperature Range (TSTG). . . . -65
oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC
(PLCC - Lead Tips Only)
Operating Conditions
Temperature Range (TA)
Package Type E and Q. . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
DC Input or Output Voltage . . . . . . . . . . . . . Min = VSS , Max = VDD
Digital Input Voltage . . . . . . . . . . . . . . . . . . . Min = VSS , Max = VDD
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
TA = -40
oC to 85oC, V
SS = 0V, VDD = 14V, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current
IDD
VDD = 5V, Logic Inputs = VDD
--
2
mA
VDD = 16V, Logic Inputs = VDD
--
5
mA
High-Level Input Voltage
VIH
2.4
-
-
V
Low-Level Input Voltage
VIL
-
-
0.8
V
Input Leakage Current, Digital
IIN
Reset = Low (Note 2)
-
-
±10
(Note 3)
µA
Electrical Specifications
TA = -40
oC to 85oC, V
SS = 0V, VDD = 14V, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
STATIC CROSSPOINTS
ON Resistance
RON
TA = 25
oC,
VIN = VDD/2
VX - VY = 0.25V
VDD = 5V
-
40
70
VDD = 14V
-
22
45
ON Resistance
RON
TA = -40
oC to 85oC
VIN = VDD/2
VX - VY = 0.25V
VDD = 5V
-
-
80
VDD = 14V
-
-
55
Difference in ON Resistance Be-
tween Any Two Switches
∆RON
TA = 25
oC, V
IN = VDD/2
VX - VY = 0.25V, VDD = 14V
-4
10
Difference in ON Resistance Be-
tween Any Two Switches
∆RON
TA = -40
oC to 85oC, V
IN = VDD/2
VX - VY = 0.25V, VDD = 14V
--
10
OFF-State Leakage Current
IL
|VX - VY| = 14V
-
-
±10
(Note 3)
µA
Electrical Specifications
TA = 25
oC, V
SS = 0V, VDD = 14V, CL = 50pF, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DYNAMIC CROSSPOINTS
Switch I/O Capacitance
VIN = 7V, f = 1MHz
-
20
-
pF
Switch Feedthrough Capacitance
VIN = 7V, f = 1MHz
-
0.2
-
pF
Propagation Delay Time (Switch ON)
Signal Input to Output, tPHL or tPLH
-
30
100
ns
CD22M3493


유사한 부품 번호 - CD22M3493E

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CD22M3494 INTERSIL-CD22M3494 Datasheet
47Kb / 7P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
CD22M3494 INTERSIL-CD22M3494 Datasheet
556Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Renesas Technology Corp
CD22M3494 RENESAS-CD22M3494 Datasheet
546Kb / 10P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Intersil Corporation
CD22M3494E INTERSIL-CD22M3494E Datasheet
47Kb / 7P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
CD22M3494E INTERSIL-CD22M3494E Datasheet
556Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
More results

유사한 설명 - CD22M3493E

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CD22M3494 INTERSIL-CD22M3494 Datasheet
47Kb / 7P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
CD22M3494 INTERSIL-CD22M3494_06 Datasheet
556Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
CD22M3494MQZ96 INTERSIL-CD22M3494MQZ96 Datasheet
627Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Renesas Technology Corp
CD22M3494 RENESAS-CD22M3494 Datasheet
546Kb / 10P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Texas Instruments
SN65LVCP408 TI1-SN65LVCP408_14 Datasheet
1Mb / 29P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX456 MAXIM-MAX456 Datasheet
99Kb / 12P
   8 x 8 Video Crosspoint Switch
Rev 2; 2/94
logo
Texas Instruments
SN65LVCP408 TI-SN65LVCP408 Datasheet
1Mb / 25P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Vitesse Semiconductor C...
VSC3308 VITESSE-VSC3308 Datasheet
906Kb / 2P
   11.5 Gbps 8 x 8 Crosspoint Switch
logo
National Semiconductor ...
CLC018 NSC-CLC018_06 Datasheet
663Kb / 17P
   8 x 8 Digital Crosspoint Switch, 1.485 Gbps
logo
Analog Devices
ADV3228 AD-ADV3228 Datasheet
559Kb / 24P
   750 MHz, 8 x 8 Analog Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com