전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD40100BMS 데이터시트(PDF) 9 Page - Intersil Corporation

부품명 CD40100BMS
상세설명  CMOS 32-Stage Static Left/Right Shift Register
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD40100BMS 데이터시트(HTML) 9 Page - Intersil Corporation

  CD40100BMS Datasheet HTML 1Page - Intersil Corporation CD40100BMS Datasheet HTML 2Page - Intersil Corporation CD40100BMS Datasheet HTML 3Page - Intersil Corporation CD40100BMS Datasheet HTML 4Page - Intersil Corporation CD40100BMS Datasheet HTML 5Page - Intersil Corporation CD40100BMS Datasheet HTML 6Page - Intersil Corporation CD40100BMS Datasheet HTML 7Page - Intersil Corporation CD40100BMS Datasheet HTML 8Page - Intersil Corporation CD40100BMS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
7-1285
CD40100BMS
FIGURE 8. TYPICAL DYNAMIC POWER DISSIPATION AS A FUNCTION OF CLOCK FREQUENCY
Timing Diagram
FIGURE 9. TIMING DIAGRAM DEFINING SETUP, HOLD, AND PROPAGATION DELAY TIMES
Chip Dimensions and Pad Layout
Typical Performance Characteristics (Continued)
8
6
4
2
CLOCK INPUT FREQUENCY (fCL) (KHz)
1
6
4
2
103
SUPPLY VOLTAGE (VDD) = 15V
10V
10V
5V
104
105
102
8
6
4
2
8
6
4
2
8
6
4
2
8
8
6
4
2
10
8
6
4
28
6
4
28
6
4
2
102
103
104
CL = 50pF
CL =15pF
CLOCK
INPUT
OUTPUT
tWH
tWL
tS
tH
tPHL
tPHL
Dimensions in parenthesis are in millimeters and are derived from
the basic inch dimensions as indicated. Grid graduations are in mils
(10-3 inch).
METALLIZATION:
Thickness: 11k
Å
− 14kÅ, AL.
PASSIVATION:
10.4kÅ - 15.6k
Å, Silane
BOND PADS:
0.004 inches X 0.004 inches MIN
DIE THICKNESS:
0.0198 inches - 0.0218 inches


유사한 부품 번호 - CD40100BMS

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD4010 TI-CD4010 Datasheet
304Kb / 12P
[Old version datasheet]   CMOS HEX BUFFERS/CONVERTERS
logo
Fairchild Semiconductor
CD4010 FAIRCHILD-CD4010 Datasheet
53Kb / 5P
   Hex Buffers (Non-Inverting)
logo
Intersil Corporation
CD40101BMS INTERSIL-CD40101BMS Datasheet
105Kb / 8P
   CMOS 9-Bit Parity Generator/Checker
December 1992
logo
Texas Instruments
CD40102B TI-CD40102B Datasheet
572Kb / 14P
[Old version datasheet]   CMOS 8-STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
CD40102BE TI-CD40102BE Datasheet
572Kb / 14P
[Old version datasheet]   CMOS 8-STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
More results

유사한 설명 - CD40100BMS

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
HCC40100B STMICROELECTRONICS-HCC40100B Datasheet
287Kb / 13P
   32-STAGE STATIC LEFT/RIGHT SHIFT REGISTER
logo
Intersil Corporation
CD4031BMS INTERSIL-CD4031BMS Datasheet
97Kb / 10P
   CMOS 64-Stage Static Shift Register
December 1992
logo
Texas Instruments
CD4031B TI-CD4031B Datasheet
265Kb / 6P
[Old version datasheet]   CMOS 64-STAGE STATIC SHIFT REGISTER
CD4006B TI-CD4006B Datasheet
217Kb / 5P
[Old version datasheet]   CMOS 18-STAGE STATIC SHIFT REGISTER
CD4021B-Q1 TI1-CD4021B-Q1 Datasheet
3Mb / 14P
[Old version datasheet]   CMOS 8-STAGE STATIC SHIFT REGISTER
CD4006BE TI-CD4006BE Datasheet
368Kb / 8P
[Old version datasheet]   CMOS 18-Stage Static Shift Register
logo
Intersil Corporation
CD4517BMS INTERSIL-CD4517BMS Datasheet
116Kb / 9P
   CMOS Dual 64-Stage Static Shift Register
December 1992
logo
Unisonic Technologies
UCD4015B UTC-UCD4015B_16 Datasheet
230Kb / 9P
   CMOS DUAL 4-STAGE STATIC SHIFT REGISTER
UCD4015B UTC-UCD4015B Datasheet
229Kb / 8P
   CMOS Dual 4-Stage Static Shift Register
logo
Texas Instruments
CD4015B TI-CD4015B Datasheet
521Kb / 11P
[Old version datasheet]   CMOS Dual 4-Stage Static Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com