전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7822 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD7822
상세설명  3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7822 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD7822_15 Datasheet HTML 5Page - Analog Devices AD7822_15 Datasheet HTML 6Page - Analog Devices AD7822_15 Datasheet HTML 7Page - Analog Devices AD7822_15 Datasheet HTML 8Page - Analog Devices AD7822_15 Datasheet HTML 9Page - Analog Devices AD7822_15 Datasheet HTML 10Page - Analog Devices AD7822_15 Datasheet HTML 11Page - Analog Devices AD7822_15 Datasheet HTML 12Page - Analog Devices AD7822_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD7822/AD7825/AD7829
Rev. C | Page 9 of 28
Gain Error
The deviation of the last code transition (1111 . . . 110) to
(1111 . . . 111) from the ideal, that is, VREF − 1 LSB, after the
offset error has been adjusted out.
Gain Error Match
The difference in gain error between any two channels.
Track-and-Hold Acquisition Time
The time required for the output of the track-and-hold amplifier to
reach its final value, within ±1/2 LSB, after the point at which the
track-and-hold returns to track mode. This happens approximately
120 ns after the falling edge of CONVST.
It also applies to situations where a change in the selected input
channel takes place or where there is a step input change on the
input voltage applied to the selected VIN input of the AD7822/
AD7825/AD7829. It means that the user must wait for the
duration of the track-and-hold acquisition time after a channel
change/step input change to VIN before starting another
conversion, to ensure that the part operates to specification.
PSR (Power Supply Rejection)
Variations in power supply affect the full-scale transition but
not the converter linearity. Power supply rejection is the
maximum change in the full-scale transition point due to a
change in power supply voltage from the nominal value.


유사한 부품 번호 - AD7822_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7822BN AD-AD7822BN Datasheet
240Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
REV. B
AD7822BN AD-AD7822BN Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822BNZ1 AD-AD7822BNZ1 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822BR AD-AD7822BR Datasheet
240Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
REV. B
AD7822BR AD-AD7822BR Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
More results

유사한 설명 - AD7822_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7825 AD-AD7825_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7829 AD-AD7829_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822 Datasheet
240Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
REV. B
AD7822 AD-AD7822_06 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7829-1 AD-AD7829-1_15 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7829-1 AD-AD7829-1 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7829-1 AD-AD7829-1_17 Datasheet
361Kb / 21P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
AD7827 AD-AD7827_15 Datasheet
189Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV. 0
AD7827 AD-AD7827 Datasheet
185Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV. 0
AD7859 AD-AD7859_15 Datasheet
405Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com