전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SA1411-M16 데이터시트(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 2SA1411-M16
상세설명  PNP Transistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1411-M16 데이터시트(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1411-M16 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
Features
Very high DC current gain:hFE=500 to 1600.
High VEBO Voltage:VEBO=-10V
Absolute Maximum Ratings Ta = 25
ti
n
U
g
n
it
a
R
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
V
e
g
a
tl
o
v
e
s
a
b
-r
o
t
c
e
ll
o
C
CBO
-25
V
V
e
g
a
tl
o
v
r
e
tt
i
m
e
-r
o
t
c
e
ll
o
C
CEO
-25
V
V
e
g
a
tl
o
v
e
s
a
b
-r
e
tt
i
m
E
EBO
-10
V
I
t
n
e
rr
u
c
r
o
t
c
e
ll
o
C
C
-150
mA
Total power dissipation
at 25 ambient temperature
T
e
r
u
t
a
r
e
p
m
e
t
n
o
it
c
n
u
J
j
150
T
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
stg
-55 to +150
PT
200
mW
Electrical Characteristics Ta = 25
* PW 350us,duty cycle 2%
PNP Transistors
2SA1411
Classification of hfe
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= -100 μA, IE=0
-25
Collector- emitter breakdown voltage
VCEO
Ic= -1 mA, IB=0
-25
Emitter - base breakdown voltage
VEBO
IE= -100μA, IC=0
-10
Collector-base cut-off current
ICBO
VCB= -25 V , IE=0
-0.1
Emitter cut-off current
IEBO
VEB= -7V , IC=0
-0.1
Collector-emitter saturation voltage *
VCE(sat) IC=-50mA, IB=- 5mA
-0.15 -0.3
Base - emitter saturation voltage
*
VBE(sat) IC=-50mA, IB=- 5mA
-0.8
-1.2
Base - emitter saturation voltage
*
VBE
VCE= -5V, IC= -1mA
-580
mV
VCE= -5V, IC= -1mA
500
1000 1600
VCE= -5V, IC= -100mA
200
400
Turn-on time
ton
0.12
Storage time
ts
0.58
Turn-off time
toff
0.75
Output capacitance
Cob
VCB= -5V, IE= 0,f-1MHz
4.6
pF
Transition frequency
fT
VCE= -5V, IE= -10mA
200
MHz
DC current gain
*
hFE
IC=-50mA,VBE(off)=2.7V, VCC=-10V
,IB1=IB2=-1mA
V
V
us
uA
Type
2SA1411-M15
2SA1411-M16
Range
500-1000
800-1600
Marking
M15
M16
0.4 +0.1
-0.1
2.9 +0.1
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.1
1.Base
2.Emitter
3.collector
1
2
3
Unit: mm
SOT-23
0.1 +0.05
-0.01


유사한 부품 번호 - 2SA1411-M16

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
2SA1411 ETC-2SA1411 Datasheet
27Kb / 1P
   SILICON TRANSISTOR
logo
Guangdong Kexin Industr...
2SA1411 KEXIN-2SA1411 Datasheet
38Kb / 1P
   Silicon PNP Epitaxia
logo
Renesas Technology Corp
2SA1411 RENESAS-2SA1411 Datasheet
232Kb / 6P
   SILICON TRANSISTOR
1985
More results

유사한 설명 - 2SA1411-M16

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com