전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD4016BMS 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 CD4016BMS
상세설명  CMOS Quad Bilateral Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4016BMS 데이터시트(HTML) 8 Page - Intersil Corporation

Back Button CD4016BMS Datasheet HTML 2Page - Intersil Corporation CD4016BMS Datasheet HTML 3Page - Intersil Corporation CD4016BMS Datasheet HTML 4Page - Intersil Corporation CD4016BMS Datasheet HTML 5Page - Intersil Corporation CD4016BMS Datasheet HTML 6Page - Intersil Corporation CD4016BMS Datasheet HTML 7Page - Intersil Corporation CD4016BMS Datasheet HTML 8Page - Intersil Corporation CD4016BMS Datasheet HTML 9Page - Intersil Corporation CD4016BMS Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
7-740
CD4016BMS
TYPICAL ON-STATE RESISTANCE CHARACTERISTICS, TA = +25
oC
CHARACTERISTICS*
SUPPLY
CONDITIONS
LOAD CONDITIONS
RL = 1k
RL = 10k
RL = 100k
VDD
(V)
VSS
(V)
VALUE
(
Ω)
Vis
(V)
VALUE
(
Ω)
Vis
(V)
VALUE
(
Ω)
Vis
(V)
RON
+15
0
200
+15
200
+15
180
+15
200
0
200
0
200
0
RON (max.)
+15
0
300
+11
300
+9.3
320
+9.2
RON
+10
0
290
+10
250
+10
240
+10
290
0
250
0
300
0
RON (max.)
+10
0
500
+7.4
560
+5.6
610
+5.5
RON
+5
0
860
+5
470
+5
450
+5
600
0
580
0
800
0
RON (max.)
+5
0
1.7k
+4.2
7k
+2.9
33k
+2.7
RON
+7.5
-7.5
200
+7.5
200
+7.5
180
+7.5
200
-7.5
200
-7.5
180
-7.5
RON (max.)
+7.5
-7.5
290
±0.25
280
±0.25
400
±0.25
RON
+5
-5
260
+5
250
+5
240
+5
310
-5
250
-5
240
-5
RON (max.)
+5
-5
600
±0.25
580
±0.25
760
±0.25
RON
+2.5
-2.5
590
+2.5
450
+2.5
490
+2.5
720
-2.5
520
-2.5
520
-2.5
RON (max.)
+2.5
-2.5
232k
±0.25
300k
±0.25
870k
±0.25
*Variation from perfect switch, ron = 0
Typical Wave Response
FIGURE 13. TYPICAL SINE WAVE RESPONSE OF VDD = +7.5V,
VSS = -7.5V
Scale X = 0.2ms/Div
Y = 2.0V/Div
VDD = VC = +7.5V, RL = 10K
CL = 15pF
fis = 1kHz
VIS = 5Vp-p
Distortion = 0.2%
FIGURE 14. TYPICAL SINE WAVE RESPONSE OF VDD = +5V,
VSS = -5V
Scale X = 0.2ms/Div
Y = 2.0V/Div
VDD = VC = +5V, RL = 10K
CL = 15pF
fis = 1kHz
VIS = 5Vp-p
Distortion = 0.4%


유사한 부품 번호 - CD4016BMS

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD4016BM TI-CD4016BM Datasheet
262Kb / 6P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
logo
National Semiconductor ...
CD4016BM NSC-CD4016BM Datasheet
168Kb / 8P
   Quad Bilateral Switch
logo
Texas Instruments
CD4016BM TI-CD4016BM Datasheet
983Kb / 18P
[Old version datasheet]   CMOS Quad Bilateral Switch
CD4016BM TI1-CD4016BM Datasheet
994Kb / 19P
[Old version datasheet]   CMOS Quad Bilateral Switch
CD4016BM TI1-CD4016BM Datasheet
1Mb / 18P
[Old version datasheet]   CMOS Quad Bilateral Switch
More results

유사한 설명 - CD4016BMS

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD4066B TI1-CD4066B_14 Datasheet
1Mb / 26P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI1-CD4066B_18 Datasheet
1Mb / 33P
[Old version datasheet]   CMOS Quad Bilateral Switch
CD4066B-Q1 TI1-CD4066B-Q1_14 Datasheet
327Kb / 17P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI-CD4066B Datasheet
547Kb / 20P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI-CD4066B_15 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4016B TI1-CD4016B_14 Datasheet
994Kb / 19P
[Old version datasheet]   CMOS Quad Bilateral Switch
CD4066BMG4 TI-CD4066BMG4 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066BM96G4 TI-CD4066BM96G4 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B-Q1 TI-CD4066B-Q1_15 Datasheet
290Kb / 16P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI1-CD4066B_16 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com