전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRL520NL 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRL520NL
상세설명  Logic-Level Gate Drive
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRL520NL 데이터시트(HTML) 2 Page - International Rectifier

  IRL520NL Datasheet HTML 1Page - International Rectifier IRL520NL Datasheet HTML 2Page - International Rectifier IRL520NL Datasheet HTML 3Page - International Rectifier IRL520NL Datasheet HTML 4Page - International Rectifier IRL520NL Datasheet HTML 5Page - International Rectifier IRL520NL Datasheet HTML 6Page - International Rectifier IRL520NL Datasheet HTML 7Page - International Rectifier IRL520NL Datasheet HTML 8Page - International Rectifier IRL520NL Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRL520NS/L
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
100
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.11
–––
V/°C
Reference to 25°C, ID = 1mA
…
–––
–––
0.18
VGS = 10V, ID = 6.0A
„
–––
–––
0.22
VGS = 5.0V, ID = 6.0A
„
–––
–––
0.26
VGS = 4.0V, ID = 5.0A
„
VGS(th)
Gate Threshold Voltage
1.0
–––
2.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
3.1
–––
–––
S
VDS = 25V, ID = 6.0A
…
–––
–––
25
VDS = 100V, VGS = 0V
–––
–––
250
VDS = 80V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
nA
VGS = 16V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -16V
Qg
Total Gate Charge
–––
–––
20
ID = 6.0A
Qgs
Gate-to-Source Charge
–––
–––
4.6
nC
VDS = 80V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
10
VGS = 5.0V, See Fig. 6 and 13
„…
td(on)
Turn-On Delay Time
–––
4.0
–––
VDD = 50V
tr
Rise Time
–––
35
–––
ID = 6.0A
td(off)
Turn-Off Delay Time
–––
23
–––
RG = 11Ω, VGS = 5.0V
tf
Fall Time
–––
22
–––
RD = 8.2Ω, See Fig. 10
„…
Between lead,
–––
–––
and center of die contact
Ciss
Input Capacitance
–––
440
–––
VGS = 0V
Coss
Output Capacitance
–––
97
–––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
50
–––
ƒ = 1.0MHz, See Fig. 5
…
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
nH
IGSS
RDS(on)
Static Drain-to-Source On-Resistance
LS
Internal Source Inductance
7.5
ns
IDSS
Drain-to-Source Leakage Current
A
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 6.0A, VGS = 0V
„
trr
Reverse Recovery Time
–––
110
160
ns
TJ = 25°C, IF = 6.0A
Qrr
Reverse Recovery Charge
–––
410
620
nC
di/dt = 100A/µs
„…
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
S
D
G
A
10
35
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
Notes:
… Uses IRL520N data and test conditions
** When mounted on 1" square PCB ( FR-4 or G-10 Material ).
For recommended footprint and soldering techniques refer to application note #AN-994.
ƒ I
SD ≤ 6.0A, di/dt ≤ 340A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
‚ V
DD = 25V, starting TJ = 25°C, L = 4.7mH
RG = 25Ω, IAS = 6.0A. (See Figure 12)
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )


유사한 부품 번호 - IRL520NL

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
IRL520NL ISC-IRL520NL Datasheet
299Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRL520NLPBF IRF-IRL520NLPBF Datasheet
398Kb / 10P
   Logic-Level Gate Drive
More results

유사한 설명 - IRL520NL

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLR3105TRPBF IRF-IRLR3105TRPBF Datasheet
327Kb / 11P
   Logic-Level Gate Drive
IRLZ34NSLPBF IRF-IRLZ34NSLPBF Datasheet
191Kb / 11P
   Logic-Level Gate Drive
IRLR014NTRPBF IRF-IRLR014NTRPBF Datasheet
293Kb / 10P
   Logic-Level Gate Drive
logo
Kersemi Electronic Co.,...
IRLU024N KERSEMI-IRLU024N Datasheet
939Kb / 10P
   Logic-Level Gate Drive
IRLU3410 KERSEMI-IRLU3410 Datasheet
921Kb / 10P
   Logic Level Gate Drive
logo
International Rectifier
IRLZ44NSTRR IRF-IRLZ44NSTRR Datasheet
189Kb / 11P
   Logic-Level Gate Drive
IRL520NPBF IRF-IRL520NPBF Datasheet
313Kb / 9P
   Logic-level Gate Drive
logo
Infineon Technologies A...
AUIRLS8409-7P INFINEON-AUIRLS8409-7P Datasheet
278Kb / 11P
   Logic Level Gate Drive
2016-02-15
logo
International Rectifier
AUIRLZ24NS IRF-AUIRLZ24NS Datasheet
277Kb / 12P
   Logic Level Gate Drive
IRLR2705TRL IRF-IRLR2705TRL Datasheet
202Kb / 11P
   Logic-Level Gate Drive
IRLR2703PBF IRF-IRLR2703PBF_15 Datasheet
319Kb / 11P
   Logic-Level Gate Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com