전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7845 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD7845
상세설명  LC MOS Complete 12-Bit Multiplying DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7845 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD7845_15 Datasheet HTML 4Page - Analog Devices AD7845_15 Datasheet HTML 5Page - Analog Devices AD7845_15 Datasheet HTML 6Page - Analog Devices AD7845_15 Datasheet HTML 7Page - Analog Devices AD7845_15 Datasheet HTML 8Page - Analog Devices AD7845_15 Datasheet HTML 9Page - Analog Devices AD7845_15 Datasheet HTML 10Page - Analog Devices AD7845_15 Datasheet HTML 11Page - Analog Devices AD7845_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD7845
REV. B
–9–
Figure 17. Programmable Current Sink
4–20 mA CURRENT LOOP
The AD7845 provides an excellent way of making a 4-20 mA
current loop circuit. This is basically a variation of the circuits
in Figures 16 and 17 and is shown in Figure 18. The application
resistor RA (Value 4R) produces the effective 4 mA offset.
IL = I3 = I2 + I1
Since I2 > I1,
IL = –
V
X
156
=
2.5
4R
× R
FB +
2.5
RDAC
× D × R
FB

 ×
1
156
and since RDAC=RFB=R
IL =
2.5
4
+ D × 2.5


×
1000
156
mA
= [4 + (16
× D)]mA, where D goes from 0 to 1 with
Digital Code
When D = 0 (Code of all 0s):
IL = 4 mA
When D = 1 (Code of all 1s):
IL = 20 mA
The above circuit succeeds in significantly reducing the circuit
component count. Both the on-chip output amplifier and the
application resistor RA contribute to this.
Figure 18. 4–20 mA Current Loop
APPLICATION HINTS
General Ground Management: AC or transient voltages
between AGND and DGND can cause noise injection into the
analog output. The simplest method of ensuring that voltages at
AGND and DGND are equal is to tie AGND and DGND
together at the AD7845. In more complex systems where the
AGND and DGND intertie is on the backplane, it is recom-
mended that two diodes be connected in inverse parallel be-
tween the AD7845 AGND and DGND pins (IN914 or
equivalent).
Digital Glitches: When a new digital word is written into the
DAC, it results in a change of voltage applied to some of the
DAC switch gates. This voltage change is coupled across the
switch stray capacitance and appears as an impulse on the cur-
rent output bus of the DAC. In the AD7845, impulses on this
bus are converted to a voltage by RFB and the output amplifier.
The output voltage glitch energy is specified as the area of the
resulting spike in nV-seconds. It is measured with VREF con-
nected to analog ground and for a zero to full-scale input code
transition. Since microprocessor based systems generally have
noisy grounds which couple into the power supplies, the
AD7845 VDD and VSS terminals should be decoupled to signal
ground.
Temperature Coefficients: The gain temperature coefficient
of the AD7845 has a maximum value of 5 ppm/
°C. This corre-
sponds to worst case gain shift of 2 LSBs over a 100
°C tem-
perature range. When trim resistors R1 and R2 in Figure 13
are used to adjust full-scale range, the temperature coefficient
of R1 and R2 must be taken into account. The offset tempera-
ture coefficient is 5 ppm of FSR/
°C maximum. This corre-
sponds to a worst case offset shift of 2 LSBs over a 100
°C
temperature range.
The reader is referred to Analog Devices Application Note
“Gain Error and Gain Temperature Coefficient of CMOS Mul-
tiplying DACs,” Publication Number E630C-5-3/86.


유사한 부품 번호 - AD7845_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7845AQ AD-AD7845AQ Datasheet
195Kb / 12P
   LC2MOS Complete 12-Bit Multiplying DAC
REV. B
AD7845AR AD-AD7845AR Datasheet
195Kb / 12P
   LC2MOS Complete 12-Bit Multiplying DAC
REV. B
AD7845BQ AD-AD7845BQ Datasheet
195Kb / 12P
   LC2MOS Complete 12-Bit Multiplying DAC
REV. B
AD7845BR AD-AD7845BR Datasheet
195Kb / 12P
   LC2MOS Complete 12-Bit Multiplying DAC
REV. B
AD7845JN AD-AD7845JN Datasheet
195Kb / 12P
   LC2MOS Complete 12-Bit Multiplying DAC
REV. B
More results

유사한 설명 - AD7845_15

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MX7845 MAXIM-MX7845 Datasheet
145Kb / 4P
   Complete, 12-Bit Multiplying DAC
19-3986; Rev 0; 10/91
logo
Analog Devices
AD7845 AD-AD7845 Datasheet
195Kb / 12P
   LC2MOS Complete 12-Bit Multiplying DAC
REV. B
AD7840 AD-AD7840_15 Datasheet
339Kb / 16P
   LC MOS Complete 14-Bit DAC
REV. B
AD7847 AD-AD7847_15 Datasheet
494Kb / 12P
   LC MOS Complete Dual 12 Bit MDACs
REV. C
AD7837ANZ AD-AD7837ANZ Datasheet
494Kb / 12P
   LC MOS COMPLETE, DUAL 12-BIT MDACS
REV. C
AD7837 AD-AD7837_15 Datasheet
494Kb / 12P
   LC MOS Complete Dual 12 Bit MDACs
REV. C
logo
Sipex Corporation
HS7541A SIPEX-HS7541A Datasheet
110Kb / 7P
   12-Bit CMOS Multiplying DAC
logo
Analog Devices
AD7837BRZ AD-AD7837BRZ Datasheet
494Kb / 12P
   LC MOS Complete, Dual 12-Bit MDACs
REV. C
AD7541A AD-AD7541A_15 Datasheet
230Kb / 8P
   12-Bit Monolithic Multiplying DAC
REV. B
AD7937 AD-AD7937_15 Datasheet
147Kb / 8P
   LC MOS Loading Dual 12-Bit DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com