전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7849ARZ 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD7849ARZ
상세설명  Serial Input, 14-Bit/16-Bit DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7849ARZ 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD7849ARZ Datasheet HTML 4Page - Analog Devices AD7849ARZ Datasheet HTML 5Page - Analog Devices AD7849ARZ Datasheet HTML 6Page - Analog Devices AD7849ARZ Datasheet HTML 7Page - Analog Devices AD7849ARZ Datasheet HTML 8Page - Analog Devices AD7849ARZ Datasheet HTML 9Page - Analog Devices AD7849ARZ Datasheet HTML 10Page - Analog Devices AD7849ARZ Datasheet HTML 11Page - Analog Devices AD7849ARZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD7849
Rev. C | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (Hz)
7
0
100
1M
1k
10k
100k
6
5
4
3
2
1
VDD =+15V
VSS = –15V
VREF+ =1V rms
VREF– =0V
VREF+ 1
VOUT 4
C1 FREQ
9.9942kHz
C1 RMS
728mV
C4 RMS
556µV
CH1
1.00V
CH4
1.00mV
M 20.0µs CH1
–300mV
Figure 3. AC Feedthrough
Figure 6. AC Feedthrough vs. Frequency
SYNC
SDIN
VOUT
1
2
4
C4 AREA
247.964nVS
CH2 5.00V
CH4 200mV
M 1.00µs
CH1
3.7V
CH1 5.00V
1
4
2
LDAC
SDIN
VOUT
CH4 50.0mV
CH2 5.00V
M 5.00µs
CH1
–2.3V
CH1
5.00V
Figure 4. Digital-to-Analog Glitch Impulse Without Internal Deglitcher
Figure 7. Digital-to-Analog Glitch Impulse With Internal Deglitcher
FREQUENCY (Hz)
100
1M
1k
10k
100k
22
2
20
18
16
14
12
10
8
6
4
VDD =+15V
VSS =–15V
VREF+ =±5 SINEWAVE
VREF– =0V
GAIN = 2
1
2
VOUT
VREF+
C1 p-p
10.4V
C2 p-p
20.8V
C2 RISE
2.79230µs
C2 FALL
3.20385µs
CH2 20.0V
M 2.5µs
CH1
–400mV
CH1
10.0V
Figure 8. Pulse Response (Large Signal)
Figure 5. Large Signal Frequency Response


유사한 부품 번호 - AD7849ARZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7849ARZ AD-AD7849ARZ Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849ARZ-REEL AD-AD7849ARZ-REEL Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
More results

유사한 설명 - AD7849ARZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7849BR AD-AD7849BR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849BN AD-AD7849BN Datasheet
180Kb / 15P
   Serial Input, 14-Bit/16-Bit DAC
REV. B
AD7849AN AD-AD7849AN Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849AR AD-AD7849AR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849 AD-AD7849 Datasheet
212Kb / 15P
   Serial Input, 14-Bit/16-Bit DAC
REV. B
AD5543 AD-AD5543 Datasheet
259Kb / 12P
   Current Output/ Serial Input, 16-/14-Bit DAC
REV. A
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com