전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7861 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD7861
상세설명  11-Bit Resolution Simultaneous Sampling A/D Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7861 데이터시트(HTML) 4 Page - Analog Devices

  AD7861_15 Datasheet HTML 1Page - Analog Devices AD7861_15 Datasheet HTML 2Page - Analog Devices AD7861_15 Datasheet HTML 3Page - Analog Devices AD7861_15 Datasheet HTML 4Page - Analog Devices AD7861_15 Datasheet HTML 5Page - Analog Devices AD7861_15 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AD7861
REV. B
–4–
PIN DESCRIPTION
Pin
Mnemonic Type
Description
1
AUX0
I/P
Auxiliary Input 0
2
REFIN
I/P
Analog Reference Input
3
AGND
GND
Analog Ground
4
REFOUT
O/P
Internal 2.5 Analog Reference
5
S0
I/P
Aux Channel Select 0
6
S1
I/P
Aux Channel Select 1
7
D0
O/P
Data Bit 0 LSB (Tied Low)
8
D1
O/P
Data Bit 1
9
D2
O/P
Data Bit 2
10
D3
O/P
Data Bit 3
11
D4
O/P
Data Bit 4
12
D5
O/P
Data Bit 5
13
D6
O/P
Data Bit 6
14
D7
O/P
Data Bit 7
15
D8
O/P
Data Bit 8
16
D9
O/P
Data Bit 9
17
D10
O/P
Data Bit 10
18
D11
O/P
Data Bit 11, MSB
19
DGND
GND
Logic Ground
20
DGND
GND
Logic Ground
21
VDD
SUP
+5 V Digital Supply
22
M0
I/P
Conversion Mode Select 0
23
M1
I/P
Conversion Mode Select 1
24
CONVST
I/P
A/D Conversion Start
25
CS
I/P
Chip Select
26
RD
I/P
Read Input
27
RESET
I/P
Chip Reset
28
A1
I/P
Register Address Select 1
29
A0
I/P
Register Address Select 0
30
NC
NC
No Connect
31
BUSY
O/P
Busy, Conversion in Process
32
CLK
I/P
External Clock Input 6.25 MHz-12.5 MHz
33–34
DGND
GND
Logic Ground
35
SGND
GND
Signal Ground
36
VDD
SUP
+5 V Analog Supply
37
VIN1
I/P
Analog Input 1
38–39
NC
NC
No Connect
40
VIN2
I/P
Analog Input 2
41
VIN3
I/P
Analog Input 3
42
AUX3
I/P
Auxiliary Input 3
43
AUX2
I/P
Auxiliary Input 2
44
AUX1
I/P
Auxiliary Input 1
PIN CONFIGURATION
18 19 20
21 22 23 24 25 26 27 28
35
36
37
38
39
33
34
31
32
29
30
21
44
3
4
5
642
41 40
43
9
10
11
12
13
7
8
16
17
14
15
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
AD7861
NC
NC
VIN1
VDD
SGND
DGND
DGND
D0
D1
D2
D3
D4
D5
D6
NC = NO CONNECT
D7
D8
D9
D10
CLK
BUSY
NC
A0
Pin Types
Pin Types
I/P = Input Pin
GND = Ground Pin
O/P = Output Pin
SUP = Supply Pin


유사한 부품 번호 - AD7861_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7861 AD-AD7861_17 Datasheet
128Kb / 7P
   11-Bit Resolution Simultaneous Sampling A/D Converter
More results

유사한 설명 - AD7861_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7861 AD-AD7861 Datasheet
95Kb / 6P
   11-Bit Resolution Simultaneous Sampling A/D Converter
REV. B
AD7861 AD-AD7861_17 Datasheet
128Kb / 7P
   11-Bit Resolution Simultaneous Sampling A/D Converter
logo
List of Unclassifed Man...
TIP830 ETC1-TIP830 Datasheet
78Kb / 1P
   8 Channel 12 (16) bit Simultaneous Sampling A/D
logo
Linear Technology
LTC1407 LINER-LTC1407 Datasheet
443Kb / 24P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling Simultaneous Sampling
logo
Texas Instruments
ADC122S706 TI1-ADC122S706_14 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 12-Bit, 500 kSPS to 1 MSPS, Simultaneous Sampling A/D Converter
ADC122S706 TI1-ADC122S706_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 12-Bit, 500 kSPS to 1 MSPS, Simultaneous Sampling A/D Converter
ADC122S655 TI1-ADC122S655_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter
ADC122S625 TI1-ADC122S625_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
logo
National Semiconductor ...
ADC122S625 NSC-ADC122S625 Datasheet
496Kb / 20P
   Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
ADC122S706 NSC-ADC122S706 Datasheet
559Kb / 24P
   Dual 12-Bit, 500 kSPS to 1 MSPS, Simultaneous Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com