전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7862 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD7862
상세설명  Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7862 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD7862_15 Datasheet HTML 2Page - Analog Devices AD7862_15 Datasheet HTML 3Page - Analog Devices AD7862_15 Datasheet HTML 4Page - Analog Devices AD7862_15 Datasheet HTML 5Page - Analog Devices AD7862_15 Datasheet HTML 6Page - Analog Devices AD7862_15 Datasheet HTML 7Page - Analog Devices AD7862_15 Datasheet HTML 8Page - Analog Devices AD7862_15 Datasheet HTML 9Page - Analog Devices AD7862_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD7862
–6–
REV. 0
TERMINOLOGY
Signal to (Noise + Distortion) Ratio
This is the measured ratio of signal to (noise + distortion) at the
output of the A/D converter. The signal is the rms amplitude of
the fundamental. Noise is the rms sum of all nonfundamental
signals up to half the sampling frequency (f
S/2), excluding dc.
The ratio is dependent upon the number of quantization levels
in the digitization process; the more levels, the smaller the
quantization noise. The theoretical signal to (noise + distortion)
ratio for an ideal N-bit converter with a sine wave input is given
by:
Signal to (Noise + Distortion) = (6.02 N + 1.76) dB
Thus for a 12-bit converter, this is 74 dB.
Total Harmonic Distortion
Total harmonic distortion (THD) is the ratio of the rms sum of
harmonics to the fundamental. For the AD7862 it is defined as:
THD dB
() = 20 log
V
2
2
+V
3
2
+V
4
2
+V
5
2
V1
where V
1 is the rms amplitude of the fundamental and V2, V3, V4
and V
5 are the rms amplitudes of the second through the fifth
harmonics.
Peak Harmonic or Spurious Noise
Peak harmonic or spurious noise is defined as the ratio of the
rms value of the next largest component in the ADC output
spectrum (up to fS/2 and excluding dc) to the rms value of the
fundamental. Normally, the value of this specification is deter-
mined by the largest harmonic in the spectrum, but for parts
where the harmonics are buried in the noise floor, it will be a
noise peak.
Intermodulation Distortion
With inputs consisting of sine waves at two frequencies, fa and
fb, any active device with nonlinearities will create distortion
products at sum and difference frequencies of mfa
± nfb where
m, n = 0, 1, 2, 3, etc. Intermodulation terms are those for
which neither m nor n are equal to zero. For example, the
second order terms include (fa + fb) and (fa – fb), while the
third order terms include (2 fa + fb), (2 fa – fb), (fa + 2 fb) and
(fa – 2 fb).
The AD7862 is tested using the CCIF standard where two input
frequencies near the top end of the input bandwidth are used.
In this case, the second and third order terms are of different
significance. The second order terms are usually distanced in
frequency from the original sine waves, while the third order
terms are usually at a frequency close to the input frequencies.
As a result, the second and third order terms are specified
separately. The calculation of the intermodulation distortion is
as per the THD specification where it is the ratio of the rms sum
of the individual distortion products to the rms amplitude of the
fundamental expressed in dBs.
Channel-to-Channel Isolation
Channel-to-Channel isolation is a measure of the level of
crosstalk between channels. It is measured by applying a full-
scale 100 kHz sine wave signal to each of the four inputs
individually. These, in turn, are individually referenced to the
other three channels whose inputs are grounded, and the ADC
output is measured to determine the level of crosstalk from the
other channel. The figure given is the worst case across all four
channels.
Relative Accuracy
Relative accuracy or endpoint nonlinearity is the maximum
deviation from a straight line passing through the endpoints of
the ADC transfer function.
Differential Nonlinearity
This is the difference between the measured and the ideal 1 LSB
change between any two adjacent codes in the ADC.
Positive Full-Scale Error
This is the deviation of the last code transition (01 . . . 110 to
01 . . . 111) from the ideal 4
× VREF – 3/2 LSB (AD7862-10
±10 V range) or VREF – 3/2 LSB (AD7862-3, ±2.5 V range)
after the Bipolar Offset Error has been adjusted out.
Positive Full-Scale Error (AD7862-2, 0 V to 2.5 V)
This is the deviation of the last code transition (01 . . . 110 to
01 . . . 111) from the ideal VREF – 3/2 LSB after the unipolar
offset error has been adjusted out.
Bipolar Zero Error (AD7862-10,
10 V, AD7862-3,
2.5 V)
This is the deviation of the midscale transition (all 1s to all 0s)
from the ideal AGND – 1/2 LSB.
Unipolar Offset Error (AD7862-2, 0 V to 2.5 V)
This is the deviation of the first code transition (00 . . . 000 to
00 . . . 001) from the ideal AGND + 1/2 LSB.
Negative Full-Scale Error (AD7862-1,
10 V; AD7862-3,
2.5 V)
This is the deviation of the first code transition (10 . . . 000 to
10 . . . 001) from the ideal –4
× VREF + 1/2 LSB (AD7862-10
±10 V range) or –VREF + 1/2 LSB (AD7862-3, ±2.5 V range)
after Bipolar Zero Error has been adjusted out.
Track/Hold Acquisition Time
Track/Hold acquisition time is the time required for the output
of the track/hold amplifier to reach its final value, within
±1/2 LSB, after the end of conversion (the point at which the
track/hold returns to track mode). It also applies to situations
where a change in the selected input channel takes place or
where there is a step input change on the input voltage applied
to the selected VAX/BX input of the AD7862. It means that the
user must wait for the duration of the track/hold acquisition
time, after the end of conversion or after a channel change/step
input change to VAX/BX, before starting another conversion to
ensure that the part operates to specification.


유사한 부품 번호 - AD7862_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7862 AD-AD7862_17 Datasheet
449Kb / 17P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
More results

유사한 설명 - AD7862_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7862ANZ-10 AD-AD7862ANZ-10 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARSZ-10 AD-AD7862ARSZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARZ-10 AD-AD7862ARZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862 AD-AD7862_17 Datasheet
449Kb / 17P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
AD7862 AD-AD7862 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARSZ-2 AD-AD7862ARSZ-2 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7656YSTZ AD-AD7656YSTZ Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
AD7656 AD-AD7656 Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
AD7863 AD-AD7863 Datasheet
1Mb / 24P
   Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
REV. B
AD7658 AD-AD7658 Datasheet
313Kb / 25P
   250 kSPS, 6-Channel,Simultaneous Sampling, Bipolar 12/14/16-Bit ADC
Rev. PrI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com