전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7868 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD7868
상세설명  LC MOS Complete, 12-Bit Analog I/O System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7868 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD7868_15 Datasheet HTML 3Page - Analog Devices AD7868_15 Datasheet HTML 4Page - Analog Devices AD7868_15 Datasheet HTML 5Page - Analog Devices AD7868_15 Datasheet HTML 6Page - Analog Devices AD7868_15 Datasheet HTML 7Page - Analog Devices AD7868_15 Datasheet HTML 8Page - Analog Devices AD7868_15 Datasheet HTML 9Page - Analog Devices AD7868_15 Datasheet HTML 10Page - Analog Devices AD7868_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD7868
–7–
REV. B
500
200
100
50
20
10
50
100
200
1k
2k
10k
20k
100k
FREQUENCY – Hz
REF OUT
DAC OUTPUT
WITH ALL 0s
LOADED
REF OUT DECOUPLED
AS SHOWN IN
FIGURE 2
TA = +25°C
VDD = +5V
VSS = –5V
Figure 3. Noise Spectral Density vs. Frequency
INPUT/OUTPUT TRANSFER FUNCTIONS
A bipolar circuit for the AD7868 is shown in Figure 4. The ana-
log input/output voltage range of the AD7868 is
±3 V. The de-
signed code transitions for the ADC occur midway between
successive integer LSB values (i.e., 1/2 LSB, 3/2 LSB, 5/2 LSB
. . . FS – 3/2 LSBs). The input/output code is 2s complement
binary with 1 LSB = FS/4096 = 1.46 mV. The ideal transfer
function is shown in Figure 5.
AD7868*
RO ADC
RI DAC
AGND
*ADDITIONAL PINS OMITTED FOR CLARITY
VIN
VOUT
ANALOG OUTPUT
RANGE = ±3V
ANALOG INPUT
RANGE = ±3V
R1
200
C2
0.1µF
C1
10µF
Figure 4. AD7868 Basic Bipolar Operation Using RO ADC
as a Reference Input for the DAC
-FS
2
FS = 6V
1LSB =
FS
4096
0V
011...111
011...110
000...010
000...001
000...000
111...111
111...110
100...001
100...000
INPUT VOLTAGE
OUTPUT
CODE
2
-1LSB
FS
+
Figure 5. AD7868 Input/Output Transfer Function
OFFSET AND FULL-SCALE ADJUSTMENT
In most digital signal processing (DSP) applications, offset and
full-scale errors have little or no effect on system performance.
Offset error can always be eliminated in the analog domain by
ac coupling. Full-scale errors do not cause problems as long as
the input signal is within the full dynamic range of the ADC. For
applications which require that the input signal range match the
full analog input dynamic range of the ADC, offset and full-scale
errors have to be adjusted to zero.
ADC ADJUSTMENT
Figure 6 has signal conditioning at the input and output of the
AD7868 for trimming the end points of the transfer functions of
both the ADC and the DAC. Offset error must be adjusted be-
fore full-scale error. For the ADC, this is achieved by trimming
the offset of A1 while the input voltage, V1, is 1/2 LSB below
ground. The trim procedure is as follows: apply a voltage of
–0.73 mV (–1/2 LSB) at V1 in Figure 6 and adjust the offset
voltage of A1 until the ADC output code flickers between 1111
1111 1111 (FFF HEX) and 0000 0000 0000 (000 HEX).
ADC gain error can be adjusted at either the first code transi-
tion (ADC negative full scale) or the last code transition (ADC
positive full scale). The trim procedures for both cases are as
follows (see Figure 6).
ADC Positive Full-Scale Adjustment
Apply a voltage of 2.9978 V (FS/2 – 3/2 LSBs) at V1. Adjust R2
until the ADC output code flickers between 0111 1111 1110
(7FE HEX) and 0111 1111 1111 (7FF HEX).
ADC Negative Full-Scale Adjustment
Apply a voltage of –2.9993 V (–FS/2 + 1/2 LSB) at V1 and
adjust R2 until the ADC output code flickers between 1000
0000 0000 (800 HEX) and 1000 0000 0001 (801 HEX).
DAC ADJUSTMENT
Op amp A2 is included in Figure 6 for the DAC transfer func-
tion adjustment. Again offset must be adjusted before full scale.
To adjust offset: load the DAC with 0000 0000 0000 (000
HEX) and trim the offset of A2 to 0 V. As with the ADC adjust-
ment, gain error can be adjusted at either the first code transi-
tion (DAC negative full scale) or the last code transition (DAC
positive full scale). The trim procedures for both cases are as
follows:
DAC Positive Full-Scale Adjustment
Load the DAC with 0111 1111 1111 (7FF HEX) and adjust R7
until the op amp output voltage is equal to 2.9985 V, (FS/2 –
1 LSB).
DAC Negative Full-Scale Adjustment
Load the DAC with 1000 0000 0000 (800 HEX) and adjust R7
until the op amp output voltage is equal to 3.0 V (–FS/2).
AD7868*
*ADDITIONAL PINS
OMITTED FOR CLARITY
AGND
A1
V1
INPUT VOLTAGE
RANGE =
±3V
R1
10k
R2
500
R3
10k
R5
10k
R4
10k
VIN
VOUT
A2
R6
10k
R7
500
R8
10k
R10
10k
R9
10k
V0
OUTPUT VOLTAGE
RANGE =
± 3V
Figure 6. AD7868 with Input/Output Adjustment


유사한 부품 번호 - AD7868_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7868AN AD-AD7868AN Datasheet
337Kb / 16P
   LC2MOS Complete, 12-Bit Analog I/O System
REV. B
AD7868AQ AD-AD7868AQ Datasheet
337Kb / 16P
   LC2MOS Complete, 12-Bit Analog I/O System
REV. B
AD7868AR AD-AD7868AR Datasheet
337Kb / 16P
   LC2MOS Complete, 12-Bit Analog I/O System
REV. B
AD7868BN AD-AD7868BN Datasheet
337Kb / 16P
   LC2MOS Complete, 12-Bit Analog I/O System
REV. B
AD7868BQ AD-AD7868BQ Datasheet
337Kb / 16P
   LC2MOS Complete, 12-Bit Analog I/O System
REV. B
More results

유사한 설명 - AD7868_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7869 AD-AD7869_15 Datasheet
224Kb / 16P
   LC MOS Complete, 14-Bit Analog I/O System
REV. B
AD7868 AD-AD7868 Datasheet
337Kb / 16P
   LC2MOS Complete, 12-Bit Analog I/O System
REV. B
AD7869 AD-AD7869 Datasheet
297Kb / 16P
   LC2MOS Complete, 14-Bit Analog I/O System
REV. A
AD7774 AD-AD7774_15 Datasheet
1Mb / 16P
   LC MOS ANALOG I/O PORT
REV. A
AD7847 AD-AD7847_15 Datasheet
494Kb / 12P
   LC MOS Complete Dual 12 Bit MDACs
REV. C
AD7837ANZ AD-AD7837ANZ Datasheet
494Kb / 12P
   LC MOS COMPLETE, DUAL 12-BIT MDACS
REV. C
AD7837 AD-AD7837_15 Datasheet
494Kb / 12P
   LC MOS Complete Dual 12 Bit MDACs
REV. C
AD7837BRZ AD-AD7837BRZ Datasheet
494Kb / 12P
   LC MOS Complete, Dual 12-Bit MDACs
REV. C
AD7845 AD-AD7845_15 Datasheet
196Kb / 12P
   LC MOS Complete 12-Bit Multiplying DAC
REV. B
AD7572AJNZ10 AD-AD7572AJNZ10 Datasheet
819Kb / 12P
   LC MOS Complete, High Speed 12-Bit ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com