전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD4072 데이터시트(PDF) 10 Page - Intersil Corporation

부품명 CD4072
상세설명  CMOS OR Gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4072 데이터시트(HTML) 10 Page - Intersil Corporation

Back Button CD4072 Datasheet HTML 2Page - Intersil Corporation CD4072 Datasheet HTML 3Page - Intersil Corporation CD4072 Datasheet HTML 4Page - Intersil Corporation CD4072 Datasheet HTML 5Page - Intersil Corporation CD4072 Datasheet HTML 6Page - Intersil Corporation CD4072 Datasheet HTML 7Page - Intersil Corporation CD4072 Datasheet HTML 8Page - Intersil Corporation CD4072 Datasheet HTML 9Page - Intersil Corporation CD4072 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
453
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
CD4071BMS, CD4072BMS, CD4075BMS
Chip Dimensions and Pad Layouts
CD4071BMS
CD4072BMS
CD4075BMS
Dimensions in parentheses are in millimeters and are
derived from the basic inch dimensions as indicated.
Grid graduations are in mils (10-3 inch)
METALLIZATION:
Thickness: 11k
Å
− 14kÅ, AL.
PASSIVATION:
10.4kÅ - 15.6k
Å, Silane
BOND PADS:
0.004 inches X 0.004 inches MIN
DIE THICKNESS:
0.0198 inches - 0.0218 inches


유사한 부품 번호 - CD4072

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD4072 TI-CD4072 Datasheet
209Kb / 5P
[Old version datasheet]   CMOS OR GATES
CD4072B TI-CD4072B Datasheet
209Kb / 5P
[Old version datasheet]   CMOS OR GATES
CD4072B TI-CD4072B Datasheet
524Kb / 12P
[Old version datasheet]   CMOS OR GATES
CD4072B TI1-CD4072B Datasheet
1Mb / 29P
[Old version datasheet]   CMOS OR Gates
CD4072B-MIL TI1-CD4072B-MIL Datasheet
1Mb / 29P
[Old version datasheet]   CMOS OR Gates
More results

유사한 설명 - CD4072

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
CD4071BMS RENESAS-CD4071BMS Datasheet
396Kb / 11P
   CMOS OR Gate
December 1992
logo
Intersil Corporation
CD4030BMS INTERSIL-CD4030BMS Datasheet
59Kb / 7P
   CMOS Quad Exclusive-OR Gate
December 1992
logo
Texas Instruments
CD4019B TI1-CD4019B_15 Datasheet
938Kb / 16P
[Old version datasheet]   CMOS Quad AND/OR Gate
CD4030B TI1-CD4030B_15 Datasheet
1Mb / 16P
[Old version datasheet]   CMOS Quad Exclusive - OR Gate
CD4030A TI-CD4030A Datasheet
995Kb / 6P
[Old version datasheet]   CMOS Quad Excluslve-OR Gate
CD4030B TI-CD4030B Datasheet
497Kb / 11P
[Old version datasheet]   CMOS QUAD EXCLUSIVE-OR GATE
logo
Renesas Technology Corp
CD4030BMS RENESAS-CD4030BMS Datasheet
304Kb / 7P
   CMOS Quad Exclusive-OR Gate
December 1992
logo
Unisonic Technologies
UCD4070B UTC-UCD4070B Datasheet
213Kb / 5P
   CMOS QUAD EXCLUSIVE-OR GATE
UCD4070B UTC-UCD4070B_15 Datasheet
224Kb / 5P
   CMOS QUAD EXCLUSIVE-OR GATE
logo
Intersil Corporation
CD4019BMS INTERSIL-CD4019BMS Datasheet
112Kb / 9P
   CMOS Quad AND/OR Select Gate
November 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com