전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7892 데이터시트(PDF) 2 Page - Analog Devices

부품명 AD7892
상세설명  LC MOS Single Supply, 12-Bit 600 kSPS ADC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7892 데이터시트(HTML) 2 Page - Analog Devices

  AD7892_15 Datasheet HTML 1Page - Analog Devices AD7892_15 Datasheet HTML 2Page - Analog Devices AD7892_15 Datasheet HTML 3Page - Analog Devices AD7892_15 Datasheet HTML 4Page - Analog Devices AD7892_15 Datasheet HTML 5Page - Analog Devices AD7892_15 Datasheet HTML 6Page - Analog Devices AD7892_15 Datasheet HTML 7Page - Analog Devices AD7892_15 Datasheet HTML 8Page - Analog Devices AD7892_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
(VDD = +5 V
5%, AGND = DGND = 0 V, REF IN = +2.5 V. All specifications TMIN to TMAX
unless otherwise noted.)
AD7892–SPECIFICATIONS
Parameter
A Versions
1
B Versions
S Version
2
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
AD7892-1, AD7892-2
fIN = 100 kHz. fSAMPLE = 500 kSPS
Signal to (Noise + Distortion) Ratio
3
70
70
70
dB min
Total Harmonic Distortion3
–78
–78
–78
dB max
typ –84 dB
Peak Harmonic or Spurious Noise
3
–79
–79
–79
dB max
Intermodulation Distortion
3
fa = 49 kHz, fb = 50 kHz
2nd Order Terms
–78
–78
–78
dB max
typ –84 dB
3rd Order Terms
–78
–78
–78
dB max
typ –84 dB
AD7892-3
fIN = 100 kHz. fSAMPLE = 600 kSPS
Signal to (Noise + Distortion) Ratio3
70
70
dB min
Total Harmonic Distortion
3
–78
–78
dB max
Peak Harmonic or Spurious Noise
3
–79
–79
dB max
Intermodulation Distortion3
fa = 49 kHz, fb = 50 kHz
2nd Order Terms
–78
–78
dB max
3rd Order Terms
–78
–78
dB max
DC ACCURACY
Resolution
12
12
12
Bits
Minimum Resolution for Which No
Missing Codes Are Guaranteed
12
12
12
Bits
Relative Accuracy
3
±1.5
±1
±1
LSB max
Differential Nonlinearity
3
±1
±1
±1
LSB max
AD7892-1
Positive Full-Scale Error
3
±4
±4
±5
LSB max
Negative Full-Scale Error
3
±4
±4
±5
LSB max
Bipolar Zero Error
3
±3
±2
±3
LSB max
AD7892-3
Positive Full-Scale Error
3
±4
±4
LSB max
Negative Full-Scale Error
3
±4
±4
LSB max
Bipolar Zero Error
3
±4
±3
LSB max
AD7892-2
Positive Full-Scale Error3
±5
±5
±5
LSB max
Unipolar Offset Error
3
±4
±3
±4
LSB max
ANALOG INPUT
AD7892-1
Input Voltage Range
±10
±10
±10
Volts
Input Applied to VIN1 with VIN2 Grounded
Input Voltage Range
±5
±5
±5
Volts
Input Applied to VIN1 and VIN2
Input Resistance
8
8
8
k
Ω min
Input Applied to VIN1 with VIN2 Grounded
AD7892-2
Input Voltage Range on VIN1
0 to +2.5
0 to +2.5
0 to +2.5
Volts
Input Applied to VIN1
Input Current
10
10
50
nA max
Input Voltage Range on VIN2
±50
±50
±50
mV max
AD7892-3
Input Voltage Range on VIN1
±2.5
±2.5
Volts
Input Applied to VIN1
Input Resistance
2
2
k
Ω min
REFERENCE OUTPUT/INPUT
REF IN Input Voltage Range
2.375/2.625
2.375/2.625
2.375/2.625
V min/V max
2.5 V
± 5%
Input Impedance
1.6
1.6
1.6
k
Ω min
Resistor Connected to Internal Reference Node
Input Capacitance
4
10
10
10
pF max
REF OUT Output Voltage
2.5
2.5
2.5
V nom
REF OUT Error @ +25
°C
±10
±10
±10
mV max
TMIN to TMAX
±20
±20
±25
mV max
REF OUT Temperature Coefficient
25
25
25
ppm/
°C typ
REF OUT Output Impedance
5.5
5.5
5.5
k
Ω nom
LOGIC INPUTS
Input High Voltage, VINH
2.4
2.4
2.4
V min
VDD = 5 V
± 5%
Input Low Voltage, VINL
0.8
0.8
0.8
V max
VDD = 5 V
± 5%
Input Current, IIN
±10
±10
±10
µA max
VIN = 0 V to VDD
Input Capacitance, CIN
4
10
10
10
pF max
–2–
REV. C


유사한 부품 번호 - AD7892_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7892 AD-AD7892_17 Datasheet
178Kb / 15P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
More results

유사한 설명 - AD7892_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7892BRZ-1 AD-AD7892BRZ-1 Datasheet
135Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892 AD-AD7892 Datasheet
144Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892BNZ-1 AD-AD7892BNZ-1 Datasheet
146Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892 AD-AD7892_17 Datasheet
178Kb / 15P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
AD7882 AD-AD7882_15 Datasheet
3Mb / 12P
   LC MOS 16 BIT 300 KSPS SAMPLING ADC
AD7880 AD-AD7880_15 Datasheet
340Kb / 16P
   LC MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
EVAL-AD7891-1CB AD-EVAL-AD7891-1CB Datasheet
360Kb / 12P
   Evaluation Board for Single Supply, 12-Bit 454 kSPS ADC
REV. A
EVAL-AD7891-2CB AD-EVAL-AD7891-2CB Datasheet
381Kb / 12P
   Evaluation Board for Single Supply, 12-Bit 500 kSPS ADC
REV. A
AD7672 AD-AD7672_15 Datasheet
1Mb / 20P
   LC MOS HIGH SPEED 12 BIT ADC
REV. A
AD7572AJNZ10 AD-AD7572AJNZ10 Datasheet
819Kb / 12P
   LC MOS Complete, High Speed 12-Bit ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com