전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7894 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD7894
상세설명  5 V, 14-Bit Serial, 5s ADC in SO-8 Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7894 데이터시트(HTML) 3 Page - Analog Devices

  AD7894_15 Datasheet HTML 1Page - Analog Devices AD7894_15 Datasheet HTML 2Page - Analog Devices AD7894_15 Datasheet HTML 3Page - Analog Devices AD7894_15 Datasheet HTML 4Page - Analog Devices AD7894_15 Datasheet HTML 5Page - Analog Devices AD7894_15 Datasheet HTML 6Page - Analog Devices AD7894_15 Datasheet HTML 7Page - Analog Devices AD7894_15 Datasheet HTML 8Page - Analog Devices AD7894_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
–3–
REV. 0
AD7894
Parameter
A Versions
l
B Versions
1
Units
Test Conditions/Comments
POWER REQUIREMENTS
VDD
+5
+5
V nom
±5% for Specified Performance
IDD
5.5
5.5
mA max
Digital Inputs @ VDD, VDD = 5 V ± 5%
Power Dissipation
27.5
27.5
mW max
Typically 20 mW
Power-Down Mode
IDD @ TMIN to TMAX
20
20
µA max
Digital Inputs @ GND, VDD = 5 V ± 5%
Power Dissipation TMIN to TMAX
100
100
µW max
Typ 15
µW
NOTES
1Temperature ranges are as follows: A, B Versions: –40
°C to +85°C.
2Applies to Mode 1 operation. See Operating Modes section.
3See Terminology.
4Sample tested @ +25
°C to ensure compliance.
5This 10
µs includes the “wake-up” time from standby. This “wake-up” time is timed from the rising edge of CONVST, whereas conversion is timed from the falling
edge of
CONVST, for narrow CONVST pulsewidth the conversion time is effectively the “wake-up” time plus conversion time, hence 10
µs. This can be seen from
Figure 3. Note that if the
CONVST pulsewidth is greater than 5
µs, the effective conversion time will increase beyond 10 µs.
Specifications subject to change without notice.
TIMING CHARACTERISTICS
1, 2
Parameter
A, B Versions
Units
Test Conditions/Comments
t1
40
ns min
CONVST Pulsewidth
t2
31.25
2
ns min
SCLK High Pulsewidth
t3
31.25
2
ns min
SCLK Low Pulsewidth
t4
60
3
ns max
Data Access Time after Falling Edge of SCLK
VDD = 5 V ± 5%
t5
10
ns min
Data Hold Time after Falling Edge of SCLK
t6
20
4
ns max
Bus Relinquish Time after Falling Edge of SCLK
NOTES
1Sample tested at +25
°C to ensure compliance. All input signals are measured with tr = tf = 1 ns (10% to 90% of +5 V) and timed from a voltage level of +1.6 V.
2The SCLK maximum frequency is 16 MHz. Care must be taken when interfacing to account for the data access time, t
4, and the setup time required for the user’s
processor. These two times will determine the maximum SCLK frequency with which the user’s system can operate. See Serial Interface section for more information.
3Measured with the load circuit of Figure 1 and defined as the time required for an output to cross 0.8 V or 2.0 V.
4Derived from the measured time taken by the data outputs to change 0.5 V when loaded with the circuit of Figure 1. The measured number is then extrapolated back
to remove the effects of charging or discharging the 50 pF capacitor. This means that the time, t 6, quoted in the timing characteristics is the true bus relinquish time
of the part and as such is independent of external bus loading capacitances.
Specifications subject to change without notice.
(VDD = +5 V
5%, GND = 0 V, REF IN = +2.5 V)
ABSOLUTE MAXIMUM RATINGS*
(TA = +25
°C unless otherwise noted)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Analog Input Voltage to GND
AD7894-10 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±17 V
AD7894-3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±7 V
AD7894-2 . . . . . . . . . . . . . . . . . . . . . . . . . . . –5 V to +10 V
Reference Input Voltage to GND . . . . –0.3 V to VDD + 0.3 V
Digital Input Voltage to GND . . . . . . . –0.3 V to VDD + 0.3 V
Digital Output Voltage to GND . . . . . –0.3 V to VDD + 0.3 V
Operating Temperature Range
Commercial (A, B Versions) . . . . . . . . . . .
–40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
SOIC Package, Power Dissipation . . . . . . . . . . . . . . . 450 mW
θ
JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . .
170
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7894 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE


유사한 부품 번호 - AD7894_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7894 AD-AD7894_17 Datasheet
167Kb / 13P
   5 V, 14-Bit Serial, ADC in SO-8 Package
More results

유사한 설명 - AD7894_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7894 AD-AD7894_17 Datasheet
167Kb / 13P
   5 V, 14-Bit Serial, ADC in SO-8 Package
AD7894ARZ-3 AD-AD7894ARZ-3 Datasheet
118Kb / 12P
   5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package
REV. 0
AD7894ARZ-2 AD-AD7894ARZ-2 Datasheet
118Kb / 12P
   5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package
REV. 0
AD7894 AD-AD7894 Datasheet
131Kb / 12P
   5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package
REV. 0
AD7894BRZ-10 AD-AD7894BRZ-10 Datasheet
135Kb / 12P
   5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package
REV. 0
AD7894BRZ-3 AD-AD7894BRZ-3 Datasheet
135Kb / 12P
   5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package
REV. 0
AD7895 AD-AD7895_17 Datasheet
348Kb / 13P
   5 V, 12-Bit, Serial 3.8 ADC in 8-Pin Package
AD7895 AD-AD7895_15 Datasheet
317Kb / 12P
   5 V, 12-Bit, Serial 3.8s ADC in 8-Pin Package
REV. 0
AD7895ARZ-2 AD-AD7895ARZ-2 Datasheet
263Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7895 AD-AD7895 Datasheet
314Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com