전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7992 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD7992
상세설명  2-Channel, 12-Bit ADC with IC-Compatible Interface in 10-Lead MSOP
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7992 데이터시트(HTML) 4 Page - Analog Devices

  AD7992_15 Datasheet HTML 1Page - Analog Devices AD7992_15 Datasheet HTML 2Page - Analog Devices AD7992_15 Datasheet HTML 3Page - Analog Devices AD7992_15 Datasheet HTML 4Page - Analog Devices AD7992_15 Datasheet HTML 5Page - Analog Devices AD7992_15 Datasheet HTML 6Page - Analog Devices AD7992_15 Datasheet HTML 7Page - Analog Devices AD7992_15 Datasheet HTML 8Page - Analog Devices AD7992_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
AD7992
Rev. 0 | Page 3 of 28
SPECIFICATIONS
Temperature range for B version is −40°C to +125°C. Unless otherwise noted, VDD = 2.7 V to 5.5 V; REFIN = 2.5 V to VDD. For the
AD7992-0, all specifications apply for fSCL up to 400 kHz; for the AD7992-1 all specifications apply for fSCL up to 3.4 MHz. All
specifications are for both single-channel mode and dual-channel mode, Unless otherwise noted; TA = TMIN to TMAX.
Table 2.
Parameter
B Version
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE1
FIN = 10 kHz sine wave for fSCL from 1.7 MHz to
3.4 MHz
FIN = 1 kHz sine wave for fSCL up to 400 kHz
Signal-to-Noise + Distortion (SINAD)2
70.5
dB min
Signal-to-Noise Ratio (SNR)2
71
dB min
Total Harmonic Distortion (THD)2
–78
dB max
Peak Harmonic or Spurious Noise (SFDR)2
–79
dB max
Intermodulation Distortion (IMD)2
fa = 10.1 kHz, fb = 9.9 kHz for fSCL from 1.7 MHz
to 3.4 MHz
fa = 1.1 kHz, fb = 0.9 kHz for fSCL up to 400 kHz
Second-Order Terms
–90
dB typ
Third-Order Terms
–90
dB typ
Aperture Delay2
10
ns max
Aperture Jitter2
50
ps typ
Channel-to-Channel Isolation2
−90
dB typ
FIN = 108 Hz; see the Terminology section
Full Power Bandwidth2
11
MHz typ
@ 3 dB
2
MHz typ
@ 0.1 dB
DC ACCURACY
Resolution
12
Bits
Integral Nonlinearity1, 2
±1
LSB max
±0.2
LSB typ
Differential Nonlinearity1, 2
+1/–0.9
LSB max
Guaranteed no missed codes to 12 bits
±0.2
LSB typ
Offset Error2
±4
LSB max
Mode 1 (CONVST mode)
±6
LSB max
Mode 2 (command mode)
Offset Error Match2
±1
LSB max
Dual-channel mode
Gain Error2
±2
LSB max
Gain Error Match2
±1
LSB max
Dual-channel mode
ANALOG INPUT
Input Voltage Range
0 to REFIN
V
DC Leakage Current
±1
µA max
Input Capacitance
30
pF typ
REFERENCE INPUT
REFIN Input Voltage Range
1.2 to VDD
V min/V max
DC Leakage Current
±1
µA max
Input Impedance
69
kΩ typ
LOGIC INPUTS (SDA, SCL)
Input High Voltage, VINH
0.7 (VDD)
V min
Input Low Voltage, VINL
0.3 (VDD)
V max
Input Leakage Current, IIN
±1
µA max
VIN = 0 V or VDD
Input Capacitance, CIN3
10
pF max
Input Hysteresis, VHYST
0.1 (VDD)
V min


유사한 부품 번호 - AD7992_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7992 AD-AD7992_17 Datasheet
696Kb / 29P
   2-Channel, 12-Bit ADC with I2C-Compatible Interface in 10-Lead MSOP
More results

유사한 설명 - AD7992_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7992 AD-AD7992_17 Datasheet
696Kb / 29P
   2-Channel, 12-Bit ADC with I2C-Compatible Interface in 10-Lead MSOP
AD7992 AD-AD7992 Datasheet
266Kb / 21P
   2-Channel, 12-Bit ADC with I2C Compatible Interface in 10-Lead MSOP
REV. PrH 09/03
AD7999 AD-AD7999_15 Datasheet
607Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with IC-Compatible Interface in 8-Lead SOT-23
REV. B
AD7995 AD-AD7995_15 Datasheet
607Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with IC-Compatible Interface in 8-Lead SOT-23
REV. B
AD7991 AD-AD7991_15 Datasheet
607Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with IC-Compatible Interface in 8-Lead SOT-23
REV. B
AD7887 AD-AD7887_17 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7993 AD-AD7993_15 Datasheet
1Mb / 32P
   4-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 16-Lead TSSOP
REV. 0
AD7994 AD-AD7994_15 Datasheet
1Mb / 32P
   4-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 16-Lead TSSOP
REV. 0
AD7998 AD-AD7998_15 Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 20-Lead TSSOP
REV. 0
AD7997 AD-AD7997_15 Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 20-Lead TSSOP
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com