전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7993 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD7993
상세설명  4-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 16-Lead TSSOP
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7993 데이터시트(HTML) 1 Page - Analog Devices

  AD7993_15 Datasheet HTML 1Page - Analog Devices AD7993_15 Datasheet HTML 2Page - Analog Devices AD7993_15 Datasheet HTML 3Page - Analog Devices AD7993_15 Datasheet HTML 4Page - Analog Devices AD7993_15 Datasheet HTML 5Page - Analog Devices AD7993_15 Datasheet HTML 6Page - Analog Devices AD7993_15 Datasheet HTML 7Page - Analog Devices AD7993_15 Datasheet HTML 8Page - Analog Devices AD7993_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
4-Channel, 10- and 12-Bit ADCs with I2C-
Compatible Interface in 16-Lead TSSOP
AD7993/AD7994
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
10- and 12-bit ADC with fast conversion time: 2 µs typ
4 single-ended analog input channels
Specified for VDD of 2.7 V to 5.5 V
Low power consumption
Fast throughput rate: 188 kSPS
Temperature range:−40°C to +125°C
Sequencer operation
Automatic cycle interval mode
I2C®-compatible serial interface
I2C interface supports standard, fast, and high speed modes
Out-of-range indicator/alert function
Pin-selectable addressing via AS
Shutdown mode: 1 µA max
16-lead TSSOP package
See AD7998 and AD7992 for 8-channel and 2-channel
equivalent devices, respectively.
GENERAL DESCRIPTION
The AD7993/AD7994 are 4-channel, 10- and 12-bit, low power,
successive approximation ADCs with an I2C-compatible inter-
face. The parts operate from a single 2.7 V to 5.5 V power
supply and feature a 2 µs conversion time. The parts contain a
4-channel multiplexer and track-and-hold amplifier that can
handle input frequencies up to 11 MHz.
The AD7993/AD7994 provide a 2-wire serial interface that is
compatible with I2C interfaces. Each part comes in two versions,
AD7993-0/AD7994-0 and AD7993-1/AD7994-1, and each
version allows for at least two different I2C addresses. The I2C
interface on the AD7993-0/AD7994-0 supports standard and
fast I2C interface modes. The I2C interface on the AD7993-1/
AD7994-1 supports standard, fast, and high speed I2C interface
modes.
The AD7993/AD7994 normally remain in a shutdown state
while not converting, and power up only for conversions. The
conversion process can be controlled using the CONVST pin,
by a command mode where conversions occur across I2C write
operations, or an automatic conversion interval mode selected
through software control.
The AD7993/AD7994 require an external reference that should
be applied to the REFIN pin and can be in the range of 1.2 V to
VDD. This allows the widest dynamic input range to the ADC.
FUNCTIONAL BLOCK DIAGRAM
VIN1
10-/12-BIT
SUCCESSIVE
APPROXIMATION
ADC
CONTROL
LOGIC
I/P
MUX
AD7993/AD7994
VDD
SCL
I2C INTERFACE
CYCLE TIMER
REGISTER
ALERT STATUS
REGISTER
CONFIGURATION
REGISTER
CONVERSION
RESULT
REGISTER
SDA
AGND
CONVST
AGND
AS
OSCILLATOR
REFIN
VIN4
DATALOWLIMIT
REGISTER CH1–CH4
T/H
DATAHIGHLIMIT
REGISTER CH1–CH4
HYSTERESIS
REGISTER CH1–CH4
VIN2
VIN3
ALERT/
BUSY
Figure 1.
On-chip limit registers can be programmed with high and low
limits for the conversion result, and an open-drain, out-of-
range indicator output (ALERT) becomes active when the
programmed high or low limits are violated by the conversion
result. This output can be used as an interrupt.
PRODUCT HIGHLIGHTS
1.
2 µs conversion time with low power consumption.
2.
I2C-compatible serial interface with pin-selectable
addresses. Two AD7993/AD7994 versions allow five
AD7993/AD7994 devices to be connected to the same
serial bus.
3.
The parts feature automatic shutdown while not converting
to maximize power efficiency. Current consumption is
1 µA max when in shutdown mode.
4.
Reference can be driven up to the power supply.
5.
Out-of-range indicator that can be software disabled or
enabled.
6.
One-shot and automatic conversion rates.
7.
Registers can store minimum and maximum conversion
results.


유사한 부품 번호 - AD7993_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7993-1 AD-AD7993-1 Datasheet
693Kb / 32P
   4-Channel, 10- and 12-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
REV. 0
More results

유사한 설명 - AD7993_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7994 AD-AD7994_15 Datasheet
1Mb / 32P
   4-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 16-Lead TSSOP
REV. 0
AD7993 AD-AD7993 Datasheet
693Kb / 32P
   4-Channel, 10- and 12-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
REV. 0
AD7994 AD-AD7994 Datasheet
277Kb / 27P
   4-Channel, 12-/10-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
REV. PrF 09/03
AD7998 AD-AD7998_15 Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 20-Lead TSSOP
REV. 0
AD7997 AD-AD7997_15 Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 20-Lead TSSOP
REV. 0
AD7914 AD-AD7914_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7924 AD-AD7924_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7904 AD-AD7904_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7904 AD-AD7904 Datasheet
411Kb / 24P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. 0
AD7924BRUZ AD-AD7924BRUZ Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com