전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7997 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD7997
상세설명  8-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 20-Lead TSSOP
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7997 데이터시트(HTML) 5 Page - Analog Devices

  AD7997_15 Datasheet HTML 1Page - Analog Devices AD7997_15 Datasheet HTML 2Page - Analog Devices AD7997_15 Datasheet HTML 3Page - Analog Devices AD7997_15 Datasheet HTML 4Page - Analog Devices AD7997_15 Datasheet HTML 5Page - Analog Devices AD7997_15 Datasheet HTML 6Page - Analog Devices AD7997_15 Datasheet HTML 7Page - Analog Devices AD7997_15 Datasheet HTML 8Page - Analog Devices AD7997_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
AD7997/AD7998
Rev. 0 | Page 5 of 32
AD7998 SPECIFICATIONS
Temperature range for B version is −40°C to +85°C. Unless otherwise noted, VDD = 2.7 V to 5.5 V; REFIN = 2.5 V; For the AD7998-0, all
specifications apply for fSCL up to 400 kHz; for the AD7998-1, all specifications apply for fSCL up to 3.4 MHz, unless otherwise noted;
TA = TMIN to TMAX.
Table 2.
Parameter
B Version
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE1
FIN = 10 kHz sine wave for fSCL from 1.7 MHz to
3.4 MHz
FIN = 1 kHz sine wave for fSCL up to 400 kHz
Signal-to-Noise + Distortion (SINAD)2
70.5
dB min
Signal to Noise Ratio (SNR)2
71
dB min
Total Harmonic Distortion (THD)2
–78
dB max
Peak Harmonic or Spurious Noise (SFDR)2
–79
dB max
Intermodulation Distortion (IMD)2
fa = 10.1 kHz, fb = 9.9 kHz fSCL from 1.7 MHz to
3.4 MHz
fa = 1.1 kHz, fb = 0.9 kHz for fSCL up to 400 kHz
Second-Order Terms
–90
dB typ
Third-Order Terms
–90
dB typ
Aperture Delay2
10
ns max
Aperture Jitter2
50
ps typ
Channel-to-Channel Isolation2
–90
dB typ
FIN = 108 Hz, see the Terminology section
Full-Power Bandwidth2
11
MHz typ
@ 3 dB
2
MHz typ
@ 0.1 dB
DC ACCURACY
Resolution
12
Bits
Integral Nonlinearity1,2
±1
LSB max
±0.2
LSB typ
Differential Nonlinearity1,2
+1/–0.9
LSB max
Guaranteed no missed codes to 12 bits
±0.2
LSB typ
Offset Error2
±4
LSB max
Mode 1 (CONVST Mode)
±6
LSB max
Mode 2 (Command Mode)
Offset Error Match2
±1
LSB max
Gain Error2
±2
LSB max
Gain Error Match2
±1
LSB max
ANALOG INPUT
Input Voltage Range
0 to REFIN
V
DC Leakage Current
± 1
µA max
Input Capacitance
30
pF typ
REFERENCE INPUT
REFIN Input Voltage Range
1.2 to VDD
V min/V max
DC Leakage Current
± 1
µA max
Input Impedance
69
kΩ typ
LOGIC INPUTS (SDA, SCL)
Input High Voltage, VINH
0.7 (VDD)
V min
Input Low Voltage, VINL
0.3 (VDD)
V max
Input Leakage Current, IIN
± 1
µA max
VIN = 0 V or VDD
Input Capacitance, CIN 3
10
pF max
Input Hysteresis, VHYST
0.1 (VDD)
V min


유사한 부품 번호 - AD7997_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7997BRU-0 AD-AD7997BRU-0 Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with I2CCompatible
REV. 0
AD7997BRU-0REEL AD-AD7997BRU-0REEL Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with I2CCompatible
REV. 0
AD7997BRU-1 AD-AD7997BRU-1 Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with I2CCompatible
REV. 0
AD7997BRU-1REEL AD-AD7997BRU-1REEL Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with I2CCompatible
REV. 0
AD7997BRUZ-03 AD-AD7997BRUZ-03 Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with I2CCompatible
REV. 0
More results

유사한 설명 - AD7997_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7998 AD-AD7998_15 Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 20-Lead TSSOP
REV. 0
AD7993 AD-AD7993_15 Datasheet
1Mb / 32P
   4-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 16-Lead TSSOP
REV. 0
AD7994 AD-AD7994_15 Datasheet
1Mb / 32P
   4-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 16-Lead TSSOP
REV. 0
AD7993 AD-AD7993 Datasheet
693Kb / 32P
   4-Channel, 10- and 12-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
REV. 0
AD7994 AD-AD7994 Datasheet
277Kb / 27P
   4-Channel, 12-/10-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
REV. PrF 09/03
AD7918 AD-AD7918_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7928BRUZ AD-AD7928BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. D
AD7908 AD-AD7908 Datasheet
607Kb / 24P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. A
AD7908 AD-AD7908_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7928 AD-AD7928_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com