전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7999 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD7999
상세설명  4-Channel, 12-/10-/8-Bit ADC with IC-Compatible Interface in 8-Lead SOT-23
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7999 데이터시트(HTML) 3 Page - Analog Devices

  AD7999_15 Datasheet HTML 1Page - Analog Devices AD7999_15 Datasheet HTML 2Page - Analog Devices AD7999_15 Datasheet HTML 3Page - Analog Devices AD7999_15 Datasheet HTML 4Page - Analog Devices AD7999_15 Datasheet HTML 5Page - Analog Devices AD7999_15 Datasheet HTML 6Page - Analog Devices AD7999_15 Datasheet HTML 7Page - Analog Devices AD7999_15 Datasheet HTML 8Page - Analog Devices AD7999_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD7991/AD7995/AD7999
Rev. B | Page 3 of 28
SPECIFICATIONS
AD79911
The temperature range of the Y version is −40°C to +125°C. Unless otherwise noted, VDD = 2.7 V to 5.5 V, VREF = 2.5 V, fSCL = 3.4 MHz,
and TA = TMIN to TMAX.
Table 2.
Y Version
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE2, 3
See the Sample Delay and Bit Trial Delay
section, fIN = 10 kHz sine wave for fSCL
from 1.7 MHz to 3.4 MHz
fIN = 1 kHz sine wave for fSCL up to 400 kHz
Signal-to-Noise and Distortion (SINAD)4
69.5
70
dB
Signal-to-Noise Ratio (SNR)4
70
71
dB
Total Harmonic Distortion (THD)4
−75.5
dB
Peak Harmonic or Spurious Noise (SFDR)4
−77.5
dB
Intermodulation Distortion (IMD)4
fa = 11 kHz, fb = 9 kHz for fSCL from
1.7 MHz to 3.4 MHz
fa = 5.4 kHz, fb = 4.6 kHz for fSCL up
to 400 kHz
Second-Order Terms
−92
dB
Third-Order Terms
−88
dB
Channel-to-Channel Isolation4
−90
dB
fIN = 10 kHz
Full-Power Bandwidth4
14
MHz
@ 3 dB
1.5
MHz
@ 0.1 dB
DC ACCURACY2, 5
Resolution
12
Bits
Integral Nonlinearity4
±1
LSB
±0.5
LSB
Differential Nonlinearity4
±0.9
LSB
Guaranteed no missed codes to 12 bits
±0.5
LSB
Offset Error4
±1
±7
LSB
Offset Error Matching
±0.5
LSB
Offset Temperature Drift
4.43
ppm/°C
Gain Error4
±2
LSB
Gain Error Matching
±0.7
LSB
Gain Temperature Drift
0.69
ppm/°C
ANALOG INPUT
Input Voltage Range
0
VREF
V
VREF = VIN3/VREF or VDD
DC Leakage Current
±1
μA
Input Capacitance
34
pF
Channel 0 to Channel 2—during
acquisition phase
4
pF
Channel 0 to Channel 2—outside
acquisition phase
35
pF
Channel 3—during acquisition phase
5
pF
Channel 3—outside acquisition phase
REFERENCE INPUT
VREF Input Voltage Range
1.2
VDD
V
DC Leakage Current
±1
μA
VREF Input Capacitance
5
pF
Outside conversion phase
35
pF
During conversion phase
Input Impedance
69


유사한 부품 번호 - AD7999_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7999ARJZ-1RL AD-AD7999ARJZ-1RL Datasheet
751Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. A
AD7999YRJZ-0 AD-AD7999YRJZ-0 Datasheet
264Kb / 25P
   4-Channel, 12-/10-/8-Bit ADC with I2CCompatible Interface in 8-Lead SOT23
Rev. PrB
AD7999YRJZ-1 AD-AD7999YRJZ-1 Datasheet
264Kb / 25P
   4-Channel, 12-/10-/8-Bit ADC with I2CCompatible Interface in 8-Lead SOT23
Rev. PrB
AD7999YRJZ-1500RL7 AD-AD7999YRJZ-1500RL7 Datasheet
792Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. 0
AD7999YRJZ-1500RL7 AD-AD7999YRJZ-1500RL7 Datasheet
751Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. A
More results

유사한 설명 - AD7999_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7995 AD-AD7995_15 Datasheet
607Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with IC-Compatible Interface in 8-Lead SOT-23
REV. B
AD7991 AD-AD7991_15 Datasheet
607Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with IC-Compatible Interface in 8-Lead SOT-23
REV. B
AD7991 AD-AD7991_09 Datasheet
751Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. A
AD7991 AD-AD7991_07 Datasheet
792Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. 0
AD7991 AD-AD7991 Datasheet
264Kb / 25P
   4-Channel, 12-/10-/8-Bit ADC with I2CCompatible Interface in 8-Lead SOT23
Rev. PrB
AD7992 AD-AD7992_15 Datasheet
892Kb / 29P
   2-Channel, 12-Bit ADC with IC-Compatible Interface in 10-Lead MSOP
REV. 0
AD7998 AD-AD7998_15 Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 20-Lead TSSOP
REV. 0
AD7997 AD-AD7997_15 Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 20-Lead TSSOP
REV. 0
logo
Linear Technology
LTC2309 LINER-LTC2309_15 Datasheet
1Mb / 26P
   8-Channel, 12-Bit SAR ADC with IC Interface
logo
Analog Devices
AD7476-EP AD-AD7476-EP Datasheet
196Kb / 12P
   12-Bit ADC in 6-Lead SOT-23
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com