전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD-C 데이터시트(PDF) 2 Page - 3M Electronics

부품명 STD-C
상세설명  STD Tape Dispenser SDR Wire Marking Tape
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  3M [3M Electronics]
홈페이지  http://www.3m.com
Logo 3M - 3M Electronics

STD-C 데이터시트(HTML) 2 Page - 3M Electronics

  STD-C Datasheet HTML 1Page - 3M Electronics STD-C Datasheet HTML 2Page - 3M Electronics STD-C Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
STD Tape Dispenser
SDR Wire Marking Tape
Important Notice to Purchaser:
All statements, technical information and recommendations related
to the Seller's products are based on information believed to be
reliable, but the accuracy or completeness thereof is not
guaranteed. Before utilizing the product, the user should
determine the suitability of the product for its intended use. The
user assumes all risks and liability whatsoever in connection with
such use.
Any statements or recommendations of the Seller which are not
contained in the Seller's current publications shall have no force or
effect unless contained in an agreement signed by an authorized
officer of the Seller. The statements contained herein are made in
lieu of all warranties expressed or implied, including but not
limited to the implied warranties of merchantability and fitness for
a particular purpose which warranties are hereby expressly
disclaimed.
SELLER SHALL NOT BE LIABLE TO THE USER OR ANY OTHER
PERSON UNDER ANY LEGAL THEORY, INCLUDING BUT NOT
LIMITED TO NEGLIGENCE OR STRICT LIABILITY, FOR ANY
INJURY OR FOR ANY DIRECT OR CONSEQUENTIAL DAMAGES
SUSTAINED OR INCURRED BY REASON OF THE USE OF ANY
OF THE SELLER'S PRODUCTS.
6801 River Place Blvd.
Austin, TX 78726-9000
Electrical Products Division
Printed on 50% recycled
waste paper, including 10%
post-consumer waste paper.
Litho in USA.
1-4-94
© 3M 1993806104


유사한 부품 번호 - STD-C

제조업체부품명데이터시트상세설명
logo
Volgen Kaga Electronics...
STD-0315 VOLGEN-STD-0315 Datasheet
63Kb / 2P
   ADAPTER - 5W/10W
STD-04535T VOLGEN-STD-04535T Datasheet
75Kb / 2P
   ADAPTER-18W
STD-0501 VOLGEN-STD-0501 Datasheet
63Kb / 2P
   ADAPTER - 5W/10W
STD-0502 VOLGEN-STD-0502 Datasheet
63Kb / 2P
   ADAPTER - 5W/10W
STD-05025T VOLGEN-STD-05025T Datasheet
75Kb / 2P
   ADAPTER-18W
More results

유사한 설명 - STD-C

제조업체부품명데이터시트상세설명
logo
3M Electronics
SDR-2 3M-SDR-2 Datasheet
29Kb / 2P
   STD Tape Dispenser SDR Wire Marking Tape
SDR-7 3M-SDR-7 Datasheet
29Kb / 2P
   STD Tape Dispenser SDR Wire Marking Tape
SDR-A 3M-SDR-A Datasheet
44Kb / 3P
   STD Tape Dispenser SDR Wire Marking Tape
logo
Lapp.
83257106 LAPP-83257106 Datasheet
611Kb / 7P
   DYMO XTL™ MARKING KIT & MARKING TAPE
08.11.2021
logo
List of Unclassifed Man...
81802 ETC2-81802 Datasheet
39Kb / 1P
   AISLE MARKING TAPE, STATIC SENSITIVE AREA
logo
3M Electronics
767 3M-767 Datasheet
131Kb / 5P
   3M??Hazard Marking Vinyl Tape 767
971 3M-971 Datasheet
162Kb / 6P
   3M??Ultra Durable Floor Marking Tape 971
logo
List of Unclassifed Man...
HP3EEWBGB9 ETC2-HP3EEWBGB9 Datasheet
341Kb / 69P
   TAPE WRAPPED INSULATED WIRE
logo
3M Electronics
1537CW 3M-1537CW Datasheet
248Kb / 2P
   Venture Tape??Facing Tape
1506R 3M-1506R Datasheet
141Kb / 2P
   Venture Tape??Polyethylene Tape
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com