전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD54AC2443A 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 CD54AC2443A
상세설명  Octal Buffer/Line Driver Three-State, Non-Inverting
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD54AC2443A 데이터시트(HTML) 1 Page - Intersil Corporation

  CD54AC2443A Datasheet HTML 1Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper I.C. Handling Procedures.
Copyright
© Harris Corporation 1994
1
SEMICONDUCT OR
CD54AC244/3A
CD54ACT244/3A
Octal Buffer/Line Driver
Three-State, Non-Inverting
Functional Diagram
18
16
14
12
7
3
5
9
2
1Y0
1Y1
1Y2
1Y3
2Y0
2Y1
2Y2
2Y3
2OE
1OE
1
19
6
17
4
8
11
13
15
1A0
1A1
1A2
1A3
2A0
2A1
2A2
2A3
VCC = 20
GND = 10
Description
The CD54AC244/3A and CD54ACT244/3A are three-state
octal buffer/line drivers that utilize the Harris Advanced
CMOS Logic technology. These devices have active-LOW
output enables (1OE, 2OE)
The CD54AC244/3A and CD54ACT244/3A are supplied in
20 lead dual-in-line ceramic packages (F suffix).
ACT INPUT LOAD TABLE
INPUT
UNIT LOAD (NOTE 1)
nA0 - A3
0.5
1OE
0.83
2OE
0.83
NOTE:
1. Unit load is
∆I
CC limit specified in DC Electrical Specifications
Table, e.g., 2.4mA Max at +25oC.
June 1997
File Number
3900
Absolute Maximum Ratings
DC Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +6V
DC Input Diode Current, IIK
For VI < -0.5V or VI > VCC + 0.5V . . . . . . . . . . . . . . . . . . . . . .±20mA
DC Output Diode Current, IOK
For VO < -0.5V or VO > VCC + 0.5V. . . . . . . . . . . . . . . . . . . . .±50mA
DC Output Source or Sink Current, Per Output Pin, IO
For VO > -0.5V or VO < VCC + 0.5V. . . . . . . . . . . . . . . . . . . . .±50mA
DC VCC or GND Current, ICC or IGND
For Up to 4 Outputs Per Device, Add
±25mA For Each
Additional Output
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±100mA
Power Dissipation Per Package, PD
TA = -55
oC to +100oC (Package F) . . . . . . . . . . . . . . . . . . 500mW
TA = +100
oC to +125oC (Package F) . . . . . . . . Derate Linearly at
8mW/oC to 300mW
Operating Temperature Range, TA
Package Type F . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to +125oC
Storage Temperature, TSTG . . . . . . . . . . . . . . . . . . -65
oC to +150oC
Lead Temperature (During Soldering)
At Distance 1/16in.
± 1/32in. (1.59mm ± 0.79mm)
From Case For 10s Max . . . . . . . . . . . . . . . . . . . . . . . . . . +265oC
Unit Inserted Into a PC Board (Min Thickness 1/16in., 1.59mm)
With Solder Contacting Lead Tips Only. . . . . . . . . . . . . . . +300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Recommended Operating Conditions
Supply Voltage Range, VCC
Unless Otherwise Specified, All Voltages Referenced to GND
TA = Full Package Temperature Range
CD54AC Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.5V to 5.5V
CD54ACT Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4.5V to 5.5V
DC Input or Output Voltage, VI, VO. . . . . . . . . . . . . . . . . . 0V to VCC
Operating Temperature, TA . . . . . . . . . . . . . . . . . . . -55
oC to +125oC
Input Rise and Fall Slew Rate, dt/dv
at 1.5V to 3V (AC Types) . . . . . . . . . . . . . . . . . . . 0ns/V to 50ns/V
at 3.6V to 5.5V (AC Types) . . . . . . . . . . . . . . . . . 0ns/V to 20ns/V
at 4.5V to 5.5V (AC Types) . . . . . . . . . . . . . . . . . 0ns/V to 10ns/V
COMING SOON!
COMPLETE DATA SHEET


유사한 부품 번호 - CD54AC2443A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD54AC244 TI-CD54AC244 Datasheet
455Kb / 13P
[Old version datasheet]   Octal Buffer/Line Drivers, 3-State
CD54AC244 TI-CD54AC244 Datasheet
624Kb / 16P
[Old version datasheet]   Octal Buffer/Line Drivers, 3-State
CD54AC244 TI-CD54AC244 Datasheet
782Kb / 17P
[Old version datasheet]   Octal Vuffer Line Drivers 3-State
CD54AC244F3A TI-CD54AC244F3A Datasheet
455Kb / 13P
[Old version datasheet]   Octal Buffer/Line Drivers, 3-State
CD54AC244F3A TI1-CD54AC244F3A Datasheet
1Mb / 17P
[Old version datasheet]   Octal Buffer Line Drivers
More results

유사한 설명 - CD54AC2443A

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CD54AC541F3A INTERSIL-CD54AC541F3A Datasheet
21Kb / 5P
   Octal Buffer/Line Driver Three-State, Non-Inverting
July 1998
CD54AC240 INTERSIL-CD54AC240 Datasheet
9Kb / 1P
   Octal Buffer/Line Driver Three-State, Inverting
June 1997
ACS244MS INTERSIL-ACS244MS Datasheet
46Kb / 2P
   Radiation Hardened Non-Inverting, Octal, Three-State Buffer/Line Driver
March 1998
logo
Renesas Technology Corp
HCTS541MS RENESAS-HCTS541MS Datasheet
423Kb / 10P
   Radiation Hardened Non-Inverting Octal Buffer/Line Driver, Three-State
August 1995
ACS244MS RENESAS-ACS244MS Datasheet
192Kb / 2P
   Radiation Hardened Non-Inverting, Octal, Three-State Buffer/Line Driver
March 1998
logo
Intersil Corporation
HCTS541MS INTERSIL-HCTS541MS Datasheet
126Kb / 10P
   Radiation Hardened Non-Inverting Octal Buffer/Line Driver, Three-State
August 1995
ACS240MS INTERSIL-ACS240MS Datasheet
46Kb / 2P
   Radiation Hardened Inverting, Octal, Three-State Buffer/Line Driver
March 1998
logo
Renesas Technology Corp
HCTS540MS RENESAS-HCTS540MS Datasheet
422Kb / 10P
   Radiation Hardened Inverting Octal Buffer/Line Driver, Three-State
September 1995
logo
Intersil Corporation
HCS241MS INTERSIL-HCS241MS Datasheet
169Kb / 9P
   Radiation Hardened Inverting Octal Three-State Buffer/Line Driver
September 1995
HCTS540MS INTERSIL-HCTS540MS Datasheet
135Kb / 10P
   Radiation Hardened Inverting Octal Buffer/Line Driver, Three-State
September 1995
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com