전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8011AR-REEL 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD8011AR-REEL
상세설명  300 MHz Current Feedback Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8011AR-REEL 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD8011AR-REEL Datasheet HTML 6Page - Analog Devices AD8011AR-REEL Datasheet HTML 7Page - Analog Devices AD8011AR-REEL Datasheet HTML 8Page - Analog Devices AD8011AR-REEL Datasheet HTML 9Page - Analog Devices AD8011AR-REEL Datasheet HTML 10Page - Analog Devices AD8011AR-REEL Datasheet HTML 11Page - Analog Devices AD8011AR-REEL Datasheet HTML 12Page - Analog Devices AD8011AR-REEL Datasheet HTML 13Page - Analog Devices AD8011AR-REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
REV. C
AD8011
–9–
THEORY OF OPERATION
The AD8011 is a revolutionary generic high speed CF amplifier
that attains new levels of BW, power, distortion, and signal swing
capability. If these key parameters were combined as a figure of
ac merit performance or [(frequency
VSIG)/(distortion
power)],
no IC amplifier today would come close to the merit value of the
AD8011 for frequencies above a few MHz. Its wide dynamic
performance (including noise) is the result of both a new com-
plementary high speed bipolar process and a new and unique
architectural design. The AD8011 uses basically a two gain stage
complementary design approach versus the traditional “single
stage” complementary mirror structure sometimes referred to as
the Nelson amplifier. Though twin stages have been tried before,
they typically consumed high power since they were of a folded
cascade design much like the AD9617. This design allows for
the standing or quiescent current to add to the high signal or slew
current induced stages much like the Nelson or single-stage design.
Thus, in the time domain, the large signal output rise/fall time
and slew rate is controlled typically by the small signal BW of the
amplifier and the input signal step amplitude respectively, not the
dc quiescent current of the gain stages (with the exception of
input level shift diodes Q1/Q2). Using two stages versus one also
allows for a higher overall gain bandwidth product (GBWP) for
the same power, thus lower signal distortion and the ability to
drive heavier external loads. In addition, the second gain stage
also isolates (divides down) A3’s input reflected load drive and
the nonlinearities created resulting in relatively lower distortion
and higher open-loop gain.
Overall, when high external load drive and low ac distortion is a
requirement, a twin gain stage integrating amplifier like the AD8011
will provide superior results for lower power over the traditional
single-stage complementary devices. In addition, being a CF
amplifier, closed-loop BW variations versus external gain variations
(varying RN) will be much lower compared to a VF op amp, where
the BW varies inversely with gain. Another key attribute of this
amplifier is its ability to run on a single 5 V supply due in part to
its wide common-mode input and output voltage range capability.
For 5 V supply operation, the device obviously consumes half
the quiescent power (versus 10 V supply) with little degradation
in its ac and dc performance characteristics. See Specifications.
DC GAIN CHARACTERISTICS
Gain stages A1/A1B and A2/A2B combined provide negative
feedforward transresistance gain (see Figure 6). Stage A3 is a unity
gain buffer that provides external load isolation to A2. Each stage
uses a symmetrical complementary design. (A3 is also complemen-
tary though not explicitly shown.) This is done to reduce second
order signal distortion and overall quiescent power as discussed
previously. In the quasi dc to low frequency region, the closed-
loop gain relationship can be approximated as
G = 1 + RF/RN
noninverting operation
G = –RF/RN
inverting operation
These basic relationships are common to all traditional opera-
tional amplifiers. Due to the inverting input error current (IE)
required to servo the output and the inverting IE
RI drop
VP
Q1
Q2
IPP
IPN
IPN
VN
ZI
IQ1
Q3
Q4
IE
IR – IFC
IR + IFC
CP1
CP1
Z2
A2
CL
RL
ICQ – IO
RF
VO
CD
ICQ + IO
–VI
–VI
VO
IQ1
AD8011
A2
CP2
Z1
Z1 = R1 || C1
Z1
CD
RL
A1
A1
INP
A3
Figure 6. Simplified Block Diagram


유사한 부품 번호 - AD8011AR-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8011AR-REEL AD-AD8011AR-REEL Datasheet
219Kb / 16P
   300 MHz, 1 mA Current Feedback Amplifier
REV. B
AD8011AR-REEL AD-AD8011AR-REEL Datasheet
267Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011AR-REEL7 AD-AD8011AR-REEL7 Datasheet
219Kb / 16P
   300 MHz, 1 mA Current Feedback Amplifier
REV. B
AD8011AR-REEL7 AD-AD8011AR-REEL7 Datasheet
267Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
More results

유사한 설명 - AD8011AR-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8011ARZ-REEL AD-AD8011ARZ-REEL Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011ANZ AD-AD8011ANZ Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011 AD-AD8011_03 Datasheet
267Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011 AD-AD8011 Datasheet
219Kb / 16P
   300 MHz, 1 mA Current Feedback Amplifier
REV. B
logo
Elantec Semiconductor
EL2030 ELANTEC-EL2030 Datasheet
408Kb / 16P
   120 MHz Current Feedback Amplifier
EL2020D ELANTEC-EL2020D Datasheet
422Kb / 2P
   50 MHz Current Feedback Amplifier
EL2020C ELANTEC-EL2020C Datasheet
409Kb / 20P
   50 MHz Current Feedback Amplifier
EL2130C ELANTEC-EL2130C Datasheet
230Kb / 8P
   85 MHz Current Feedback Amplifier
EL2120C ELANTEC-EL2120C Datasheet
354Kb / 12P
   100 MHz Current Feedback Amplifier
EL2160C-1 ELANTEC-EL2160C-1 Datasheet
430Kb / 16P
   130 MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com