전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8075 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD8075
상세설명  Video Buffers with Disable
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8075 데이터시트(HTML) 5 Page - Analog Devices

  AD8075_15 Datasheet HTML 1Page - Analog Devices AD8075_15 Datasheet HTML 2Page - Analog Devices AD8075_15 Datasheet HTML 3Page - Analog Devices AD8075_15 Datasheet HTML 4Page - Analog Devices AD8075_15 Datasheet HTML 5Page - Analog Devices AD8075_15 Datasheet HTML 6Page - Analog Devices AD8075_15 Datasheet HTML 7Page - Analog Devices AD8075_15 Datasheet HTML 8Page - Analog Devices AD8075_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AD8074/AD8075
–5–
FREQUENCY – MHz
0
0.1
1000
1
10
100
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
VOUT = 2V p-p (ACTIVE CHANNEL(s))
RL = 1k
RT = 37.5
ALL-HOSTILE
ADJACENT
TPC 7. AD8074 Crosstalk vs. Frequency (All Hostile and
Adjacent RL = 1 k
Ω)
FUNDAMENTAL FREQUENCY – MHz
0
1
1000
10
100
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
VOUT = 2V p-p
RL = 150
RT = 37.5
THIRD
HARMONIC
SECOND
HARMONIC
TPC 8. AD8074 Distortion vs. Frequency
FREQUENCY – MHz
0
0.1
1000
1
10
100
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
VOUT = 2V p-p (ACTIVE CHANNEL(s))
RL = 150
RT = 37.5
ALL-HOSTILE
ADJACENT
TPC 9. AD8075 Crosstalk vs. Frequency (All Hostile and
Adjacent RL = 150
Ω)
FUNDAMENTAL FREQUENCY – MHz
0
1
1000
10
100
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
SECOND
HARMONIC
THIRD
HARMONIC
VOUT = 2V p-p
RL = 150
RT = 37.5
TPC 10. AD8075 Distortion vs. Frequency
Rev. B


유사한 부품 번호 - AD8075_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8075-EVAL AD-AD8075-EVAL Datasheet
306Kb / 16P
   500 MHz, G = -1 and 2 Triple Video Buffers with Disable
REV. A
AD8075ARU AD-AD8075ARU Datasheet
306Kb / 16P
   500 MHz, G = -1 and 2 Triple Video Buffers with Disable
REV. A
AD8075ARUZ AD-AD8075ARUZ Datasheet
755Kb / 15P
   500 MHz, G = 1 and 2 Triple Video Buffers with Disable
REV. B
AD8075ARUZ AD-AD8075ARUZ Datasheet
755Kb / 15P
   500 MHz, G = 1 and 2 Triple Video Buffers with Disable
REV. B
AD8075ARUZ-REEL AD-AD8075ARUZ-REEL Datasheet
755Kb / 15P
   500 MHz, G = 1 and 2 Triple Video Buffers with Disable
REV. B
More results

유사한 설명 - AD8075_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8074 AD-AD8074_15 Datasheet
755Kb / 15P
   Video Buffers with Disable
Rev. B
AD8074 AD-AD8074 Datasheet
306Kb / 16P
   500 MHz, G = -1 and 2 Triple Video Buffers with Disable
REV. A
AD8075ARUZ AD-AD8075ARUZ Datasheet
755Kb / 15P
   500 MHz, G = 1 and 2 Triple Video Buffers with Disable
REV. B
AD8074Z-EVAL AD-AD8074Z-EVAL Datasheet
755Kb / 15P
   500 MHz, G = 1 and 2 Triple Video Buffers with Disable
REV. B
AD810ARZ AD-AD810ARZ Datasheet
339Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810AR-EBZ AD-AD810AR-EBZ Datasheet
517Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
logo
Intersil Corporation
HA-5020 INTERSIL-HA-5020_06 Datasheet
564Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
logo
Analog Devices
AD810 AD-AD810_17 Datasheet
549Kb / 17P
   Low Power Video Op Amp with Disable
logo
Intersil Corporation
HA-5020 INTERSIL-HA-5020 Datasheet
571Kb / 19P
   100MHz Current Feedback Video Amplifier with Disable
August 2002
logo
National Semiconductor ...
CLC411 NSC-CLC411 Datasheet
640Kb / 8P
   High-Speed Video Op Amp with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com