전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8111 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD8111
상세설명  260 MHz, 16 8 Buffered Video Crosspoint Switches
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8111 데이터시트(HTML) 3 Page - Analog Devices

  AD8111_15 Datasheet HTML 1Page - Analog Devices AD8111_15 Datasheet HTML 2Page - Analog Devices AD8111_15 Datasheet HTML 3Page - Analog Devices AD8111_15 Datasheet HTML 4Page - Analog Devices AD8111_15 Datasheet HTML 5Page - Analog Devices AD8111_15 Datasheet HTML 6Page - Analog Devices AD8111_15 Datasheet HTML 7Page - Analog Devices AD8111_15 Datasheet HTML 8Page - Analog Devices AD8111_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
REV. A
–2–
AD8110/AD8111–SPECIFICATIONS (V
S =
5 V, TA = +25 C, RL = 1 k
unless otherwise noted.)
AD8110/AD8111
Parameter
Conditions
Min
Typ
Max
Unit
Reference
DYNAMIC PERFORMANCE
–3 dB Bandwidth
200 mV p-p, RL = 150
300/190
390/260
MHz
TPC 1, 7
2 V p-p, RL = 150
150
MHz
TPC 1, 7
Propagation Delay
2 V p-p, RL = 150
5ns
Slew Rate
2 V Step, RL = 150
500
V/
µs
Settling Time
0.1%, 2 V Step, RL = 150
40
ns
TPC 6, 12
Gain Flatness
0.05 dB, 200 mV p-p, RL = 150
60/40
MHz
TPC 1, 7
0.05 dB, 2 V p-p, RL = 150
65/40
MHz
TPC 1, 7
0.1 dB, 200 mV p-p, RL = 150
80/57
MHz
TPC 1, 7
0.1 dB, 2 V p-p, RL = 150
70/57
MHz
TPC 1, 7
NOISE/DISTORTION PERFORMANCE
Differential Gain Error
NTSC or PAL, RL = 1 k
0.01
%
NTSC or PAL, RL =150
0.02
%
Differential Phase Error
NTSC or PAL, RL = 1 k
0.01
Degrees
NTSC or PAL, RL = 150
0.02
Degrees
Crosstalk, All Hostile
f = 5 MHz
78/85
dB
TPC 2, 8
f = 10 MHz
70/80
dB
TPC 2, 8
Off Isolation, Input-Output
f = 10 MHz, RL =150
Ω, One Channel
93/99
dB
TPC 17, 23
Input Voltage Noise
0.01 MHz to 50 MHz
15
nV/
√Hz TPC 14, 20
DC PERFORMANCE
Gain Error
RL = 1 k
0.04/0.1
0.07/0.5
%
RL = 150
0.15/0.25
%
Gain Matching
No Load, Channel-Channel
0.02/1.0
%
RL = 1 k
Ω, Channel-Channel
0.09/1.0
%
Gain Temperature Coefficient
0.5/8
ppm/
°C
OUTPUT CHARACTERISTICS
Output Impedance
DC, Enabled
0.2
18, 24
Disabled
10/0.001
M
15, 21
Output Disable Capacitance
Disabled
2
pF
Output Leakage Current
Disabled, AD8110 Only
1/NA
µA
Output Voltage Range
No Load
±2.5
±3V
Output Current
20
40
mA
Short Circuit Current
65
mA
INPUT CHARACTERISTICS
Input Offset Voltage
Worst Case (All Configurations)
5
20
mV
29, 35
Temperature Coefficient
12
µV/°C
30, 36
Input Voltage Range
±2.5/±1.25 ±3/±1.5
V
Input Capacitance
Any Switch Configuration
2.5
pF
Input Resistance
1
10
M
Input Bias Current
Per Output Selected
2
5
µA
SWITCHING CHARACTERISTICS
Enable On Time
60
ns
Switching Time, 2 V Step
50%
UPDATE to 1% Settling
25
ns
Switching Transient (Glitch)
Measured at Output
20/30
mV p-p
16, 22
POWER SUPPLIES
Supply Current
AVCC, Outputs Enabled, No Load
38
mA
AVCC, Outputs Disabled
15
mA
AVEE, Outputs Enabled, No Load
38
mA
AVEE, Outputs Disabled
15
mA
DVCC
11
mA
Supply Voltage Range
±4.5 to ±5.5
V
PSRR
f = 100 kHz
75/78
dB
13, 19
f = 1 MHz
–55/–58
dB
OPERATING TEMPERATURE RANGE
Temperature Range
Operating (Still Air)
–40 to +85
°C
θ
JA
Operating (Still Air)
48
°C/W
Specifications subject to change without notice.


유사한 부품 번호 - AD8111_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8111-EB AD-AD8111-EB Datasheet
441Kb / 28P
   260 MHz, 16 x 8 Buffered Video Crosspoint Switches
REV. 0
AD8111-EB AD-AD8111-EB Datasheet
606Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8111-EB AD-AD8111-EB Datasheet
645Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8111AST AD-AD8111AST Datasheet
441Kb / 28P
   260 MHz, 16 x 8 Buffered Video Crosspoint Switches
REV. 0
AD8111AST AD-AD8111AST Datasheet
606Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
More results

유사한 설명 - AD8111_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8110 AD-AD8110_15 Datasheet
645Kb / 29P
   260 MHz, 16 8 Buffered Video Crosspoint Switches
REV. A
AD8111ASTZ AD-AD8111ASTZ Datasheet
606Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8111ASTZ AD-AD8111ASTZ Datasheet
645Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8110ASTZ AD-AD8110ASTZ Datasheet
416Kb / 28P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8110 AD-AD8110 Datasheet
441Kb / 28P
   260 MHz, 16 x 8 Buffered Video Crosspoint Switches
REV. 0
AD8106 AD-AD8106 Datasheet
571Kb / 28P
   260 MHz, 16 횞 5 Buffered Video Crosspoint Switches
REV. 0
AD8108 AD-AD8108_15 Datasheet
1,020Kb / 33P
   325 MHz, 8 8 Buffered Video Crosspoint Switches
REV. B
AD8109 AD-AD8109_15 Datasheet
1,020Kb / 33P
   325 MHz, 8 8 Buffered Video Crosspoint Switches
REV. B
AD8108 AD-AD8108_05 Datasheet
994Kb / 33P
   325 MHz, 8 횞 8 Buffered Video Crosspoint Switches
REV. B
AD8108 AD-AD8108 Datasheet
434Kb / 28P
   325 MHz, 8 x 8 Buffered Video Crosspoint Switches
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com