전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8137 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD8137
상세설명  Low Cost, Low Power, Differential ADC Driver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8137 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD8137_15 Datasheet HTML 7Page - Analog Devices AD8137_15 Datasheet HTML 8Page - Analog Devices AD8137_15 Datasheet HTML 9Page - Analog Devices AD8137_15 Datasheet HTML 10Page - Analog Devices AD8137_15 Datasheet HTML 11Page - Analog Devices AD8137_15 Datasheet HTML 12Page - Analog Devices AD8137_15 Datasheet HTML 13Page - Analog Devices AD8137_15 Datasheet HTML 14Page - Analog Devices AD8137_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
AD8137
Data Sheet
Rev. E | Page 10 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
–IN
1
VOCM 2
VS+ 3
+OUT
4
+IN
8
PD
7
VS–
6
–OUT
5
AD8137
Figure 4. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
−IN
Inverting Input.
2
VOCM
An internal feedback loop drives the output common-mode voltage to be equal to the voltage applied to
the VOCM pin, provided the operation of the amplifier remains linear.
3
VS+
Positive Power Supply Voltage.
4
+OUT
Positive Side of the Differential Output.
5
−OUT
Negative Side of the Differential Output.
6
VS−
Negative Power Supply Voltage.
7
PD
Power Down.
8
+IN
Noninverting Input.
EPAD
Exposed paddle may be connected to either ground plane or power plane.


유사한 부품 번호 - AD8137_15

제조업체부품명데이터시트상세설명
logo
Aavid, Thermal Division...
AD8137 AAVID-AD8137_12 Datasheet
588Kb / 32P
   Low Cost, Low Power, Differential ADC Driver
logo
Analog Devices
AD8137 AD-AD8137_16 Datasheet
629Kb / 33P
   Low Cost, Low Power, Differential ADC Driver
More results

유사한 설명 - AD8137_15

제조업체부품명데이터시트상세설명
logo
Aavid, Thermal Division...
AD8137 AAVID-AD8137_12 Datasheet
588Kb / 32P
   Low Cost, Low Power, Differential ADC Driver
logo
Analog Devices
AD8137 AD-AD8137_16 Datasheet
629Kb / 33P
   Low Cost, Low Power, Differential ADC Driver
AD8137 AD-AD8137_05 Datasheet
841Kb / 24P
   Low Cost, Low Power 12-Bit Differential ADC Driver
REV. B
AD8137 AD-AD8137 Datasheet
815Kb / 24P
   Low Cost, Low Power 12-Bit Differential ADC Driver
REV. A
ADA4932-1 AD-ADA4932-1 Datasheet
551Kb / 28P
   Low Power Differential ADC Driver
REV. 0
ADA4932-1 AD-ADA4932-1_09 Datasheet
477Kb / 28P
   Low Power Differential ADC Driver
REV. A
ADA4932-1 AD-ADA4932-1_16 Datasheet
753Kb / 27P
   Low Power, Differential ADC Driver
AD8138 AD-AD8138_06 Datasheet
496Kb / 24P
   Low Distortion Differential ADC Driver
Rev. F
AD8138 AD-AD8138_16 Datasheet
524Kb / 25P
   Low Distortion, Differential ADC Driver
AD8138 AD-AD8138 Datasheet
534Kb / 16P
   Low Distortion Differential ADC Driver
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com