전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8146 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD8146
상세설명  Triple Differential Driver for Wideband Video
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8146 데이터시트(HTML) 3 Page - Analog Devices

  AD8146_15 Datasheet HTML 1Page - Analog Devices AD8146_15 Datasheet HTML 2Page - Analog Devices AD8146_15 Datasheet HTML 3Page - Analog Devices AD8146_15 Datasheet HTML 4Page - Analog Devices AD8146_15 Datasheet HTML 5Page - Analog Devices AD8146_15 Datasheet HTML 6Page - Analog Devices AD8146_15 Datasheet HTML 7Page - Analog Devices AD8146_15 Datasheet HTML 8Page - Analog Devices AD8146_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
AD8146/AD8147/AD8148
Rev. B | Page 3 of 24
SPECIFICATIONS
VS = ±5V, VOCM = 0 V (AD8146); SYNC LEVEL = 0 V (AD8147/AD8148); T = 25°C; RL, dm = 200 Ω, unless otherwise noted.
TMIN to TMAX = −40°C to +85°C.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
DIFFERENTIAL INPUT AC
Dynamic Performance
−3 dB Small Signal Bandwidth
VO = 0.2 V p-p,
AD8146/AD8148
900
MHz
AD8147
780
MHz
−3 dB Large Signal Bandwidth
VO = 2 V p-p,
AD8146/AD8148
700
MHz
AD8147
600
MHz
Bandwidth for 0.1 dB Flatness
VO = 2 V p-p,
AD8146/AD8147
200
MHz
AD8148
235
MHz
Slew Rate
VO = 2 V p-p, 25% to 75%
3000
V/µs
Isolation Between Amplifiers
f = 10 MHz
AD8146/AD8147
−86
dB
AD8148
−80
dB
DIFFERENTIAL INPUT DC
Input Common-Mode Voltage Range
−5 to +5
V
Input Resistance
Differential
1.0
kΩ
Single-ended input
AD8146/AD8147
750
AD8148
833
Input Capacitance
Differential
2
pF
DC CMRR
ΔVOUT, dm/ΔVIN, cm, ΔVIN, cm = ±1 V
AD8146/AD8147/AD8148
−53/−49/−55
dB
DIFFERENTIAL OUTPUT
Differential Signal Gain
ΔVOUT,dm/ΔVIN,dm; ΔVIN,dm = ±1 V
AD8146/AD8147
1.94
2.00
V/V
ΔVOUT,dm/ΔVIN,dm; ΔVIN,dm = ±1 V
AD8148
3.8
4.0
V/V
Output Voltage Swing
Each single-ended output
AD8146/AD8147/AD8148
−3/−2.25/−3.42
+3.4/+3.4/+3.5
V
Output Offset Voltage
−19
+19
mV
Output Offset Drift
TMIN to TMAX
±8
µV/°C
Output Balance Error
ΔVOUT,cm/ΔVIN,dm, ΔVOUT,dm = 2 V p-p
f = 50 MHz
AD8146/AD8147
−52
dB
AD8148
−49
dB
DC
AD8146/AD8148
−41
dB
AD8147
−44
dB
Output Voltage Noise (RTO)
f = 1 MHz
AD8146/AD8147
25
nV/√Hz
AD8148
42
nV/√Hz
Output Short-Circuit Current
Short to GND, source/sink
+87/−67
mA


유사한 부품 번호 - AD8146_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8146ACPZ-R2 AD-AD8146ACPZ-R2 Datasheet
584Kb / 24P
   Triple Differential Driver for Wideband Video
REV. 0
AD8146ACPZ-R7 AD-AD8146ACPZ-R7 Datasheet
584Kb / 24P
   Triple Differential Driver for Wideband Video
REV. 0
AD8146ACPZ-RL AD-AD8146ACPZ-RL Datasheet
584Kb / 24P
   Triple Differential Driver for Wideband Video
REV. 0
More results

유사한 설명 - AD8146_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8146 AD-AD8146 Datasheet
584Kb / 24P
   Triple Differential Driver for Wideband Video
REV. 0
AD8147 AD-AD8147_15 Datasheet
543Kb / 24P
   Triple Differential Driver for Wideband Video
REV. B
AD8148 AD-AD8148_15 Datasheet
543Kb / 24P
   Triple Differential Driver for Wideband Video
REV. B
logo
California Eastern Labs
UPC1663GV CEL-UPC1663GV Datasheet
188Kb / 6P
   ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
logo
NEC
UPC1663G NEC-UPC1663G Datasheet
45Kb / 5P
   ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
logo
Unisonic Technologies
VF8418 UTC-VF8418_15 Datasheet
165Kb / 6P
   TRIPLE VIDEO DRIVER
logo
Sanyo Semicon Device
LA73062V SANYO-LA73062V Datasheet
218Kb / 12P
   Monolithic Linear IC Video Driver for Wideband
logo
Agamem Microelectronic ...
AA7623 AGAMEM-AA7623 Datasheet
40Kb / 1P
   TRIPLE CHANNEL VIDEO DRIVER
logo
New Japan Radio
NJM2504 NJRC-NJM2504 Datasheet
117Kb / 5P
   VIDEO DIFFERENTIAL OUTPUT DRIVER
logo
IC-Haus GmbH
IC-HE ICHAUS-IC-HE Datasheet
371Kb / 6P
   TRIPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com