전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8148 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD8148
상세설명  Triple Differential Driver for Wideband Video
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8148 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD8148_15 Datasheet HTML 5Page - Analog Devices AD8148_15 Datasheet HTML 6Page - Analog Devices AD8148_15 Datasheet HTML 7Page - Analog Devices AD8148_15 Datasheet HTML 8Page - Analog Devices AD8148_15 Datasheet HTML 9Page - Analog Devices AD8148_15 Datasheet HTML 10Page - Analog Devices AD8148_15 Datasheet HTML 11Page - Analog Devices AD8148_15 Datasheet HTML 12Page - Analog Devices AD8148_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
AD8146/AD8147/AD8148
Rev. B | Page 9 of 24
PIN 1
INDICATOR
1
OPD
2
VS–
3
–IN R
4
+IN R
5
VS–
6
–OUT R
15 +IN B
16 –IN B
17 VS+ (SYNC)
18 SYNC LEVEL
14 VS–
13 –OUT B
AD8147/
AD8148
TOP VIEW
(Not to Scale)
NOTES
1. THE EXPOSED PADDLE ON THE UNDERSIDE OF THE
CHIP MUST BE CONNECTED TO A GROUND PLANE.
Figure 5. AD8147/AD8148 Pin Configuration
Table 6. AD8147/AD8148 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
OPD
Output Pull-Down.
2, 5, 14
VS−
Negative Power Supply Voltage.
3
−IN R
Inverting Input, Red Amplifier.
4
+IN R
Noninverting Input, Red Amplifier.
6
−OUT R
Negative Output, Red Amplifier.
7
+OUT R
Positive Output, Red Amplifier.
8, 11, 24
VS+
Positive Power Supply Voltage.
9
+OUT G
Positive Output, Green Amplifier.
10
−OUT G
Negative Output, Green Amplifier.
12
+OUT B
Positive Output, Blue Amplifier.
13
−OUT B
Negative Output, Blue Amplifier.
15
+IN B
Noninverting Input, Blue Amplifier.
16
−IN B
Inverting Input, Blue Amplifier.
17
VS+ (SYNC)
Positive Power Supply Voltage for Sync.
18
SYNC LEVEL
The voltage applied to this pin controls the amplitude of the sync pulses that are applied to
the common-mode voltages.
19
HSYNC
Horizontal Sync Pulse Input.
20
VSYNC
Vertical Sync Pulse Input.
21
VS− (SYNC)
Negative Power Supply Voltage for Sync.
22
+IN G
Noninverting Input, Green Amplifier.
23
−IN G
Inverting Input, Green Amplifier.
Exposed Paddle
GND
Signal Ground Reference.


유사한 부품 번호 - AD8148_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8148ACPZ-R2 AD-AD8148ACPZ-R2 Datasheet
584Kb / 24P
   Triple Differential Driver for Wideband Video
REV. 0
AD8148ACPZ-R7 AD-AD8148ACPZ-R7 Datasheet
584Kb / 24P
   Triple Differential Driver for Wideband Video
REV. 0
AD8148ACPZ-RL AD-AD8148ACPZ-RL Datasheet
584Kb / 24P
   Triple Differential Driver for Wideband Video
REV. 0
More results

유사한 설명 - AD8148_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8146 AD-AD8146_15 Datasheet
543Kb / 24P
   Triple Differential Driver for Wideband Video
REV. B
AD8146 AD-AD8146 Datasheet
584Kb / 24P
   Triple Differential Driver for Wideband Video
REV. 0
AD8147 AD-AD8147_15 Datasheet
543Kb / 24P
   Triple Differential Driver for Wideband Video
REV. B
logo
California Eastern Labs
UPC1663GV CEL-UPC1663GV Datasheet
188Kb / 6P
   ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
logo
NEC
UPC1663G NEC-UPC1663G Datasheet
45Kb / 5P
   ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
logo
Unisonic Technologies
VF8418 UTC-VF8418_15 Datasheet
165Kb / 6P
   TRIPLE VIDEO DRIVER
logo
Sanyo Semicon Device
LA73062V SANYO-LA73062V Datasheet
218Kb / 12P
   Monolithic Linear IC Video Driver for Wideband
logo
Agamem Microelectronic ...
AA7623 AGAMEM-AA7623 Datasheet
40Kb / 1P
   TRIPLE CHANNEL VIDEO DRIVER
logo
New Japan Radio
NJM2504 NJRC-NJM2504 Datasheet
117Kb / 5P
   VIDEO DIFFERENTIAL OUTPUT DRIVER
logo
IC-Haus GmbH
IC-HE ICHAUS-IC-HE Datasheet
371Kb / 6P
   TRIPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com