전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8185 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD8185
상세설명  380 MHz, 25 mA, Triple 2 1 Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8185 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD8185_15 Datasheet HTML 3Page - Analog Devices AD8185_15 Datasheet HTML 4Page - Analog Devices AD8185_15 Datasheet HTML 5Page - Analog Devices AD8185_15 Datasheet HTML 6Page - Analog Devices AD8185_15 Datasheet HTML 7Page - Analog Devices AD8185_15 Datasheet HTML 8Page - Analog Devices AD8185_15 Datasheet HTML 9Page - Analog Devices AD8185_15 Datasheet HTML 10Page - Analog Devices AD8185_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. 0
AD8183/AD8185
–7–
FREQUENCY – MHz
–40
0.1
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
1
10
100
500
Figure 21. AD8183 Off Isolation, Input–Output
FREQUENCY – MHz
–10
0.1
0
10
20
30
40
50
60
70
80
1
10
100
–PSRR
+PSRR
Figure 22. AD8183 PSRR vs. Frequency
FREQUENCY – Hz
170
10
1k
10k
100k
1M
10M
150
130
110
90
70
50
30
10
100
Figure 23. AD8183 Voltage Noise vs. Frequency
FREQUENCY – MHz
–40
0.1
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
1
10
100
500
Figure 24. AD8185 Off Isolation, Input–Output
FREQUENCY – MHz
–10
0.1
0
10
20
30
40
50
60
70
80
1
10
100
+PSRR
–PSRR
Figure 25. AD8185 PSRR vs. Frequency
10
1k
10k
100k
1M
10M
100
FREQUENCY – Hz
170
150
130
110
90
70
50
30
10
Figure 26. AD8185 RTI Voltage Noise vs. Frequency


유사한 부품 번호 - AD8185_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8185-EVAL AD-AD8185-EVAL Datasheet
739Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8185-EVAL AD-AD8185-EVAL Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8185-EVAL AD-AD8185-EVAL Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8185-EVAL AD-AD8185-EVAL Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8185-EVAL AD-AD8185-EVAL Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
More results

유사한 설명 - AD8185_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8183ARUZ-REEL AD-AD8183ARUZ-REEL Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8185ARUZ AD-AD8185ARUZ Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8183 AD-AD8183 Datasheet
739Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8183ARUZ AD-AD8183ARUZ Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8183ARUZ AD-AD8183ARUZ Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8183 AD-AD8183_15 Datasheet
732Kb / 16P
   Triple 2 1 Multiplexers
REV. 0
AD8183 AD-AD8183_16 Datasheet
282Kb / 12P
   Triple 2:1 Multiplexers
AD8189 AD-AD8189_15 Datasheet
826Kb / 24P
   350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
AD8186 AD-AD8186_15 Datasheet
479Kb / 20P
   480 MHz Single-Supply Triple 2 1 Multiplexers
REV. A
AD8188 AD-AD8188_15 Datasheet
826Kb / 24P
   350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com