전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8193 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD8193
상세설명  Buffered 2:1 TMDS Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8193 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD8193_15 Datasheet HTML 4Page - Analog Devices AD8193_15 Datasheet HTML 5Page - Analog Devices AD8193_15 Datasheet HTML 6Page - Analog Devices AD8193_15 Datasheet HTML 7Page - Analog Devices AD8193_15 Datasheet HTML 8Page - Analog Devices AD8193_15 Datasheet HTML 9Page - Analog Devices AD8193_15 Datasheet HTML 10Page - Analog Devices AD8193_15 Datasheet HTML 11Page - Analog Devices AD8193_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8193
Rev. 0 | Page 8 of 16
TA = 27°C, AVCC = 3.3 V, VTTI = 3.3 V, VTTO = 3.3 V, AVEE = 0 V, differential input swing = 1000 mV, pattern = PRBS 27 − 1,
data rate = 2.25 Gbps, TMDS outputs terminated with external 50 Ω resistors to 3.3 V, unless otherwise noted.
2.5
2.7
2.9
3.1
3.3
3.5
3.7
0
10
20
30
40
50
INPUT COMMON-MODE VOLTAGE (V)
DJ (p-p)
RJ (rms)
Figure 15. Jitter vs. Input Common-Mode Voltage
40
42
44
46
48
50
52
54
56
58
60
–40
–15
10
35
60
85
TEMPERATURE (°C)
Figure 16. Single-Ended Input Resistance vs. Temperature
–40
–15
10
35
60
85
0
10
20
30
40
50
TEMPERATURE (°C)
DJ (p-p)
RJ (rms)
Figure 17. Jitter vs. Temperature
0
20
40
60
80
100
120
140
160
0
204060
80
100
–40
–20
TEMPERATURE (°C)
RISE TIME
FALL TIME
Figure 18. Rise and Fall Time vs. Temperature


유사한 부품 번호 - AD8193_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8193-EVALZ AD-AD8193-EVALZ Datasheet
463Kb / 16P
   Buffered 2:1 TMDS Switch
REV. 0
AD8193ACPZ AD-AD8193ACPZ Datasheet
463Kb / 16P
   Buffered 2:1 TMDS Switch
REV. 0
AD8193ACPZ-R7 AD-AD8193ACPZ-R7 Datasheet
463Kb / 16P
   Buffered 2:1 TMDS Switch
REV. 0
More results

유사한 설명 - AD8193_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8193 AD-AD8193 Datasheet
463Kb / 16P
   Buffered 2:1 TMDS Switch
REV. 0
AD8194 AD-AD8194_17 Datasheet
443Kb / 16P
   Buffered 2:1 TMDS Switch Equalization
AD8194 AD-AD8194_15 Datasheet
463Kb / 16P
   Buffered 2:1 TMDS Switch with Equalization
REV. 0
AD8194ACPZ AD-AD8194ACPZ Datasheet
476Kb / 16P
   Buffered 2:1 TMDS Switch with Equalization
REV. 0
logo
Texas Instruments
SN75DP122RTQT TI1-SN75DP122RTQT Datasheet
953Kb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122 TI-SN75DP122 Datasheet
914Kb / 35P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122A TI1-SN75DP122A Datasheet
1Mb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP126 TI1-SN75DP126 Datasheet
1Mb / 41P
[Old version datasheet]   DisplayPort??1:2 Re-Driver Switch with TMDS Translator
logo
Maxim Integrated Produc...
MAX3845 MAXIM-MAX3845 Datasheet
557Kb / 19P
   DVI/HDMI 2:4 TMDS Fanout Switch and Cable Driver
Rev 0; 4/07
logo
NXP Semiconductors
PCA9646 NXP-PCA9646 Datasheet
423Kb / 22P
   Buffered 4-channel 2-wire bus switch
Rev. 1-1 March 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com